전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AOZ2366QI 데이터시트 (PDF) - Alpha & Omega Semiconductors

AOZ2366QI Datasheet PDF - Alpha & Omega Semiconductors
부품명 AOZ2366QI
다운로드  AOZ2366QI 다운로드
파일 크기   1764.95 Kbytes
페이지   18 Pages
제조업체  AOSMD [Alpha & Omega Semiconductors]
홈페이지  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
상세설명 28V/20A Synchronous EZBuckTM Regulator

AOZ2366QI Datasheet (PDF)

Go To PDF Page 다운로드 데이터시트
AOZ2366QI Datasheet PDF - Alpha & Omega Semiconductors

부품명 AOZ2366QI
다운로드  AOZ2366QI Click to download

파일 크기   1764.95 Kbytes
페이지   18 Pages
제조업체  AOSMD [Alpha & Omega Semiconductors]
홈페이지  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
상세설명 28V/20A Synchronous EZBuckTM Regulator

AOZ2366QI 데이터시트 (HTML) - Alpha & Omega Semiconductors


AOZ2366QI 제품 세부 정보

General Description
The AOZ2366QI is a high-efficiency, easy-to-use DC/DC
synchronous buck regulator that operates over a wide
4.5V to 28V voltage range.The device is capable of
supplying 20A of continuous output current with an
output voltage adjustable down to 0.6V (±1.0%).
A proprietary constant on-time PWM control with input
feed-forward results in ultra-fast transient response while
maintaining relatively constant switching frequency over
the entire input voltage range. A low 80ns minimum ontime
enables very low output voltages at ultra-high
operating frequencies.
Integrated AC ripple injection enables all-ceramic low
ESR output filter capacitors and smaller PCB footprint
with no external components needed.
Selectable PFM mode optimizes light load efficiency
while forced PWM mode maintains constant frequency
for lower harmonic noise.
The device features multiple protection functions such as
VCC under-voltage lockout, cycle-by-cycle current limit,
output over-voltage protection, short-circuit protection,
and thermal shutdown.
The AOZ2366QI is available in a 5mm×5mm QFN_28L
package and is rated over a -40°C to +85°C ambient
temperature range.

Features
 Wide input voltage range
– 4.5V to 28V
 20A continuous output current
 Output voltage adjustable down to 0.6V (±1.0%)
 Low RDS(ON) internal NFETs
– 5m high-side
– 1.6m low-side
 Constant On-Time with input feed-forward
 Programmable on-time up to 2.6μs and down to 80ns
 Programmable switching frequency range: 32kHz to
1MHz (for 12VIN to 1VOUT)
 Selectable PFM or forced PWM light load operation
 Ceramic capacitor stable
 Adjustable soft start
 Power Good output
 Integrated bootstrap diode
 Cycle-by-cycle current limit
 Short-circuit protection
 Thermal shutdown
 Thermally enhanced 5mm x 5mm QFN_28L package

Applications
 Compact PCs and gaming systems
 Set-top boxes and LCD TVs
 Server and storage systems
 Datacom and networking
 Embedded computing
 Point-of load DC/DC converters




유사한 부품 번호 - AOZ2366QI

제조업체부품명데이터시트상세설명
logo
Alpha & Omega Semicondu...
AOZ2366QI-04 AOSMD-AOZ2366QI-04 Datasheet
2Mb / 19P
28V/22A Synchronous EZBuckTM Regulator
Rev. 1.1 November 2021
More results


유사한 설명 - AOZ2366QI

제조업체부품명데이터시트상세설명
logo
Alpha & Omega Semicondu...
AOZ1233QI-01 AOSMD-AOZ1233QI-01 Datasheet
793Kb / 17P
28V/8A Synchronous EZBuckTM Regulator
AOZ1236QI-01 AOSMD-AOZ1236QI-01 Datasheet
818Kb / 16P
28V/6A Synchronous EZBuckTM Regulator
AOZ2261QI-10 AOSMD-AOZ2261QI-10 Datasheet
954Kb / 16P
28V/8A Synchronous EZBuckTM Regulator
AOZ2261QI-15 AOSMD-AOZ2261QI-15 Datasheet
955Kb / 16P
28V/8A Synchronous EZBuckTM Regulator
AOZ2254TQI-20 AOSMD-AOZ2254TQI-20 Datasheet
1Mb / 17P
28V/8A Synchronous EZBuckTM Regulator
Rev. 2.0 May 2019
AOZ2262AQI-18 AOSMD-AOZ2262AQI-18 Datasheet
1Mb / 15P
28V/10A Synchronous EZBuckTM Regulator
Rev. 2.0 February 2021
AOZ2253LQI-30 AOSMD-AOZ2253LQI-30 Datasheet
2Mb / 15P
28V/8A Synchronous EZBuckTM Regulator
Rev. 1.0 December 2021
AOZ2238QI-01 AOSMD-AOZ2238QI-01 Datasheet
1Mb / 15P
28V/10A Synchronous EZBuckTM Regulator
Rev. 2.0 April 2016
AOZ2254LQI-30 AOSMD-AOZ2254LQI-30 Datasheet
2Mb / 15P
28V/10A Synchronous EZBuckTM Regulator
Rev. 1.0 December 2021
AOZ2337CQI-01 AOSMD-AOZ2337CQI-01 Datasheet
1Mb / 24P
I2C Controllable 28V/20A Synchronous EZBuckTM Regulator
Rev 1.0 May 2020
More results




Alpha & Omega Semiconductors 에 대하여


ALPHA & OMEGA SEMICONDUCTORS (AOS)는 전력 관리 통합 회로 (ICS)의 설계 및 제조를 전문으로하는 글로벌 반도체 회사입니다.
이 회사는 1995 년에 설립되었으며 캘리포니아 산호세에 본사를두고 있습니다.
AOS는 소비자 전자, 컴퓨팅, 통신 및 산업 시스템의 응용 분야를위한 광범위한 전력 관리 솔루션을 제공합니다.
이 회사는 최첨단 기술과 혁신적인 제품으로 유명하며 반도체 산업에서 강력한 명성을 얻었습니다.

*이 정보는 일반적인 정보 제공의 목적으로만 제공되며 위 정보로 인해 발생하는 손실이나 손해에 대해 책임을 지지 않습니다.




링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com