전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

NTS-2200 데이터시트 (PDF) - Mean Well Enterprises Co., Ltd.

NTS-2200 Datasheet PDF - Mean Well Enterprises Co., Ltd.
부품명 NTS-2200
다운로드  NTS-2200 다운로드
파일 크기   4641.03 Kbytes
페이지   9 Pages
제조업체  MEANWELL [Mean Well Enterprises Co., Ltd.]
홈페이지  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.
상세설명 2200W High Reliable True Sine Wave DC-AC Power Inverter

NTS-2200 Datasheet (PDF)

Go To PDF Page 다운로드 데이터시트
NTS-2200 Datasheet PDF - Mean Well Enterprises Co., Ltd.

부품명 NTS-2200
다운로드  NTS-2200 Click to download

파일 크기   4641.03 Kbytes
페이지   9 Pages
제조업체  MEANWELL [Mean Well Enterprises Co., Ltd.]
홈페이지  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.
상세설명 2200W High Reliable True Sine Wave DC-AC Power Inverter

NTS-2200 데이터시트 (HTML) - Mean Well Enterprises Co., Ltd.


NTS-2200 제품 세부 정보

Features
* True sine wave output (THD<3%)
* High surge power up to 4400W
* Temperature controlled cooling fan
* AC output votage and frequency selectable by DIP SW.
* Noload disspation <1.7W at standby saving mode
* 25C~+70C wide operating temperature
* Power ON-OFF remote control
* Front panel indicator for operation status
* Protections :
Input : Reverse polarity / DC. low alarm / DG low shutdown / Over voltage
Output : Short circuit / Overload / Over temp.
* Battery over discharge protection (low voltage disconnect)
* Suitable for lead-acid or iion batteries
* Remote controller
(IRC1, IRC2, IRC3 accessory sold separately, please refer to: hitps://www.meanwell.com/webapp/product/search.aspx?prod=IRC1 )
* Support RS-232 communication(Communication cable order No.: DS-RJ11-RS232, sold sperately)
* Carry handle accessory available(Order NO.: DS-Carry hande, sold separately)
* Gonformal coating
* 3 years warranty




유사한 부품 번호 - NTS-2200

제조업체부품명데이터시트상세설명
logo
Richco, Inc.
NTS-20 RICHCO-NTS-20 Datasheet
52Kb / 1P
NYLON THREADED SPACERS
NTS-25 RICHCO-NTS-25 Datasheet
52Kb / 1P
NYLON THREADED SPACERS
logo
Mean Well Enterprises C...
NTS-250P MEANWELL-NTS-250P Datasheet
306Kb / 6P
250W High Reliable Built-in Type True Sine Wave DC-AC Power Inverter
NTS-250P MEANWELL-NTS-250P Datasheet
1Mb / 7P
250W High Reliable Built-in Type True Sine Wave DC-AC Power Inverter
2022-03-18
NTS-250P-112 MEANWELL-NTS-250P-112 Datasheet
306Kb / 6P
250W High Reliable Built-in Type True Sine Wave DC-AC Power Inverter
More results


유사한 설명 - NTS-2200

제조업체부품명데이터시트상세설명
logo
Mean Well Enterprises C...
NTS-300 MEANWELL-NTS-300 Datasheet
2Mb / 8P
300W High Reliable True Sine Wave DC-AC Power Inverter
NTS-450 MEANWELL-NTS-450 Datasheet
2Mb / 8P
450W High Reliable True Sine Wave DC-AC Power Inverter
NTS-750 MEANWELL-NTS-750 Datasheet
5Mb / 8P
750W High Reliable True Sine Wave DC-AC Power Inverter
NTS-1200 MEANWELL-NTS-1200 Datasheet
6Mb / 8P
1200W High Reliable True Sine Wave DC-AC Power Inverter
NTU-1200 MEANWELL-NTU-1200 Datasheet
5Mb / 8P
1200W High Reliable True Sine Wave with UPS DC-AC Power Inverter
NTS-1700 MEANWELL-NTS-1700 Datasheet
1Mb / 8P
1700W High Reliable True Sine Wave DC-AC Power Inverter
2023-01-16
NTS-3200 MEANWELL-NTS-3200 Datasheet
4Mb / 9P
3200W High Reliable True Sine Wave DC-AC Power Inverter
2022-08-03
NTU-1700 MEANWELL-NTU-1700 Datasheet
4Mb / 8P
1700W High Reliable True Sine Wave with UPS DC-AC Power Inverter
2023-01-16
NTU-2200 MEANWELL-NTU-2200 Datasheet
4Mb / 9P
2200W High Reliable True Sine Wave with UPS DC-AC Power Inverter
2022-08-03
NTU-3200 MEANWELL-NTU-3200 Datasheet
4Mb / 9P
3200W High Reliable True Sine Wave with UPS DC-AC Power Inverter
2022-08-03
More results



링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com