전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

NTS-400P 데이터시트 (PDF) - Mean Well Enterprises Co., Ltd.

NTS-400P Datasheet PDF - Mean Well Enterprises Co., Ltd.
부품명 NTS-400P_V01
다운로드  NTS-400P 다운로드
파일 크기   1235.0 Kbytes
페이지   7 Pages
제조업체  MEANWELL [Mean Well Enterprises Co., Ltd.]
홈페이지  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.
상세설명 400W High Reliable Built-in Type True Sine Wave DC-AC Power Inverter

NTS-400P Datasheet (PDF)

Go To PDF Page 다운로드 데이터시트
NTS-400P Datasheet PDF - Mean Well Enterprises Co., Ltd.

부품명 NTS-400P_V01
다운로드  NTS-400P Click to download

파일 크기   1235.0 Kbytes
페이지   7 Pages
제조업체  MEANWELL [Mean Well Enterprises Co., Ltd.]
홈페이지  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.
상세설명 400W High Reliable Built-in Type True Sine Wave DC-AC Power Inverter

NTS-400P 데이터시트 (HTML) - Mean Well Enterprises Co., Ltd.


NTS-400P 제품 세부 정보

Features
* Gompact size and light weight
* True sine wave output (THD<3%)
* High surge power up to 800W
* 250W convection, 400W forced air
* AC output voltage and frequency selectable by DIP S.W
* No load disspation <1.5W max. at standby saving mode
* -20°C~+70C wide operating temperature.
* Power ON-OFF remote control
* Protections :
Input : Reverse polarity / DC low alarm / DC low shutdown / Over voltage
Output : Short circuit / Overload / Over temp.
* Battery over discharge protection (Low voltage disconnect)
* Sutable for lead-acid or li-ion batteries
* Support Tx/Rx for monitoring power inverter status
* Conformal coating
* 3 years warranty




유사한 부품 번호 - NTS-400P_V01

제조업체부품명데이터시트상세설명
logo
Mean Well Enterprises C...
NTS-400P-112 MEANWELL-NTS-400P-112 Datasheet
304Kb / 6P
400W High Reliable Built-in Type True Sine Wave DC-AC Power Inverter
NTS-400P-124 MEANWELL-NTS-400P-124 Datasheet
304Kb / 6P
400W High Reliable Built-in Type True Sine Wave DC-AC Power Inverter
NTS-400P-148 MEANWELL-NTS-400P-148 Datasheet
304Kb / 6P
400W High Reliable Built-in Type True Sine Wave DC-AC Power Inverter
NTS-400P-212 MEANWELL-NTS-400P-212 Datasheet
304Kb / 6P
400W High Reliable Built-in Type True Sine Wave DC-AC Power Inverter
NTS-400P-224 MEANWELL-NTS-400P-224 Datasheet
304Kb / 6P
400W High Reliable Built-in Type True Sine Wave DC-AC Power Inverter
More results


유사한 설명 - NTS-400P_V01

제조업체부품명데이터시트상세설명
logo
Mean Well Enterprises C...
TS-400-112 MEANWELL-TS-400-112 Datasheet
366Kb / 2P
400W True Sine Wave DC-AC Power Inverter
TS-400 MEANWELL-TS-400_10 Datasheet
377Kb / 2P
400W True Sine Wave DC-AC Power Inverter
TS-400 MEANWELL-TS-400_12 Datasheet
365Kb / 2P
400W True Sine Wave DC-AC Power Inverter
NTS-250P MEANWELL-NTS-250P Datasheet
306Kb / 6P
250W High Reliable Built-in Type True Sine Wave DC-AC Power Inverter
NTS-300 MEANWELL-NTS-300 Datasheet
2Mb / 8P
300W High Reliable True Sine Wave DC-AC Power Inverter
NTS-400P MEANWELL-NTS-400P Datasheet
304Kb / 6P
400W High Reliable Built-in Type True Sine Wave DC-AC Power Inverter
NTS-450 MEANWELL-NTS-450 Datasheet
2Mb / 8P
450W High Reliable True Sine Wave DC-AC Power Inverter
NTS-750 MEANWELL-NTS-750 Datasheet
5Mb / 8P
750W High Reliable True Sine Wave DC-AC Power Inverter
NTS-1700 MEANWELL-NTS-1700 Datasheet
1Mb / 8P
1700W High Reliable True Sine Wave DC-AC Power Inverter
2023-01-16
NTS-250P MEANWELL-NTS-250P_V01 Datasheet
1Mb / 7P
250W High Reliable Built-in Type True Sine Wave DC-AC Power Inverter
2022-03-18
More results



링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com