전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AOZ2379QI 데이터시트 (PDF) - Alpha & Omega Semiconductors

AOZ2379QI Datasheet PDF - Alpha & Omega Semiconductors
부품명 AOZ2379QI
다운로드  AOZ2379QI 다운로드
파일 크기   2412.58 Kbytes
페이지   17 Pages
제조업체  AOSMD [Alpha & Omega Semiconductors]
홈페이지  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
상세설명 24V/30A Synchronous EZBuckTM Regulator

AOZ2379QI Datasheet (PDF)

Go To PDF Page 다운로드 데이터시트
AOZ2379QI Datasheet PDF - Alpha & Omega Semiconductors

부품명 AOZ2379QI
다운로드  AOZ2379QI Click to download

파일 크기   2412.58 Kbytes
페이지   17 Pages
제조업체  AOSMD [Alpha & Omega Semiconductors]
홈페이지  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
상세설명 24V/30A Synchronous EZBuckTM Regulator

AOZ2379QI 데이터시트 (HTML) - Alpha & Omega Semiconductors


AOZ2379QI 제품 세부 정보

General Description
The AOZ2379QI is a high-efficiency, easy-to-use DC/DC
synchronous buck regulator that operates over a wide 6.5 V
to 24 V voltage range.The device is capable of supplying
30 A of continuous output current with an output voltage
adjustable down to 0.6 V (±1.0%).
The AOZ2379QI integrates an internal linear regulator to
generate 5.3 V VCC from input. If input voltage is lower than
5.3 V, the linear regulator operates at low drop output mode,
which allows the VCC voltage is equal to input voltage minus
the drop-output voltage of the internal linear regulator.
A proprietary constant on-time PWM control with input
feed-forward results in ultra-fast transient response while
maintaining relatively constant switching frequency over
the entire input voltage range. A low 80 ns minimum on-time
enables very low output voltages at ultra-high operating
frequencies.
Integrated AC ripple injection enables all-ceramic low ESR
output filter capacitors and smaller PCB footprint with no
external components needed.
Selectable PFM mode optimizes light load efficiency while
forced PWM mode maintains constant frequency for lower
harmonic noise.
The device features multiple protection functions such as
VCC under-voltage lockout, cycle-by-cycle current limit,
output over-voltage protection, short-circuit protection, and
thermal shutdown.
The AOZ2379QI is available in a 5 mm×5 mm QFN-28L
package and is rated over a -40°C to +85°C ambient
temperature range.

Features
• Wide input voltage range
- 6.5 V to 24 V
• 30 A continuous output current
• Output voltage adjustable from 0.6 V ±1.0%
• Low RDS(ON) internal NFETs
- 3.5mΩ high-side
- 1.0 mΩ low-side
• Constant On-Time with input feed-forward
• Programmable on-time up to 3.5 μs and down to 80 ns
• Programmable switching frequency range: 32 kHz to
1 MHz (for 12 VIN to 1 VOUT)
• Selectable PFM or forced PWM light load operation
• Ceramic capacitor stable
• Adjustable soft start
• Power Good output
• Integrated bootstrap diode
• Cycle-by-cycle current limit
• Short-circuit protection
• Thermal shutdown
• Thermally enhanced 5 mm x 5 mm QFN-28L package

Applications
• Compact PCs and gaming systems
• Set-top boxes and LCD TVs
• Server and storage systems
• Datacom and networking
• Embedded computing
• Point-of load DC/DC converters




유사한 부품 번호 - AOZ2379QI

제조업체부품명데이터시트상세설명
logo
Alpha & Omega Semicondu...
AOZ2377QI AOSMD-AOZ2377QI Datasheet
2Mb / 17P
24V/20A Synchronous EZBuckTM Regulator
Rev. 1.1 July 2022
AOZ2378QI AOSMD-AOZ2378QI Datasheet
2Mb / 17P
24V/25A Synchronous EZBuckTM Regulator
Rev. 1.1 July 2022
More results


유사한 설명 - AOZ2379QI

제조업체부품명데이터시트상세설명
logo
Alpha & Omega Semicondu...
AOZ1237QI-02 AOSMD-AOZ1237QI-02 Datasheet
846Kb / 15P
24V/8A Synchronous EZBuckTM Regulator
AOZ1268QI-02 AOSMD-AOZ1268QI-02 Datasheet
775Kb / 15P
24V/10A Synchronous EZBuckTM Regulator
AOZ2264QI-10 AOSMD-AOZ2264QI-10 Datasheet
911Kb / 16P
24V/15A Synchronous EZBuckTM Regulator
AOZ2264QI-20 AOSMD-AOZ2264QI-20 Datasheet
1Mb / 16P
24V/15A Synchronous EZBuckTM Regulator
Rev. 2.0 March 2019
AOZ2264NQI-11 AOSMD-AOZ2264NQI-11 Datasheet
2Mb / 17P
24V/15A Synchronous EZBuckTM Regulator
Rev. 3.1 August 2022
AOZ2264QI-15 AOSMD-AOZ2264QI-15 Datasheet
1Mb / 16P
24V/15A Synchronous EZBuckTM Regulator
Rev. 2.0 March 2019
AOZ2264QI-18 AOSMD-AOZ2264QI-18 Datasheet
1Mb / 16P
24V/15A Synchronous EZBuckTM Regulator
Rev. 2.0 March 2019
AOZ2368QI-11 AOSMD-AOZ2368QI-11 Datasheet
1Mb / 18P
24V/25A Synchronous EZBuckTM Regulator
Rev. 2.1 May 2022
AOZ2369QI-11 AOSMD-AOZ2369QI-11 Datasheet
1Mb / 18P
24V/30A Synchronous EZBuckTM Regulator
Rev. 2.1 May 2022
AOZ2377QI AOSMD-AOZ2377QI Datasheet
2Mb / 17P
24V/20A Synchronous EZBuckTM Regulator
Rev. 1.1 July 2022
More results




Alpha & Omega Semiconductors 에 대하여


ALPHA & OMEGA SEMICONDUCTORS (AOS)는 전력 관리 통합 회로 (ICS)의 설계 및 제조를 전문으로하는 글로벌 반도체 회사입니다.
이 회사는 1995 년에 설립되었으며 캘리포니아 산호세에 본사를두고 있습니다.
AOS는 소비자 전자, 컴퓨팅, 통신 및 산업 시스템의 응용 분야를위한 광범위한 전력 관리 솔루션을 제공합니다.
이 회사는 최첨단 기술과 혁신적인 제품으로 유명하며 반도체 산업에서 강력한 명성을 얻었습니다.

*이 정보는 일반적인 정보 제공의 목적으로만 제공되며 위 정보로 인해 발생하는 손실이나 손해에 대해 책임을 지지 않습니다.




링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com