전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AOZ2153LQI-31 데이터시트 (PDF) - Alpha & Omega Semiconductors

AOZ2153LQI-31 Datasheet PDF - Alpha & Omega Semiconductors
부품명 AOZ2153LQI-31
다운로드  AOZ2153LQI-31 다운로드
파일 크기   2207.37 Kbytes
페이지   15 Pages
제조업체  AOSMD [Alpha & Omega Semiconductors]
홈페이지  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
상세설명 28V/8A Synchronous EZBuckTM Regulator

AOZ2153LQI-31 Datasheet (PDF)

Go To PDF Page 다운로드 데이터시트
AOZ2153LQI-31 Datasheet PDF - Alpha & Omega Semiconductors

부품명 AOZ2153LQI-31
다운로드  AOZ2153LQI-31 Click to download

파일 크기   2207.37 Kbytes
페이지   15 Pages
제조업체  AOSMD [Alpha & Omega Semiconductors]
홈페이지  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
상세설명 28V/8A Synchronous EZBuckTM Regulator

AOZ2153LQI-31 데이터시트 (HTML) - Alpha & Omega Semiconductors


AOZ2153LQI-31 제품 세부 정보

General Description
The AOZ2153LQI-30 is a high-efficiency, easy-to-use
DC/DC synchronous buck regulator that operates up to 28 V.
The device is capable of supplying 8 A of continuous output
current with an output voltage adjustable down to 0.6 V ±1%.
The AOZ2153LQI-30 integrates an internal linear regulator
to generate 5.3 V VCC from input. If input voltage is lower
than 5.3 V, the linear regulator operates at low drop output
mode, which allows the VCC voltage is equal to input voltage
minus the drop-output voltage of the internal linear regulator.
A proprietary constant on-time PWM control with input
feed-forward results in ultra-fast transient response while
maintaining relatively constant switching frequency over the
entire input voltage range.
The device features multiple protection functions such as
VCC under-voltage lockout, cycle-by-cycle current limit,
output over-voltage protection, short-circuit protection, and
thermal shutdown.
The AOZ2153LQI-30 is available in a 3 mm × 3 mm QFN-
18L package and is rated over a -40°C to +85°C ambient
temperature range.

Features
• Wide input voltage range
- 6.5 V to 28 V
• 8 A continuous output current
• Output voltage adjustable down to 0.6 V (±1.0%)
• Low RDS(ON) internal NFETs
- 11 mΩ high-side
- 11 mΩ low-side
• Constant on-time with input feed-forward
• Ceramic capacitor stable
• Adjustable soft start
• Integrated bootstrap diode
• Cycle-by-cycle current limit
• Short-circuit protection
• Thermal shutdown
• Thermally enhanced 3 mm x 3 mm QFN-18L package

Applications
• Compact desktop PCs
• Graphics cards
• Set-top boxes
• LCD TVs
• Cable modems
• Point-of-load DC/DC converters
• Telecom/Networking/Datacom equipment




유사한 부품 번호 - AOZ2153LQI-31

제조업체부품명데이터시트상세설명
logo
Alpha & Omega Semicondu...
AOZ2153EQI-30 AOSMD-AOZ2153EQI-30 Datasheet
1Mb / 15P
28V/8A Synchronous EZBuckTM Regulator
Rev 1.3 March 2020
AOZ2153EQI-31 AOSMD-AOZ2153EQI-31 Datasheet
1Mb / 15P
28V/8A Synchronous EZBuckTM Regulator
Rev 1.3 March 2020
AOZ2153PQI-04 AOSMD-AOZ2153PQI-04 Datasheet
1Mb / 17P
28V/8A Synchronous EZBuckTM Regulator
Rev 1.0 July 2017
More results


유사한 설명 - AOZ2153LQI-31

제조업체부품명데이터시트상세설명
logo
Alpha & Omega Semicondu...
AOZ1233-01 AOSMD-AOZ1233-01 Datasheet
793Kb / 17P
28V/8A Synchronous EZBuckTM Regulator
AOZ1233QI-01 AOSMD-AOZ1233QI-01 Datasheet
793Kb / 17P
28V/8A Synchronous EZBuckTM Regulator
AOZ1237QI-01 AOSMD-AOZ1237QI-01 Datasheet
882Kb / 16P
28V/8A Synchronous EZBuckTM Regulator
AOZ2261QI-10 AOSMD-AOZ2261QI-10 Datasheet
954Kb / 16P
28V/8A Synchronous EZBuckTM Regulator
AOZ2261QI-15 AOSMD-AOZ2261QI-15 Datasheet
955Kb / 16P
28V/8A Synchronous EZBuckTM Regulator
AOZ2253TQI-11 AOSMD-AOZ2253TQI-11 Datasheet
1Mb / 17P
28V/8A Synchronous EZBuckTM Regulator
Rev. 2.0 May 2019
AOZ2254TQI-20 AOSMD-AOZ2254TQI-20 Datasheet
1Mb / 17P
28V/8A Synchronous EZBuckTM Regulator
Rev. 2.0 May 2019
AOZ2253LQI-30 AOSMD-AOZ2253LQI-30 Datasheet
2Mb / 15P
28V/8A Synchronous EZBuckTM Regulator
Rev. 1.0 December 2021
AOZ2261AQI-10 AOSMD-AOZ2261AQI-10 Datasheet
1Mb / 15P
28V/8A Synchronous EZBuckTM Regulator
Rev. 2.0 March 2019
AOZ2261AQI-15 AOSMD-AOZ2261AQI-15 Datasheet
1Mb / 15P
28V/8A Synchronous EZBuckTM Regulator
Rev. 2.0 March 2019
More results




Alpha & Omega Semiconductors 에 대하여


ALPHA & OMEGA SEMICONDUCTORS (AOS)는 전력 관리 통합 회로 (ICS)의 설계 및 제조를 전문으로하는 글로벌 반도체 회사입니다.
이 회사는 1995 년에 설립되었으며 캘리포니아 산호세에 본사를두고 있습니다.
AOS는 소비자 전자, 컴퓨팅, 통신 및 산업 시스템의 응용 분야를위한 광범위한 전력 관리 솔루션을 제공합니다.
이 회사는 최첨단 기술과 혁신적인 제품으로 유명하며 반도체 산업에서 강력한 명성을 얻었습니다.

*이 정보는 일반적인 정보 제공의 목적으로만 제공되며 위 정보로 인해 발생하는 손실이나 손해에 대해 책임을 지지 않습니다.




링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com