전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AOZ22645QI 데이터시트 (PDF) - Alpha & Omega Semiconductors

AOZ22645QI Datasheet PDF - Alpha & Omega Semiconductors
부품명 AOZ22645QI
다운로드  AOZ22645QI 다운로드
파일 크기   2633.18 Kbytes
페이지   19 Pages
제조업체  AOSMD [Alpha & Omega Semiconductors]
홈페이지  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
상세설명 28V/16A VID Control Synchronous EZBuckTM Regulator

AOZ22645QI Datasheet (PDF)

Go To PDF Page 다운로드 데이터시트
AOZ22645QI Datasheet PDF - Alpha & Omega Semiconductors

부품명 AOZ22645QI
다운로드  AOZ22645QI Click to download

파일 크기   2633.18 Kbytes
페이지   19 Pages
제조업체  AOSMD [Alpha & Omega Semiconductors]
홈페이지  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
상세설명 28V/16A VID Control Synchronous EZBuckTM Regulator

AOZ22645QI 데이터시트 (HTML) - Alpha & Omega Semiconductors


AOZ22645QI 제품 세부 정보

General Description
The AOZ22645QI is a high-efficiency, easy-to-use DC/
DC synchronous buck regulators capable of operation
from a 4V to 28V input bus. The device is capable of
supplying 16A of continuous output current with an
output voltage adjustment from 0V to 1.8V by controlling
VID0 and VID1 signals.
A proprietary constant on-time PWM control with input
feed-forward results in ultra-fast transient response while
maintaining relatively constant switching frequency over
the entire input voltage range.
The devices feature multiple protection functions such as
VCC under-voltage lockout, cycle-by-cycle current limit,
output over-voltage protection, short-circuit protection,
and thermal shutdown.
The AOZ22645QI is available in a 4mm×4mm QFN-30L
package and is rated over a -40°C to +85°C ambient
temperature range.

Features
 Wide input voltage range:
– 4V to 28V
 Support Intel ITDC up to 16A
 Support Intel ICCMAX up to 32A
 2 bits programmable output voltage adjustable
from 0V to 1.8V
 Integrated high performance trench MOSFETs
capable of:
– High peak current
– Up to 45A with 10ms on pulse
– Up to 70A with 10μs on pulse
– High efficiency
– 11m high-side
– 4m low-side
 Constant On-Time with input feed-forward
 Selectable PFM light load operation
 Adjustable load-line compensation
 High accuracy current monitor
 Remote sense
 Ceramic capacitor stable
 Fixed soft start
 Power Good output
 Integrated bootstrap diode
 Cycle-by-cycle current limit
 Short-circuit protection
 Over-voltage protection
 Thermal shutdown
 Thermally enhanced 30-pin 4m×4m QFN

Applications
 Portable computers
 Compact desktop PCs
 Servers
 Networking equipment




유사한 부품 번호 - AOZ22645QI

제조업체부품명데이터시트상세설명
logo
Alpha & Omega Semicondu...
AOZ2264NQI-11 AOSMD-AOZ2264NQI-11 Datasheet
2Mb / 17P
24V/15A Synchronous EZBuckTM Regulator
Rev. 3.1 August 2022
AOZ2264QI-10 AOSMD-AOZ2264QI-10 Datasheet
911Kb / 16P
24V/15A Synchronous EZBuckTM Regulator
AOZ2264QI-11 AOSMD-AOZ2264QI-11 Datasheet
1Mb / 16P
24V/15A Synchronous EZBuckTM Regulator
Rev. 2.0 March 2019
AOZ2264QI-15 AOSMD-AOZ2264QI-15 Datasheet
1Mb / 16P
24V/15A Synchronous EZBuckTM Regulator
Rev. 2.0 March 2019
AOZ2264QI-18 AOSMD-AOZ2264QI-18 Datasheet
1Mb / 16P
24V/15A Synchronous EZBuckTM Regulator
Rev. 2.0 March 2019
More results


유사한 설명 - AOZ22645QI

제조업체부품명데이터시트상세설명
logo
Alpha & Omega Semicondu...
AOZ1233QI-01 AOSMD-AOZ1233QI-01 Datasheet
793Kb / 17P
28V/8A Synchronous EZBuckTM Regulator
AOZ1236QI-01 AOSMD-AOZ1236QI-01 Datasheet
818Kb / 16P
28V/6A Synchronous EZBuckTM Regulator
AOZ2261QI-10 AOSMD-AOZ2261QI-10 Datasheet
954Kb / 16P
28V/8A Synchronous EZBuckTM Regulator
AOZ2263VQI-01 AOSMD-AOZ2263VQI-01 Datasheet
4Mb / 21P
28V/12A VID Control Synchronous EZBuckTM Regulator
Rev 2.0 December 2020
AOZ2263VQI-02 AOSMD-AOZ2263VQI-02 Datasheet
1Mb / 21P
28V/12A VID Control Synchronous EZBuckTM Regulator
Rev 2.0 December 2020
AOZ2264VQI AOSMD-AOZ2264VQI Datasheet
2Mb / 19P
28V/16A VID Control Synchronous EZBuckTM Regulator
Rev. 3.0 July 2021
AOZ2369VQI AOSMD-AOZ2369VQI Datasheet
1Mb / 20P
28V/30A VID Control Synchronous EZBuckTM Regulator
Rev 1.0 December 2020
AOZ23645QI AOSMD-AOZ23645QI Datasheet
3Mb / 19P
28V/16A VID Control Synchronous EZBuckTM Regulator
Rev. 1.0 December 2021
AOZ23655QI AOSMD-AOZ23655QI Datasheet
3Mb / 21P
28V/18A VID Control Synchronous EZBuckTM Regulator
Rev. 1.0 January 2022
AOZ23695QI AOSMD-AOZ23695QI Datasheet
4Mb / 21P
28V/25A VID Control Synchronous EZBuckTM Regulator
Rev. 1.0 January 2022
More results




Alpha & Omega Semiconductors 에 대하여


ALPHA & OMEGA SEMICONDUCTORS (AOS)는 전력 관리 통합 회로 (ICS)의 설계 및 제조를 전문으로하는 글로벌 반도체 회사입니다.
이 회사는 1995 년에 설립되었으며 캘리포니아 산호세에 본사를두고 있습니다.
AOS는 소비자 전자, 컴퓨팅, 통신 및 산업 시스템의 응용 분야를위한 광범위한 전력 관리 솔루션을 제공합니다.
이 회사는 최첨단 기술과 혁신적인 제품으로 유명하며 반도체 산업에서 강력한 명성을 얻었습니다.

*이 정보는 일반적인 정보 제공의 목적으로만 제공되며 위 정보로 인해 발생하는 손실이나 손해에 대해 책임을 지지 않습니다.




링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com