전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74CBTLV3244-Q100 데이터시트 (PDF) - Nexperia B.V. All rights reserved

74CBTLV3244-Q100 Datasheet PDF - Nexperia B.V. All rights reserved
부품명 74CBTLV3244-Q100
다운로드  74CBTLV3244-Q100 다운로드
파일 크기   268.72 Kbytes
페이지   14 Pages
제조업체  NEXPERIA [Nexperia B.V. All rights reserved]
홈페이지  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
상세설명 8-bit bus switch with 4-bit output enables

74CBTLV3244-Q100 Datasheet (PDF)

Go To PDF Page 다운로드 데이터시트
74CBTLV3244-Q100 Datasheet PDF - Nexperia B.V. All rights reserved

부품명 74CBTLV3244-Q100
다운로드  74CBTLV3244-Q100 Click to download

파일 크기   268.72 Kbytes
페이지   14 Pages
제조업체  NEXPERIA [Nexperia B.V. All rights reserved]
홈페이지  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
상세설명 8-bit bus switch with 4-bit output enables

74CBTLV3244-Q100 데이터시트 (HTML) - Nexperia B.V. All rights reserved


74CBTLV3244-Q100 제품 세부 정보

1. General description
The 74CBTLV3244-Q100 is a dual 4-pole, single-throw bus switch. The device features two output
enable inputs (nOE) that each control four switch channels. The switches are disabled when the
associated nOE input is HIGH. Schmitt trigger action at control inputs makes the circuit tolerant of
slower input rise and fall times. This device is fully specified for partial power-down applications
using IOFF. The IOFF circuitry disables the output, preventing the damaging backflow current
through the device when it is powered down.
This product has been qualified to the Automotive Electronics Council (AEC) standard Q100
(Grade 1) and is suitable for use in automotive applications.

2. Features and benefits
• Automotive product qualification in accordance with AEC-Q100 (Grade 1)
• Specified from -40 °C to +85 °C and from -40 °C to +125 °C
• Supply voltage range from 2.3 V to 3.6 V
• High noise immunity
• Complies with JEDEC standard:
• JESD8-5 (2.3 V to 2.7 V)
• JESD8-B/JESD36 (2.7 V to 3.6 V)
• ESD protection:
• HBM: ANSI/ESDA/Jedec JS-001 Class 2 exceeds 2000 V
• CDM: ANSI/ESDA/Jedec JS-002 Class C3 exceeds 1000 V
• 5 Ω switch connection between two ports
• Rail to rail switching on data I/O ports
• CMOS low power consumption
• Latch-up performance exceeds 250 mA per JESD78B Class I level A
• IOFF circuitry provides partial Power-down mode operation




유사한 부품 번호 - 74CBTLV3244-Q100

제조업체부품명데이터시트상세설명
logo
Nexperia B.V. All right...
74CBTLV3244 NEXPERIA-74CBTLV3244 Datasheet
269Kb / 15P
8-bit bus switch with 4-bit output enables
logo
Renesas Technology Corp
74CBTLV3244 RENESAS-74CBTLV3244 Datasheet
263Kb / 6P
LOW-VOLTAGE OCTAL BUS SWITCH
MAY 2019
logo
Nexperia B.V. All right...
74CBTLV3244BQ NEXPERIA-74CBTLV3244BQ Datasheet
269Kb / 15P
8-bit bus switch with 4-bit output enables
logo
Renesas Technology Corp
74CBTLV3244PGG RENESAS-74CBTLV3244PGG Datasheet
263Kb / 6P
LOW-VOLTAGE OCTAL BUS SWITCH
MAY 2019
74CBTLV3244PGG8 RENESAS-74CBTLV3244PGG8 Datasheet
263Kb / 6P
LOW-VOLTAGE OCTAL BUS SWITCH
MAY 2019
More results


유사한 설명 - 74CBTLV3244-Q100

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
CBT16210 PHILIPS-CBT16210 Datasheet
78Kb / 8P
20-bit bus switch with 10-bit output enables
2000 Oct 12
74CBTLV3244 PHILIPS-74CBTLV3244_15 Datasheet
163Kb / 18P
8-bit bus switch with 4-bit output enables
Rev. 2-15 December 2011
74CBTLV3384 PHILIPS-74CBTLV3384_15 Datasheet
165Kb / 18P
10-bit bus switch with 5-bit output enables
Rev. 2-16 December 2011
74CBTLVD3244 PHILIPS-74CBTLVD3244_15 Datasheet
433Kb / 20P
8-bit level-shifting bus switch with 4-bit output enables
Rev. 2-16 December 2011
logo
Nexperia B.V. All right...
74CBTLV3244 NEXPERIA-74CBTLV3244 Datasheet
269Kb / 15P
8-bit bus switch with 4-bit output enables
74CBTLV3384 NEXPERIA-74CBTLV3384 Datasheet
857Kb / 19P
10-bit bus switch with 5-bit output enables
74CBTLVD3244 NEXPERIA-74CBTLVD3244 Datasheet
237Kb / 14P
8-bit level-shifting bus switch with 4-bit output enables
CBT16210 NEXPERIA-CBT16210 Datasheet
197Kb / 9P
20-bit bus switch with 10-bit output enables
2000 Oct 12
CBT16211 NEXPERIA-CBT16211 Datasheet
195Kb / 9P
24-bit bus switch with 12-bit output enables
2001 Jun 13
CBT3384 NEXPERIA-CBT3384 Datasheet
213Kb / 11P
10-bit bus switch with 5-bit output enables
Rev. 7 - 6 March 2019
More results



링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com