전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MMBZ33VAT-Q 데이터시트 (PDF) - Nexperia B.V. All rights reserved

MMBZ33VAT-Q Datasheet PDF - Nexperia B.V. All rights reserved
부품명 MMBZ33VAT-Q
다운로드  MMBZ33VAT-Q 다운로드
파일 크기   205.64 Kbytes
페이지   10 Pages
제조업체  NEXPERIA [Nexperia B.V. All rights reserved]
홈페이지  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
상세설명 Low capacitance unidirectional double ESD protection diode

MMBZ33VAT-Q Datasheet (PDF)

Go To PDF Page 다운로드 데이터시트
MMBZ33VAT-Q Datasheet PDF - Nexperia B.V. All rights reserved

부품명 MMBZ33VAT-Q
다운로드  MMBZ33VAT-Q Click to download

파일 크기   205.64 Kbytes
페이지   10 Pages
제조업체  NEXPERIA [Nexperia B.V. All rights reserved]
홈페이지  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
상세설명 Low capacitance unidirectional double ESD protection diode

MMBZ33VAT-Q 데이터시트 (HTML) - Nexperia B.V. All rights reserved


MMBZ33VAT-Q 제품 세부 정보

1. General description
Unidirectional double ElectroStatic Discharge (ESD) protection diode in a common anode
configuration, encapsulated in a SOT23 (TO-236AB) small Surface-Mounted Device (SMD) plastic
package. The device is designed for ESD and transient overvoltage protection of up to two signal
lines.

2. Features and benefits
• Unidirectional ESD protection of two lines
• Bidirectional ESD protection of one line
• Very low diode capacitance: Cd ≤ 25 pF
• Reverse stand-off voltage: VRWM = 26 V
• Low clamping voltage: VCL = 49 V typ. at IPP = 2.8 A
• ESD protection up to 20 kV (IEC 61000-4-2)
• Ultra low leakage current: IRM < 1 nA
• Qualified according to AEC-Q101 and recommended for use in automotive applications

3. Applications
• Computers and peripherals
• Audio and video equipment
• Cellular handsets and accessories
• Automotive electronic control units
• Portable electronics




유사한 부품 번호 - MMBZ33VAT-Q

제조업체부품명데이터시트상세설명
logo
Weitron Technology
MMBZ33VA WEITRON-MMBZ33VA Datasheet
152Kb / 5P
SMALL SIGNAL ZENER DIODES 300m WATTS 3-26 VOLTS
logo
SHIKUES Electronics
MMBZ33VA SKTECHNOLGY-MMBZ33VA Datasheet
1Mb / 4P
Dual Common Anode Zener TVS
logo
Diodes Incorporated
MMBZ33VAL DIODES-MMBZ33VAL Datasheet
71Kb / 4P
24W AND 40W PEAK POWER DUAL SURFACE MOUNT TVS
DS30306 Rev. 5 - 2
logo
ON Semiconductor
MMBZ33VAL ONSEMI-MMBZ33VAL Datasheet
70Kb / 8P
24 and 40 Watt Peak Power Zener Transient Voltage Suppressors
August, 2004 ??Rev. 7
logo
Diodes Incorporated
MMBZ33VAL DIODES-MMBZ33VAL Datasheet
448Kb / 4P
24W AND 40W PEAK POWER DUAL SURFACE MOUNT TVS
DS30306 Rev. 9 - 2
More results


유사한 설명 - MMBZ33VAT-Q

제조업체부품명데이터시트상세설명
logo
Nexperia B.V. All right...
MMBZ9V1AT-Q NEXPERIA-MMBZ9V1AT-Q Datasheet
206Kb / 10P
Low capacitance unidirectional double ESD protection diode
18 January 2023
MMBZ10VAL-Q NEXPERIA-MMBZ10VAL-Q Datasheet
215Kb / 11P
Low capacitance unidirectional double ESD protection diode
13 June 2022
MMBZ12VAL-Q NEXPERIA-MMBZ12VAL-Q Datasheet
214Kb / 11P
Low capacitance unidirectional double ESD protection diode
13 June 2022
MMBZ18VAL-Q NEXPERIA-MMBZ18VAL-Q Datasheet
214Kb / 11P
Low capacitance unidirectional double ESD protection diode
13 June 2022
MMBZ20VAL-Q NEXPERIA-MMBZ20VAL-Q Datasheet
214Kb / 11P
Low capacitance unidirectional double ESD protection diode
13 June 2022
MMBZ27VAL-Q NEXPERIA-MMBZ27VAL-Q Datasheet
217Kb / 11P
Low capacitance unidirectional double ESD protection diode
13 June 2022
MMBZ33VAL-Q NEXPERIA-MMBZ33VAL-Q Datasheet
214Kb / 11P
Low capacitance unidirectional double ESD protection diode
13 June 2022
MMBZ16VAT-Q NEXPERIA-MMBZ16VAT-Q Datasheet
210Kb / 11P
Low capacitance unidirectional double ESD protection diode
21 July 2023
MMBZ6V2AL-Q NEXPERIA-MMBZ6V2AL-Q Datasheet
215Kb / 12P
Low capacitance unidirectional double ESD protection diode
11 April 2023
PESD36VS2UT NEXPERIA-PESD36VS2UT Datasheet
335Kb / 11P
Low capacitance unidirectional double ESD protection diode
17 April 2023
More results



링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com