| 제조업체 | 부품명 | 데이터시트 | 상세설명 |
 Molex Electronics Ltd. |
1300280028
|
37Kb / 2P |
Micro-Change (M12) Double-Ended Cordset, 5 Poles, Male (Straight) to Female (Straight), 22 AWG, Gray DeviceNet Thin Stranded Cable, 1.0m (3.28) Length
03/02/2023 |
|
1300280070
|
28Kb / 2P |
Micro-Change (M12) Double-Ended Cordset, 5 Poles, Male (90°) to Female (Straight), 22 AWG, DeviceNet Thin Stranded Cable Plus Drain, 1.0m (3.28) Length
02/28/2023 |
|
1300280085
|
37Kb / 2P |
Micro-Change (M12) Double-Ended Cordset, 5 Poles, Male (Straight) to Female (90°), 22 AWG, Gray DeviceNet Thin Stranded Cable, 1.0m (3.28) Length
02/01/2023 |
|
1300280104
|
34Kb / 2P |
Micro-Change (M12) Double-Ended Cordset, 5 Poles, Male (90°) to Female (90°), 22 AWG, DeviceNet Thin Stranded Cable, 1.0m (3.28) Length
03/03/2023 |
|
1300280140
|
28Kb / 2P |
Micro-Change (M12) Double-Ended Cordset, 5 Poles, Male (Straight) to Female (Straight), DeviceNet Thin High Flex Stranded Cable, 3.0m (9.84) Length
03/08/2023 |
|
1300280143
|
28Kb / 2P |
Micro-Change (M12) Double-Ended Cordset, 5 Poles, Male (Straight) to Female (Straight), DeviceNet Thin High Flex Stranded Cable, 5.0m (16.40) Length
03/03/2023 |
|
1300280163
|
33Kb / 2P |
Micro-Change (M12) Double-Ended Cordset, 5 Poles, Female (Straight) to Male (90°), DeviceNet Thin High Flex Stranded Cable, 1.0m (3.28) Length
02/01/2023 |
|
1300280172
|
27Kb / 2P |
Micro-Change (M12) Double-Ended Cordset, 5 Poles, Male (Straight) to Female (90°), DeviceNet Thin High Flex Stranded Cable, 1.0m (3.28) Length
02/01/2023 |
|
1300280183
|
34Kb / 2P |
Micro-Change (M12) Double-Ended Cordset, 5 Poles, Male (90°) to Female (90°), DeviceNet Thin High Flex Stranded Cable, 1.0m (3.28) Length
02/01/2023 |
|
1300390248
|
27Kb / 1P |
Mini-Change to Micro-Change (M12) Double-Ended Cordset, 5 Pole Male (Straight) to Female (Straight), DeviceNet Stranded Cable, 1.0m (3.28) Length
01/31/2023 |