| 제조업체 | 부품명 | 데이터시트 | 상세설명 |
 Molex Electronics Ltd. |
1300270014
|
29Kb / 2P |
Micro-Change (M12) Single-Ended Cordset, 5 Poles, Male (Straight) to Pigtail, Gray DeviceNet Thin (Drop) Cable, 2.0m (6.56) Length
03/03/2023 |
|
1300240028
|
36Kb / 2P |
Mini-Change Single-Ended Cordset, 5 Poles, Male (Straight) to Gray DeviceNet Thick (Trunk) Pigtail Cable, 15 and 18 AWG, 1.0m (3.28) Length
03/21/2023 |
|
1300240073
|
33Kb / 2P |
Mini-Change Single-Ended Cordset, 5 Poles, Female (Straight) to Gray DeviceNet Thick (Trunk) Pigtail Cable, 15 and 18 AWG, 1.0m (3.28) Length
03/10/2023 |
|
1300250051
|
31Kb / 2P |
Mini-Change A-Size Double-Ended Cordset, 5 Poles, Male (Straight) to Female (Straight), 15 and 18 AWG, Gray DeviceNet Thick (Trunk) Cable, 0.50m (1.64) Length
03/22/2023 |
|
1300250054
|
31Kb / 2P |
Mini-Change A-Size Double-Ended Cordset, 5 Poles, Male (Straight) to Female (Straight), 15 and 18 AWG, Gray DeviceNet Thick (Trunk) Cable, 1.0m (3.28) Length
04/03/2023 |
|
1300250061
|
31Kb / 2P |
Mini-Change A-Size Double-Ended Cordset, 5 Poles, Male (Straight) to Female (Straight), 15 and 18 AWG, Gray DeviceNet Thick (Trunk) Cable, 2.0m (6.56) Length
04/04/2023 |
|
1300250067
|
31Kb / 2P |
Mini-Change A-Size Double-Ended Cordset, 5 Poles, Male (Straight) to Female (Straight), 15 and 18 AWG, Gray DeviceNet Thick (Trunk) Cable, 3.0m (9.84) Length
04/03/2023 |
|
1300250071
|
31Kb / 2P |
Mini-Change A-Size Double-Ended Cordset, 5 Poles, Male (Straight) to Female (Straight), 15 and 18 AWG, Gray DeviceNet Thick (Trunk) Cable, 4.0m (13.12) Length
04/04/2023 |
|
1300250073
|
31Kb / 2P |
Mini-Change A-Size Double-Ended Cordset, 5 Poles, Male (Straight) to Female (Straight), 15 and 18 AWG, Gray DeviceNet Thick (Trunk) Cable, 5.0m (16.40) Length
04/03/2023 |
|
1300250155
|
30Kb / 2P |
Mini-Change A-Size Double-Ended Cordset, 5 Poles, Male (90°) to Female (Straight), 15 and 18 AWG, Gray DeviceNet Thick (Trunk) Cable, 2.0m (6.56) Length
01/31/2023 |