전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GE12047BCA3 데이터시트 (PDF) - General Electric Company

GE12047BCA3 Datasheet PDF - General Electric Company
부품명 GE12047BCA3
다운로드  GE12047BCA3 다운로드
파일 크기   495.27 Kbytes
페이지   9 Pages
제조업체  GEC [General Electric Company]
홈페이지  http://www.ge.com
Logo GEC - General Electric Company
상세설명 1200V Dual Silicon Carbide Power module

GE12047BCA3 Datasheet (PDF)

Go To PDF Page 다운로드 데이터시트
GE12047BCA3 Datasheet PDF - General Electric Company

부품명 GE12047BCA3
다운로드  GE12047BCA3 Click to download

파일 크기   495.27 Kbytes
페이지   9 Pages
제조업체  GEC [General Electric Company]
홈페이지  http://www.ge.com
Logo GEC - General Electric Company
상세설명 1200V Dual Silicon Carbide Power module

GE12047BCA3 데이터시트 (HTML) - General Electric Company


GE12047BCA3 제품 세부 정보

Features
•Highly reliable GE SiC MOSFET devices
•Low R DS(ON) (3.1 mΩ) (device only)
•Low stray inductance (1 nH )
•SiC die qualified to +200 C
•Ultra low switching losses over entire
operating range
•Body diode with minimal reverse
recovery
•Integrated temperature sensing
•Dedicated DESAT Pin and Source
Kelvin Pin
•AlSiC Baseplate and Si 3 N 4 AMB
Substrate




유사한 부품 번호 - GE12047BCA3

제조업체부품명데이터시트상세설명
logo
General Electric Compan...
GE12047CCA3 GEC-GE12047CCA3 Datasheet
491Kb / 9P
1200V half bridge Silicon Carbide Power module
Rev. : 1, Public Release May 11, 2021
More results


유사한 설명 - GE12047BCA3

제조업체부품명데이터시트상세설명
logo
Cree, Inc
CAS100H12AM1 CREE-CAS100H12AM1 Datasheet
740Kb / 7P
1200V, 100A Silicon Carbide Half-Bridge Module
logo
Molex Electronics Ltd.
CAS100H12AM1 MOLEX-CAS100H12AM1_13 Datasheet
859Kb / 11P
1200V, 100A Silicon Carbide Half-Bridge Module
logo
Solitron Devices Inc.
SDD10120AD SOLITRON-SDD10120AD Datasheet
128Kb / 3P
Dual 1200V Silicon Carbide Schottky Diode - 1
logo
Shenzhen Meipusen Semic...
MS2H40120V1 MAPLESMI-MS2H40120V1 Datasheet
245Kb / 4P
1200V Silicon Carbide Diode
MSF10120V1 MAPLESMI-MSF10120V1 Datasheet
265Kb / 4P
1200V Silicon Carbide Diode
MSP05120V1 MAPLESMI-MSP05120V1 Datasheet
336Kb / 4P
1200V Silicon Carbide Diode
MSP10120V1 MAPLESMI-MSP10120V1 Datasheet
302Kb / 4P
1200V Silicon Carbide Diode
logo
First Silicon Co., Ltd
F2CD40120B FS-F2CD40120B Datasheet
431Kb / 5P
1200V Silicon Carbide
2022.05.25 Revision No : 0
logo
General Electric Compan...
GE12047CCA3 GEC-GE12047CCA3 Datasheet
491Kb / 9P
1200V half bridge Silicon Carbide Power module
Rev. : 1, Public Release May 11, 2021
GE17042BCA3 GEC-GE17042BCA3 Datasheet
710Kb / 9P
1700V Dual Silicon Carbide Power Module
Rev 1.1 -Public Release - January 18, 2022
More results



링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com