전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CEM3053A 데이터시트 (PDF) - CET-MOS Technology Corp.

CEM3053A Datasheet PDF - CET-MOS Technology Corp.
부품명 CEM3053A
다운로드  CEM3053A 다운로드
파일 크기   782.81 Kbytes
페이지   5 Pages
제조업체  CET-MOS [CET-MOS Technology Corp.]
홈페이지  https://www.cet-mos.com/en/index.asp
Logo CET-MOS - CET-MOS Technology Corp.
상세설명 P-Channel Enhancement Mode Field Effect Transistor

CEM3053A Datasheet (PDF)

Go To PDF Page 다운로드 데이터시트
CEM3053A Datasheet PDF - CET-MOS Technology Corp.

부품명 CEM3053A
다운로드  CEM3053A Click to download

파일 크기   782.81 Kbytes
페이지   5 Pages
제조업체  CET-MOS [CET-MOS Technology Corp.]
홈페이지  https://www.cet-mos.com/en/index.asp
Logo CET-MOS - CET-MOS Technology Corp.
상세설명 P-Channel Enhancement Mode Field Effect Transistor

CEM3053A 데이터시트 (HTML) - CET-MOS Technology Corp.


CEM3053A 제품 세부 정보

FEATURES
-30V, -16.4A, RDS(ON) = 5.8mW @VGS = -10V.
RDS(ON) = 9.1mW @VGS = -4.5V.
Super high dense cell design for extremely low RDS(ON).
High power and current handing capability.
Surface mount Package.
RoHS compliant.




유사한 부품 번호 - CEM3053A

제조업체부품명데이터시트상세설명
logo
Chino-Excel Technology
CEM3053 CET-CEM3053 Datasheet
391Kb / 4P
P-Channel Enhancement Mode Field Effect Transistor
logo
Comchip Technology
CEM3053-HF COMCHIP-CEM3053-HF Datasheet
532Kb / 5P
MOSFET
REV:E
More results


유사한 설명 - CEM3053A

제조업체부품명데이터시트상세설명
logo
Alpha & Omega Semicondu...
AOD419 AOSMD-AOD419 Datasheet
119Kb / 5P
P-Channel Enhancement Mode Field Effect Transistor
logo
Chino-Excel Technology
CEM4435A CET-CEM4435A Datasheet
106Kb / 4P
P-Channel Enhancement Mode Field Effect Transistor
CES2321 CET-CES2321 Datasheet
108Kb / 4P
P-Channel Enhancement Mode Field Effect Transistor
CED2303 CET-CED2303 Datasheet
140Kb / 4P
P-Channel Enhancement Mode Field Effect Transistor
CED3423 CET-CED3423 Datasheet
258Kb / 4P
P-Channel Enhancement Mode Field Effect Transistor
logo
Diodes Incorporated
BSS84W DIODES-BSS84W_1 Datasheet
100Kb / 4P
P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30205 Rev. 9 - 2
DMP2104V DIODES-DMP2104V Datasheet
231Kb / 4P
P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30942 Rev. 3 - 2
logo
Chenmko Enterprise Co. ...
CHM2331PT CHENMKO-CHM2331PT Datasheet
482Kb / 3P
P-Channel Enhancement Mode Field Effect Transistor
CHM4431JPT CHENMKO-CHM4431JPT Datasheet
190Kb / 2P
P-Channel Enhancement Mode Field Effect Transistor
CHM4435AZPT CHENMKO-CHM4435AZPT Datasheet
199Kb / 2P
P-Channel Enhancement Mode Field Effect Transistor
More results



링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com