전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GRF5317 데이터시트 (PDF) - Guerrilla RF, Inc.

GRF5317 Datasheet PDF - Guerrilla RF, Inc.
부품명 GRF5317
다운로드  GRF5317 다운로드
파일 크기   1529.77 Kbytes
페이지   18 Pages
제조업체  GUERRILLA [Guerrilla RF, Inc.]
홈페이지  https://www.guerrilla-rf.com/
Logo GUERRILLA - Guerrilla RF, Inc.
상세설명 HIGH LINEARITY POWER AMPLIFIER 1700 to 2000 MHz

GRF5317 Datasheet (PDF)

Go To PDF Page 다운로드 데이터시트
GRF5317 Datasheet PDF - Guerrilla RF, Inc.

부품명 GRF5317
다운로드  GRF5317 Click to download

파일 크기   1529.77 Kbytes
페이지   18 Pages
제조업체  GUERRILLA [Guerrilla RF, Inc.]
홈페이지  https://www.guerrilla-rf.com/
Logo GUERRILLA - Guerrilla RF, Inc.
상세설명 HIGH LINEARITY POWER AMPLIFIER 1700 to 2000 MHz

GRF5317 데이터시트 (HTML) - Guerrilla RF, Inc.


GRF5317 제품 세부 정보

FEATURES
Excellent OP1dB, OIP3, ACLR and IM3 Performance
Native Linearity Provides up to +18 dBm POUT with
> 45 dBc ACLR – Without the Need for Digital
Predistortion Correction
+18 dBm Linear Output Power Maintained at 85 °C
Flexible Biasing Provides Latitude for Linearity
Optimization
85 mA Native Mode Quiescent Current Consumption
5 V Supply Voltage
50 Ω Single-ended Input and Output Impedances
Digital Shutdown
Rugged Design is Extremely Resilient to Mismatched
Loads
-40 to 85 °C Operating Temperature Range
Compact 3 x 3 mm QFN-16 Package
Reference: 5 V / 1850 MHz / 85 mA ICCQ
Gain: 27.6 dB
OIP3: 40.6 dBm @ 18 dBm POUT/tone
OP1dB: 31.8 dBm
Evaluation Board Noise Figure: 4 dB
APPLICATIONS
Cellular Boosters
Automotive Compensators
Picocells/Femtocells
Customer Premise Equipment




유사한 부품 번호 - GRF5317

제조업체부품명데이터시트상세설명
logo
Guerrilla RF, Inc.
GRF5307 GUERRILLA-GRF5307 Datasheet
1Mb / 18P
HIGH LINEARITY POWER AMPLIFIER 617 to 862 MHz
August 10, 2022
More results


유사한 설명 - GRF5317

제조업체부품명데이터시트상세설명
logo
Stanford Microdevices
SRM-2016 STANFORD-SRM-2016 Datasheet
193Kb / 7P
1700 - 2000 MHz High Linearity Silicon Germanium Active Receive Mixer
logo
SIRENZA MICRODEVICES
SLM-20T SIRENZA-SLM-20T Datasheet
346Kb / 4P
1700-2000 MHz High Linearity
SLX-2143 SIRENZA-SLX-2143 Datasheet
161Kb / 7P
1700-2200 MHz High Linearity
logo
Tyco Electronics
MD57-0002 MACOM-MD57-0002 Datasheet
218Kb / 4P
High Linearity MMIC Mixer with Integrated Local Oscillator Amplifier, 1700 - 2000 MHz
logo
SIRENZA MICRODEVICES
SLM-20T SIRENZA-SLM-20T_1 Datasheet
169Kb / 5P
1700-2000 MHz High Linearity Low Noise Amplifier Module
logo
Stealth Microwave, Inc.
SM1720-34HS STEALTH_MICROWAVE-SM1720-34HS Datasheet
64Kb / 2P
1700-2000 MHz 3 Watt Linear Power Amplifier
SM1720-37HS STEALTH_MICROWAVE-SM1720-37HS Datasheet
89Kb / 3P
1700-2000 MHz 5 Watt Linear Power Amplifier
SM1720-41L STEALTH_MICROWAVE-SM1720-41L Datasheet
104Kb / 2P
1700-2000 MHz 12 Watt Linear Power Amplifier
SM1720-50 STEALTH_MICROWAVE-SM1720-50 Datasheet
150Kb / 3P
1700-2000 MHz 100 Watt Linear Power Amplifier
logo
M/A-COM Technology Solu...
MD57-0002 MA-COM-MD57-0002 Datasheet
117Kb / 4P
High Linearity MMIC Mixer with Integrated Local Oscillator Amplifier, 1700 - 2000 MHz
More results



링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com