전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GRF5536W 데이터시트 (PDF) - Guerrilla RF, Inc.

GRF5536W Datasheet PDF - Guerrilla RF, Inc.
부품명 GRF5536W
다운로드  GRF5536W 다운로드
파일 크기   1599.74 Kbytes
페이지   19 Pages
제조업체  GUERRILLA [Guerrilla RF, Inc.]
홈페이지  https://www.guerrilla-rf.com/
Logo GUERRILLA - Guerrilla RF, Inc.
상세설명 HIGH LINEARITY POWER AMPLIFIER 3.3 to 4.2 GHz

GRF5536W Datasheet (PDF)

Go To PDF Page 다운로드 데이터시트
GRF5536W Datasheet PDF - Guerrilla RF, Inc.

부품명 GRF5536W
다운로드  GRF5536W Click to download

파일 크기   1599.74 Kbytes
페이지   19 Pages
제조업체  GUERRILLA [Guerrilla RF, Inc.]
홈페이지  https://www.guerrilla-rf.com/
Logo GUERRILLA - Guerrilla RF, Inc.
상세설명 HIGH LINEARITY POWER AMPLIFIER 3.3 to 4.2 GHz

GRF5536W 데이터시트 (HTML) - Guerrilla RF, Inc.


GRF5536W 제품 세부 정보

FEATURES
• Excellent OP1dB, OIP3, ACLR and IM3 Performance
• Native Linearity Provides up to +23 dBm POUT with
> 45 dBc ACLR – Without the Need for Digital
Predistortion Correction
• +23 dBm Linear Output Power Maintained at 105 °C
• Flexible Biasing Provides Latitude for Linearity
Optimization
• 195 mA Native Mode Quiescent Current Consumption
• 5 V Supply Voltage
• 50 Ω Single-ended Input and Output Impedances
• Digital Shutdown
• Rugged Design is Extremely Resilient to Mismatched
Loads
• -40 to 105 °C Operating Temperature Range
• Compact 3 x 3 mm QFN-16 Package
AEC-Q100 Grade 2 Qualification Pending
• 100% Device Reflow at Assembly
• 100% Optical Die Inspection
Reference: 5 V / 3.55 GHz / 195 mA ICCQ
• Gain: 24.5 dB
• OIP3: 44.7 dBm @ 23 dBm POUT/tone
• OP1dB: 32 dBm
• Noise Figure: 4.1 dB
APPLICATIONS
• Cellular Boosters/Repeaters
• Automotive Compensators
• Picocells/Femtocells
• Customer Premise Equipment
• Cellular DAS
• Wireless Infrastructure




유사한 부품 번호 - GRF5536W

제조업체부품명데이터시트상세설명
logo
Guerrilla RF, Inc.
GRF5536 GUERRILLA-GRF5536 Datasheet
1Mb / 19P
HIGH LINEARITY POWER AMPLIFIER 3.3 to 4.2 GHz
February 28, 2023
More results


유사한 설명 - GRF5536W

제조업체부품명데이터시트상세설명
logo
Broadcom Corporation.
ALM-31322 BOARDCOM-ALM-31322 Datasheet
344Kb / 12P
3.3 - 3.9 GHz 1-Watt High Linearity Amplifier
logo
NXP Semiconductors
BTS6303U NXP-BTS6303U Datasheet
846Kb / 16P
Wideband high linearity pre-driver amplifier 2.3 GHz - 4.2 GHz
Rev. 5 - 18 October 2022
logo
Guerrilla RF, Inc.
GRF5506 GUERRILLA-GRF5506 Datasheet
4Mb / 25P
HIGH LINEARITY POWER AMPLIFIER 0.66 to 0.72 GHz
March 1, 2022
GRF5507W GUERRILLA-GRF5507W Datasheet
4Mb / 26P
HIGH LINEARITY POWER AMPLIFIER 0.7 to 0.8 GHz
October 31, 2022
GRF5517W GUERRILLA-GRF5517W Datasheet
5Mb / 27P
HIGH LINEARITY POWER AMPLIFIER 1.7 to 1.8 GHz
January 24, 2023
GRF5518W GUERRILLA-GRF5518W Datasheet
5Mb / 25P
HIGH LINEARITY POWER AMPLIFIER 1.8 to 1.91 GHz
January 24, 2023
GRF5526W GUERRILLA-GRF5526W Datasheet
1Mb / 19P
HIGH LINEARITY POWER AMPLIFIER 2.5 to 2.7 GHz
January 27, 2023
GRF5536 GUERRILLA-GRF5536 Datasheet
1Mb / 19P
HIGH LINEARITY POWER AMPLIFIER 3.3 to 4.2 GHz
February 28, 2023
logo
NXP Semiconductors
BTS6305U NXP-BTS6305U Datasheet
358Kb / 16P
High linearity pre-driver amplifier with differential input 2.3 GHz - 4.2 GHz
Rev. 1 - 12 April 2023
BTS6403U NXP-BTS6403U Datasheet
943Kb / 15P
Wideband high gain high linearity pre-driver amplifier 2.3 GHz - 4.2 GHz
Rev. 1-30 March 2023
More results



링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com