전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BAS116DY-Q 데이터시트 (PDF) - Nexperia B.V. All rights reserved

BAS116DY-Q Datasheet PDF - Nexperia B.V. All rights reserved
부품명 BAS116DY-Q
다운로드  BAS116DY-Q 다운로드
파일 크기   207.19 Kbytes
페이지   9 Pages
제조업체  NEXPERIA [Nexperia B.V. All rights reserved]
홈페이지  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
상세설명 Low-leakage dual switching diode

BAS116DY-Q Datasheet (PDF)

Go To PDF Page 다운로드 데이터시트
BAS116DY-Q Datasheet PDF - Nexperia B.V. All rights reserved

부품명 BAS116DY-Q
다운로드  BAS116DY-Q Click to download

파일 크기   207.19 Kbytes
페이지   9 Pages
제조업체  NEXPERIA [Nexperia B.V. All rights reserved]
홈페이지  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
상세설명 Low-leakage dual switching diode

BAS116DY-Q 데이터시트 (HTML) - Nexperia B.V. All rights reserved


BAS116DY-Q 제품 세부 정보

1. General description
Epitaxial, medium-speed switching, electrically isolated dual diode in an ultra small SOT363
Surface-Mounted Device (SMD) plastic package.

2. Features and benefits
• Low leakage current: maximum 5 nA
• Switching time: typical 0.8 μs
• Continuous reverse voltage: maximum 75 V
• Repetitive peak reverse voltage: maximum 85 V
• Repetitive peak forward current: maximum 1 A
• Qualified according to AEC-Q101 and recommended for use in automotive applications

3. Applications
• Low-leakage current applications in surface mounted circuits




유사한 부품 번호 - BAS116DY-Q

제조업체부품명데이터시트상세설명
logo
Nexperia B.V. All right...
BAS116DY NEXPERIA-BAS116DY Datasheet
207Kb / 9P
Low-leakage dual switching diode
19 April 2023
More results


유사한 설명 - BAS116DY-Q

제조업체부품명데이터시트상세설명
logo
Central Semiconductor C...
CPD71 CENTRAL-CPD71 Datasheet
213Kb / 2P
Low Leakage Diode Low Leakage Switching Diode Chip
logo
ON Semiconductor
BAS21AHT1G ONSEMI-BAS21AHT1G Datasheet
65Kb / 3P
Low Leakage Switching Diode
October, 2007 - Rev. 0
BAS21AHT1G ONSEMI-BAS21AHT1G_14 Datasheet
53Kb / 3P
Low Leakage Switching Diode
August, 2014 ??Rev. 2
logo
Rohm
BAS116HY ROHM-BAS116HY Datasheet
1Mb / 8P
Switching Diode (Low leakage)
BAV199HY ROHM-BAV199HY Datasheet
1Mb / 8P
Switching Diode (Low leakage)
BAV199FM ROHM-BAV199FM Datasheet
1Mb / 8P
Switching Diode (Low leakage)
BAV199FMFH ROHM-BAV199FMFH Datasheet
1Mb / 8P
Switching Diode (Low leakage)
BAW156HYFH ROHM-BAW156HYFH Datasheet
1Mb / 8P
Switching Diode (Low leakage)
logo
Nexperia B.V. All right...
BAS116H NEXPERIA-BAS116H Datasheet
804Kb / 10P
Low leakage switching diode
Rev. 3 - 31 May 2011
BAS116DY NEXPERIA-BAS116DY Datasheet
207Kb / 9P
Low-leakage dual switching diode
19 April 2023
More results



링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com