전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DSSIU-6-1U-1 데이터시트 (PDF) - Danisense A/S

DSSIU-6-1U-1 Datasheet PDF - Danisense A/S
부품명 DSSIU-6-1U-1
다운로드  DSSIU-6-1U-1 다운로드
파일 크기   435.65 Kbytes
페이지   7 Pages
제조업체  DANISENSE [Danisense A/S]
홈페이지  https://danisense.com/
Logo DANISENSE - Danisense A/S
상세설명 Dedicated 6-channel system interface unit for ultra-stable, high precision fluxgate technology DS series current transducers.

DSSIU-6-1U-1 Datasheet (PDF)

Go To PDF Page 다운로드 데이터시트
DSSIU-6-1U-1 Datasheet PDF - Danisense A/S

부품명 DSSIU-6-1U-1
다운로드  DSSIU-6-1U-1 Click to download

파일 크기   435.65 Kbytes
페이지   7 Pages
제조업체  DANISENSE [Danisense A/S]
홈페이지  https://danisense.com/
Logo DANISENSE - Danisense A/S
상세설명 Dedicated 6-channel system interface unit for ultra-stable, high precision fluxgate technology DS series current transducers.

DSSIU-6-1U-1 데이터시트 (HTML) - Danisense A/S


DSSIU-6-1U-1 제품 세부 정보

Features
• Compact 19” rack mount 1U height
• Current transducers’ output signals available via
4mm banana plugs
• Individual or serial access to calibration windings
of all 6 transducers via 4mm banana plugs
• 15-pin DSUB connector provides access to isolated
status signals of each transducer and power
• Front LEDs indication of normal operation for
each transducer and power LED for DSSIU-6-1U
• Universal autorange (100-240V AC 50/60Hz) AC
input voltage or 120–370V DC input voltage.




유사한 부품 번호 - DSSIU-6-1U-1

제조업체부품명데이터시트상세설명
logo
Danisense A/S
DSSIU-6-1U-V DANISENSE-DSSIU-6-1U-V Datasheet
366Kb / 8P
Fully configurable dedicated 1U high 6-channel system interface unit for ultra-stable, high precision fluxgate technology DS series current transducers.
2023-01-23
More results


유사한 설명 - DSSIU-6-1U-1

제조업체부품명데이터시트상세설명
logo
Danisense A/S
DL2000ID-CD100 DANISENSE-DL2000ID-CD100 Datasheet
1,016Kb / 7P
Ultra-stable, high precision (ppm class) fluxgate technology DS Series current transducer for non-intrusive, isolated DC and AC current measurement up to 3000A
2022-11-25
DL2000ID DANISENSE-DL2000ID Datasheet
973Kb / 7P
Ultra-stable, high precision (ppm class) fluxgate technology DS Series current transducer for non-intrusive, isolated DC and AC current measurement up to 3000A
2022-11-24
DQ500ID DANISENSE-DQ500ID Datasheet
520Kb / 7P
Ultra-stable, high precision (ppm class) fluxgate technology DS Series current transducer for non-intrusive, isolated DC and AC current measurement up to 800A
2022-11-29
DQ600ID DANISENSE-DQ600ID Datasheet
481Kb / 7P
Ultra-stable, high precision (ppm class) fluxgate technology DS Series current transducer for non-intrusive, isolated DC and AC current measurement up to 1000A
2022-11-29
DS200ID DANISENSE-DS200ID Datasheet
462Kb / 7P
Ultra-stable, high precision (ppm class) fluxgate technology DS Series current transducer for non-intrusive, isolated DC and AC current measurement up to 370A
2022-11-24
DS200UB-10V DANISENSE-DS200UB-10V Datasheet
560Kb / 8P
Ultra-stable, high precision (ppm class) fluxgate technology DS Series current transducer for non-intrusive, isolated DC and AC current measurement up to 220A
2022-11-24
DS300ID DANISENSE-DS300ID Datasheet
467Kb / 7P
Ultra-stable, high precision (ppm class) fluxgate technology DS Series current transducer for non-intrusive, isolated DC and AC current measurement up to 500A
2022-11-24
DS600UB-10V DANISENSE-DS600UB-10V Datasheet
558Kb / 8P
Ultra-stable, high precision (ppm class) fluxgate technology DS Series current transducer for non-intrusive, isolated DC and AC current measurement up to 660A
2022-11-24
DSSIU-4-1U-1 DANISENSE-DSSIU-4-1U-1 Datasheet
327Kb / 6P
Complete 4-channel system interface unit for ultra-stable, high precision fluxgate technology DS series current transducers.
2022-11-24
DSSIU-6-1U-V DANISENSE-DSSIU-6-1U-V Datasheet
366Kb / 8P
Fully configurable dedicated 1U high 6-channel system interface unit for ultra-stable, high precision fluxgate technology DS series current transducers.
2023-01-23
More results



링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com