전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PMEG1020EH 데이터시트 (PDF) - Nexperia B.V. All rights reserved

PMEG1020EH Datasheet PDF - Nexperia B.V. All rights reserved
부품명 PMEG1020EH
다운로드  PMEG1020EH 다운로드
파일 크기   178.16 Kbytes
페이지   8 Pages
제조업체  NEXPERIA [Nexperia B.V. All rights reserved]
홈페이지  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
상세설명 10 V, 2 A ultra low VF Schottky barrier rectifier

PMEG1020EH Datasheet (PDF)

Go To PDF Page 다운로드 데이터시트
PMEG1020EH Datasheet PDF - Nexperia B.V. All rights reserved

부품명 PMEG1020EH
다운로드  PMEG1020EH Click to download

파일 크기   178.16 Kbytes
페이지   8 Pages
제조업체  NEXPERIA [Nexperia B.V. All rights reserved]
홈페이지  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
상세설명 10 V, 2 A ultra low VF Schottky barrier rectifier

PMEG1020EH 데이터시트 (HTML) - Nexperia B.V. All rights reserved


PMEG1020EH 제품 세부 정보

1. General description
Planar Schottky barrier rectifier with an integrated guard ring for stress protection, encapsulated in
a small SOD123F Surface-Mounted Device (SMD) plastic package.

2. Features and benefits
• Forward current: ≤ 2 A
• Reverse voltage: ≤ 10 V
• Ultra low forward voltage
• Small and flat lead SMD plastic packages
• AEC-Q101 qualified

3. Applications
• Low voltage rectification
• High efficiency DC-to-DC conversion
• Switch mode power supply
• Inverse polarity protection
• Low power consumption applications




유사한 부품 번호 - PMEG1020EH

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
PMEG1020EH PHILIPS-PMEG1020EH Datasheet
56Kb / 9P
10 V, 2 A ultra low VF MEGA Schottky barrier rectifiers
Rev. 03-14 April 2005
PMEG1020EH PHILIPS-PMEG1020EH Datasheet
948Kb / 12P
Low VCEsat (BISS) transistors
May 2006
PMEG1020EH NXP-PMEG1020EH Datasheet
113Kb / 9P
10 V, 2 A ultra low VF MEGA Schottky barrier rectifiers
Rev. 04-15 January 2010
logo
Nexperia B.V. All right...
PMEG1020EH-Q NEXPERIA-PMEG1020EH-Q Datasheet
177Kb / 8P
10 V, 2 A ultra low VF Schottky barrier rectifier
22 December 2022
logo
NXP Semiconductors
PMEG1020EH PHILIPS-PMEG1020EH_15 Datasheet
113Kb / 9P
10 V, 2 A ultra low VF MEGA Schottky barrier rectifiers
Rev. 04-15 January 2010
More results


유사한 설명 - PMEG1020EH

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
PMEG1020EH PHILIPS-PMEG1020EH Datasheet
56Kb / 9P
10 V, 2 A ultra low VF MEGA Schottky barrier rectifiers
Rev. 03-14 April 2005
PMEG1020EA NXP-PMEG1020EA Datasheet
65Kb / 9P
2 A ultra low VF MEGA Schottky barrier rectifier
Rev. 04-30 December 2008
PMEG1020EH NXP-PMEG1020EH Datasheet
113Kb / 9P
10 V, 2 A ultra low VF MEGA Schottky barrier rectifiers
Rev. 04-15 January 2010
PMEG1020EH PHILIPS-PMEG1020EH_15 Datasheet
113Kb / 9P
10 V, 2 A ultra low VF MEGA Schottky barrier rectifiers
Rev. 04-15 January 2010
logo
Nexperia B.V. All right...
PMEG1020EH-Q NEXPERIA-PMEG1020EH-Q Datasheet
177Kb / 8P
10 V, 2 A ultra low VF Schottky barrier rectifier
22 December 2022
PMEG1020EJ NEXPERIA-PMEG1020EJ Datasheet
179Kb / 8P
10 V, 2 A ultra low VF Schottky barrier rectifier
22 December 2022
PMEG3020EH-Q NEXPERIA-PMEG3020EH-Q Datasheet
185Kb / 9P
30 V, 2 A ultra low VF Schottky barrier rectifier
11 July 2022
PMEG3020EJ-Q NEXPERIA-PMEG3020EJ-Q Datasheet
186Kb / 9P
30 V, 2 A ultra low VF Schottky barrier rectifier
11 July 2022
PMEG1030EH NEXPERIA-PMEG1030EH Datasheet
181Kb / 8P
10 V, 3 A ultra low VF Schottky barrier rectifier
21 April 2023
PMEG1030EJ NEXPERIA-PMEG1030EJ Datasheet
182Kb / 8P
10 V, 3 A ultra low VF Schottky barrier rectifier
21 April 2023
More results



링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com