전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

1862194 데이터시트 (PDF) - PHOENIX CONTACT

1862194 Datasheet PDF - PHOENIX CONTACT
부품명 1862194
다운로드  1862194 다운로드
파일 크기   359.4 Kbytes
페이지   10 Pages
제조업체  PHOENIX [PHOENIX CONTACT]
홈페이지  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
상세설명 SPTAF 1/13-3,5-IL - PCB terminal block

1862194 Datasheet (PDF)

Go To PDF Page 다운로드 데이터시트
1862194 Datasheet PDF - PHOENIX CONTACT

부품명 1862194
다운로드  1862194 Click to download

파일 크기   359.4 Kbytes
페이지   10 Pages
제조업체  PHOENIX [PHOENIX CONTACT]
홈페이지  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
상세설명 SPTAF 1/13-3,5-IL - PCB terminal block

1862194 데이터시트 (HTML) - PHOENIX CONTACT


1862194 제품 세부 정보

PCB terminal block, nominal current: 16 A, rated voltage (III/2): 160 V, nominal cross section: 1.5
mm2, number of potentials: 13, number of rows: 1, number of positions per row: 13, product
range: SPTAF 1/..-IL, pitch: 3.5 mm, connection method: Push-in spring connection, mounting:
Wave soldering, conductor/PCB connection direction: 45 °, color: green, Pin layout: Linear
pinning, Solder pin [P]: 2.6 mm, number of solder pins per potential: 2, type of packaging:
packed in cardboard

Your advantages
• Time saving push-in connection, tools not required
• Defined contact force ensures that contact remains stable over the long term
• Intuitive use through colour coded actuation lever
• Small component size for applications where space is at a premium
• Quick and convenient testing using integrated test option




유사한 부품 번호 - 1862194

제조업체부품명데이터시트상세설명
logo
Atom Lighting
18621 ATOM-18621 Datasheet
180Kb / 2P
AT9422
31st of January 2025 05:56:42
logo
PHOENIX CONTACT
1862107 PHOENIX-1862107 Datasheet
148Kb / 7P
PCB terminal block - SPTAF 1/ 8-3,5-EL
1862108 PHOENIX-1862108 Datasheet
55Kb / 4P
Base strip - MSTBV 2,5/10-GEH-5,08 BUGY
1862110 PHOENIX-1862110 Datasheet
148Kb / 7P
PCB terminal block - SPTAF 1/ 9-3,5-EL
1862123 PHOENIX-1862123 Datasheet
251Kb / 7P
PCB terminal block - SPTAF 1/10-3,5-EL
More results


유사한 설명 - 1862194

제조업체부품명데이터시트상세설명
logo
PHOENIX CONTACT
1861933 PHOENIX-1861933 Datasheet
141Kb / 5P
PCB terminal block - SPTAF 1/ 2-3,5-IL
1861959 PHOENIX-1861959 Datasheet
146Kb / 7P
PCB terminal block - SPTAF 1/ 4-3,5-IL
1861962 PHOENIX-1861962 Datasheet
146Kb / 7P
PCB terminal block - SPTAF 1/ 5-3,5-IL
1861975 PHOENIX-1861975 Datasheet
146Kb / 7P
PCB terminal block - SPTAF 1/ 6-3,5-IL
1861988 PHOENIX-1861988 Datasheet
146Kb / 7P
PCB terminal block - SPTAF 1/ 7-3,5-IL
1861991 PHOENIX-1861991 Datasheet
146Kb / 7P
PCB terminal block - SPTAF 1/ 8-3,5-IL
1862000 PHOENIX-1862000 Datasheet
146Kb / 7P
PCB terminal block - SPTAF 1/ 9-3,5-IL
1862039 PHOENIX-1862039 Datasheet
118Kb / 4P
PCB terminal block - SPTAF 1/12-3,5-IL
1862204 PHOENIX-1862204 Datasheet
135Kb / 7P
PCB terminal block - SPTAF 1/14-3,5-IL
1862013 PHOENIX-1862013 Datasheet
242Kb / 7P
PCB terminal block - SPTAF 1/10-3,5-IL
More results



링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com