전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

OFT-10W02P-32WN 데이터시트 (PDF) - BCM Advanced Research.

OFT-10W02P-32WN Datasheet PDF - BCM Advanced Research.
부품명 OFT-10W02P-32WN
다운로드  OFT-10W02P-32WN 다운로드
파일 크기   804.88 Kbytes
페이지   2 Pages
제조업체  BCM [BCM Advanced Research.]
홈페이지  https://www.bcmcom.com/
Logo BCM - BCM Advanced Research.
상세설명 10.1” Intel® Atom™ x5-Z8350 Quad Core Open Frame Tablet

OFT-10W02P-32WN Datasheet (PDF)

Go To PDF Page 다운로드 데이터시트
OFT-10W02P-32WN Datasheet PDF - BCM Advanced Research.

부품명 OFT-10W02P-32WN
다운로드  OFT-10W02P-32WN Click to download

파일 크기   804.88 Kbytes
페이지   2 Pages
제조업체  BCM [BCM Advanced Research.]
홈페이지  https://www.bcmcom.com/
Logo BCM - BCM Advanced Research.
상세설명 10.1” Intel® Atom™ x5-Z8350 Quad Core Open Frame Tablet

OFT-10W02P-32WN 데이터시트 (HTML) - BCM Advanced Research.


OFT-10W02P-32WN 제품 세부 정보

Features
• Intel® Atom™ x5-Z8350 Quad Core 1.44GHz processor onboard
up to 1.84GHz burst frequency • 2GB RAM • 32GB eMMC • PCAP Touch • 10/100/1000 Ethernet (PXE Boot) • Touch board interface (Power/ Brightness/ Volume/ LED) • 16-Bit programmable GPIO • RS-232 (TX/RX) or RS-485 • DC 19V Input, Optional 12V & 24V support • Optional Powered LAN (PoE) 802.3AT




유사한 부품 번호 - OFT-10W02P-32WN

제조업체부품명데이터시트상세설명
logo
BCM Advanced Research.
OFT-10W03 BCM-OFT-10W03 Datasheet
487Kb / 2P
10.1” Open Frame Tablet
2021/08/30
OFT-10W03-32LX BCM-OFT-10W03-32LX Datasheet
487Kb / 2P
10.1” Open Frame Tablet
2021/08/30
OFT-10W03-32WN BCM-OFT-10W03-32WN Datasheet
487Kb / 2P
10.1” Open Frame Tablet
2021/08/30
More results


유사한 설명 - OFT-10W02P-32WN

제조업체부품명데이터시트상세설명
logo
Advantech Co., Ltd.
MIC-3329 ADVANTECH-MIC-3329 Datasheet
790Kb / 2P
3U CompactPCI® Intel® Quad-Core Atom™ Processor Blade
22-Mar-2021
AIM-58 ADVANTECH-AIM-58 Datasheet
1Mb / 8P
10.1" Medical-Grade Tablet with Intel® Atom™ Processor and PCAP Touchscreen
2-Feb-2023
logo
BCM Advanced Research.
OFT-10W03 BCM-OFT-10W03 Datasheet
487Kb / 2P
10.1” Open Frame Tablet
2021/08/30
VNS-10W01 BCM-VNS-10W01 Datasheet
477Kb / 2P
10.1” Ultra Slim Panel PC with Intel® Atom™ x5-Z8350 Processor Onboard
2021/04/09
VNS-15W01 BCM-VNS-15W01 Datasheet
305Kb / 2P
15.6 inch Panel PC with Intel® Atom™ x5-Z8350 Processor Onboard
2021/02/19
logo
AAEON Technology
UPBOARD AAEON-UPBOARD Datasheet
582Kb / 2P
UP Developer Board with Intel® Atom™ x5-Z8350 Processor SoC
2022/10/26
UPC-CHT01-A20-0116-A11 AAEON-UPC-CHT01-A20-0116-A11 Datasheet
570Kb / 2P
UP Core Developer Board with Intel® Atom™ x5-Z8350 Processor SoC
logo
Advantech Co., Ltd.
AIM-68 ADVANTECH-AIM-68 Datasheet
1Mb / 7P
10.1" Industrial Tablet with Intel® Atom™ Processor
15-May-2018
AIM-68 ADVANTECH-AIM-68_V01 Datasheet
1Mb / 7P
10.1" Industrial Tablet with Intel® Atom™ Processor
16-May-2019
AIM-38 ADVANTECH-AIM-38 Datasheet
1Mb / 8P
10.1" Industrial Tablet for Retail Application Powered by Intel® Atom™ Processor
31-Aug-2021
More results



링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com