전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TMR2651D 데이터시트 (PDF) - MultiDimension Technology Co.,Ltd.

TMR2651D Datasheet PDF - MultiDimension Technology Co.,Ltd.
부품명 TMR2651D
다운로드  TMR2651D 다운로드
파일 크기   505.4 Kbytes
페이지   8 Pages
제조업체  MULTIDIMENSION [MultiDimension Technology Co.,Ltd.]
홈페이지  http://www.dowaytech.com/en/
Logo MULTIDIMENSION - MultiDimension Technology Co.,Ltd.
상세설명 High Frequency Response Programmable TMR Linear Magnetic Sensor

TMR2651D Datasheet (PDF)

Go To PDF Page 다운로드 데이터시트
TMR2651D Datasheet PDF - MultiDimension Technology Co.,Ltd.

부품명 TMR2651D
다운로드  TMR2651D Click to download

파일 크기   505.4 Kbytes
페이지   8 Pages
제조업체  MULTIDIMENSION [MultiDimension Technology Co.,Ltd.]
홈페이지  http://www.dowaytech.com/en/
Logo MULTIDIMENSION - MultiDimension Technology Co.,Ltd.
상세설명 High Frequency Response Programmable TMR Linear Magnetic Sensor

TMR2651D 데이터시트 (HTML) - MultiDimension Technology Co.,Ltd.


TMR2651D 제품 세부 정보

Description
The TMR265x is a tunneling magnetoresistance (TMR)
linear sensor with a dedicated signal conditioning
circuit built in. The integrated signal conditioning
circuit of TMR265x is able to calibrate zero offset,
gain, temperature coefficient of sensitivity (TCS) and
temperature coefficient of zero offset (TCO) of the
TMR bridge circuit, and outputs the conditioned voltage
signals.
In addition to TMR’s intrinsic advantages of high
resolution, high signal-to-noise ratio, and low power
consumption, TMR265x series linear sensors also
provide the following characteristics:
1. Fixed voltage output range in linear range
2. Excellent sensitivity consistency
3. Minimal zero drift
4. Low temperature coefficient of sensitivity
5. Low temperature coefficient of offset
This improvement greatly enhances the convenience
of design and use of TMR linear sensor products.
The TMR265x linear magnetic sensor is available in
DFN6L (3 mm × 2 mm × 0.75mm) package with P/N
of TMR2651D and TMR2652D.

Features and Benefits
•• Tunneling magnetoresistance (TMR) technology
•• High frequency response: DC to 2 MHz
•• Large dynamic range: TMR2651D: ±1000 Gs
TMR2652D: ±500 Gs
••Wide range supply voltages: 3 V to 5.5 V
•• Nonlinearity: 0.2%
•• Programmable sensitivity and zero offset
•• Programmable temperature compensation
•• RoHS & REACH compliant
Applications
•• Current sensor
•• Linear position sensor
•• Gaussmeter
•• Encoder




유사한 부품 번호 - TMR2651D

제조업체부품명데이터시트상세설명
logo
MultiDimension Technolo...
TMR2651D MULTIDIMENSION-TMR2651D Datasheet
505Kb / 8P
High Frequency Response Programmable TMR Linear Magnetic Sensor
Version 2.0
More results


유사한 설명 - TMR2651D

제조업체부품명데이터시트상세설명
logo
Nanjing Ouzhuo Technolo...
MMLP57F OHHALLSENSOR-MMLP57F Datasheet
275Kb / 3P
TMR Linear Sensor
logo
American Electronic Com...
TMR2001 AEC-TMR2001 Datasheet
410Kb / 4P
TMR Linear Sensor
logo
MultiDimension Technolo...
TMR265X MULTIDIMENSION-TMR265X Datasheet
505Kb / 8P
High Frequency Response Programmable TMR Linear Magnetic Sensor
Version 2.0
TMR1102 MULTIDIMENSION-TMR1102 Datasheet
1Mb / 8P
MicroAmpere High Frequency Response Unipolar Magnetic Switch Sensor
Version 2.0.1
TMR1148 MULTIDIMENSION-TMR1148 Datasheet
1Mb / 8P
MicroAmpere High Frequency Response Unipolar Magnetic Switch Sensor
Version 2.0
TMR2001 MULTIDIMENSION-TMR2001 Datasheet
453Kb / 4P
TMR Linear Sensor
V1.0a
TMR2003 MULTIDIMENSION-TMR2003 Datasheet
453Kb / 4P
TMR Linear Sensor
V1.0a
TMR2083 MULTIDIMENSION-TMR2083 Datasheet
481Kb / 6P
TMR Linear Magnetic Sensor
Version 1.0
TMR2185 MULTIDIMENSION-TMR2185 Datasheet
701Kb / 7P
High Frequency Response Programmable TMR Linear Magnetic Sensor
Version 2.0
TMR9082 MULTIDIMENSION-TMR9082 Datasheet
748Kb / 7P
High sensitivity, Low Noise TMR Magnetic Linear Sensor
Version 1.0
More results



링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com