| 제조업체 | 부품명 | 데이터시트 | 상세설명 |
 Ulti-Mate Connector Inc |
SD-421031120
|
46Kb / 1P |
Nano Circular Wired 7 Pin No Hardware 30 AWG Stranded w/ Teflon insulation (NEMA HP3-ET) 10 Repeating Colors 18 Inches Wire Length Plastic Shell 200 Max Temp No QPL
09-03-14 |
|
SD-421041120
|
54Kb / 1P |
Nano Circular Wired 19 Pin No Hardware 30 AWG Stranded w/ Teflon insulation (NEMA HP3-ET) 10 Repeating Colors 18 Inches Wire Length Plastic Shell 200 Max Temp No QPL
07-09-18 |
|
SD-421061120
|
50Kb / 1P |
Nano Circular Wired 12 Pin No Hardware 30 AWG Stranded w/ Teflon insulation (NEMA HP3-ET) 10 Repeating Colors 18 Inches Wire Length Plastic Shell 200 Max Temp No QPL
09-21-16 |
|
SD-433361632
|
61Kb / 1P |
Nano-D Wired 37 Pin Allen Head Jackscrew 2 Row 30 AWG Stranded w/ Teflon insulation (NEMA HP3-ET) 10 Repeating Colors 36 Inches Wire Length Nickel Metal Shell 200 Max Temp No QPL
06-05-14 |
|
SD-433363632
|
59Kb / 1P |
Nano-D Wired 37 Pin Allen Head Jackscrew 2 Row 30 AWG Stranded w/ Teflon insulation (NEMA HP3-ET) 10 Repeating Colors 36 Inches Wire Length Black Anodize Metal Shell 200 Max Temp No QPL
06-05-14 |
|
SD-821134120
|
49Kb / 1P |
Nano Circular Wired 7 Pin No Hardware 30 AWG Stranded w/ Teflon insulation (NEMA HP3-ET) 10 Repeating Colors 18 Inches Wire Length Nickel Metal Shell 125 Max Temp No QPL
04-11-16 |
|
SD-821164120
|
53Kb / 1P |
Nano Circular Wired 12 Pin No Hardware 30 AWG Stranded w/ Teflon insulation (NEMA HP3-ET) 10 Repeating Colors 18 Inches Wire Length Nickel Metal Shell 125 Max Temp No QPL
04-11-16 |
|
SD-833361622
|
63Kb / 1P |
Nano-D Wired 37 Pin Allen Head Jackscrew 2 Row 30 AWG Stranded w/ Teflon insulation (NEMA HP3-ET) 10 Repeating Colors 18 Inches Wire Length Nickel Metal Shell 125 Max Temp No QPL
03-09-10 |
|
SD-833461522
|
53Kb / 1P |
Nano-D Wired 37 Socket Allen Head Jackscrew 2 Row 30 AWG Stranded w/ Teflon insulation (NEMA HP3-ET) White 18 Inches Wire Length Nickel Metal Shell 125 Max Temp No QPL
12-18-13 |
|
SD-833468900
|
53Kb / 1P |
Nano-D Wired 37 Socket Allen Head Jackscrew 2 Row 34 AWG Stranded w/ Teflon insulation (NEMA HP3-ET) 10 Repeating Colors 18 Inches Wire Length Plastic Shell 125 Max Temp No QPL
11-17-20 |