전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IE-1000 데이터시트 (PDF) - Digital View Ltd

IE-1000 Datasheet PDF - Digital View Ltd
부품명 IE-1000
다운로드  IE-1000 다운로드
파일 크기   2258.9 Kbytes
페이지   2 Pages
제조업체  DIGITALVIEW [Digital View Ltd]
홈페이지  https://www.digitalview.com/
Logo DIGITALVIEW - Digital View Ltd
상세설명 The Digital View IE-1000 image enhancer board, improves 10 bit 120Hz display.

IE-1000 Datasheet (PDF)

Go To PDF Page 다운로드 데이터시트
IE-1000 Datasheet PDF - Digital View Ltd

부품명 IE-1000
다운로드  IE-1000 Click to download

파일 크기   2258.9 Kbytes
페이지   2 Pages
제조업체  DIGITALVIEW [Digital View Ltd]
홈페이지  https://www.digitalview.com/
Logo DIGITALVIEW - Digital View Ltd
상세설명 The Digital View IE-1000 image enhancer board, improves 10 bit 120Hz display.

IE-1000 데이터시트 (HTML) - Digital View Ltd


IE-1000 제품 세부 정보

Features
Colors: Up to 10 bit per color, ie 1.07 billion of colors.
Power Requirements: +12VDC / +24VDC ±5%,15W
(IE-1000 only)
Signal support capability:
Status Indicator : On board LED status for power in and
Signal.
Input port :
2 channel LVDS @max 85MHz each
Supports up to 1080p@60Hz
Output port :
4 channel LVDS @85MHz each
Supports up to 1920x1200 120Hz panel resolution.
Image :
Eliminates film judder and reduces blur caused by latent
LCD response time via fast motion compensation frame
interpolation.




유사한 부품 번호 - IE-1000

제조업체부품명데이터시트상세설명
logo
Times Microwave Systems...
IE-00144-01 TIMES-IE-00144-01 Datasheet
249Kb / 2P
INSTABEND 086 CABLE ASSEMBLY
Rev. A
IE-00144-01 TIMES-IE-00144-01 Datasheet
253Kb / 2P
INSTABEND 086 CABLE ASSEMBLY
Rev. A
IE-00144-02 TIMES-IE-00144-02 Datasheet
249Kb / 2P
INSTABEND 086 CABLE ASSEMBLY
Rev. A
IE-00144-02 TIMES-IE-00144-02 Datasheet
253Kb / 2P
INSTABEND 086 CABLE ASSEMBLY
Rev. A
IE-00144-03 TIMES-IE-00144-03 Datasheet
249Kb / 2P
INSTABEND 086 CABLE ASSEMBLY
Rev. A
More results


유사한 설명 - IE-1000

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TDA8776A PHILIPS-TDA8776A Datasheet
150Kb / 20P
10-bit, 1000 Msps Digital-to-Analog Converter DAC
1996 Jun 04
logo
LOGIC Devices Incorpora...
LF2246 LODEV-LF2246 Datasheet
248Kb / 7P
11 x 10-bit Image Filter
LF3338 LODEV-LF3338 Datasheet
303Kb / 15P
8-Bit Vertical Digital Image Filter
logo
National Semiconductor ...
LM1270 NSC-LM1270 Datasheet
1Mb / 27P
Hi-Brite 200 MHz I2C Compatible RGB Image Enhancer with Video Auto Sizing
logo
Rohm
BU1570KN ROHM-BU1570KN Datasheet
383Kb / 6P
Camera Image Adaptive Enhancer IC for security devices
BU1570KN ROHM-BU1570KN_09 Datasheet
332Kb / 9P
AIE: Adaptive Image Enhancer
logo
Axiomtek Co., Ltd.
MANO871 AXIOMTEK-MANO871 Datasheet
232Kb / 1P
Dual view display
MANO872 AXIOMTEK-MANO872 Datasheet
230Kb / 1P
Triple view display
logo
AverLogic Technologies ...
AL330B-EVB-A0 AVERLOGIC-AL330B-EVB-A0 Datasheet
1Mb / 17P
Digital LCD Display SOC Evaluation Board
logo
TT Electronics.
QS20P TTELEC-QS20P Datasheet
217Kb / 2P
Improves signal quality
More results



링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com