| 제조업체 | 부품명 | 데이터시트 | 상세설명 |
 Ulti-Mate Connector Inc |
SD-811031120
|
43Kb / 1P |
Micro Circular Wired 5 Pin No Hardware 26 AWG Stranded w/ Teflon insulation (NEMA HP3-EX) Non-Repeating Colors (Mil-Std-681) 18 Inches Wire Length Plastic Shell 125 Max Temp No QPL
02-13-13 |
|
SD-811041120
|
45Kb / 1P |
Micro Circular Wired 12 Pin No Hardware 26 AWG Stranded w/ Teflon insulation (NEMA HP3-EX) Non-Repeating Colors (Mil-Std-681) 18 Inches Wire Length Plastic Shell 125 Max Temp No QPL
06-12-19 |
|
SD-811051120
|
44Kb / 1P |
Micro Circular Wired 7 Pin No Hardware 26 AWG Stranded w/ Teflon insulation (NEMA HP3-EX) Non-Repeating Colors (Mil-Std-681) 18 Inches Wire Length Plastic Shell 125 Max Temp No QPL
07-07-15 |
|
SD-837022040
|
38Kb / 1P |
Micro Strip Wired 2 Socket No Hardware 26 AWG Stranded w/ Teflon insulation (NEMA HP3-EX) Non-Repeating Colors (Mil-Std-681) 18 Inches Wire Length Plastic Shell 125 Max Temp No QPL
4-22-14 |
|
SD-837051040
|
37Kb / 1P |
Micro Strip Wired 5 Pin No Hardware 26 AWG Stranded w/ Teflon insulation (NEMA HP3-EX) Non-Repeating Colors (Mil-Std-681) 18 Inches Wire Length Plastic Shell 125 Max Temp No QPL
9-5-12 |
|
SD-837061040
|
37Kb / 1P |
Micro Strip Wired 6 Pin No Hardware 26 AWG Stranded w/ Teflon insulation (NEMA HP3-EX) Non-Repeating Colors (Mil-Std-681) 18 Inches Wire Length Plastic Shell 125 Max Temp No QPL
9-5-12 |
|
SD-837082040
|
39Kb / 1P |
Micro Strip Wired 8 Socket No Hardware 26 AWG Stranded w/ Teflon insulation (NEMA HP3-EX) Non-Repeating Colors (Mil-Std-681) 18 Inches Wire Length Plastic Shell 125 Max Temp No QPL
7-9-07 |
|
SD-837121040
|
44Kb / 1P |
Micro Strip Wired 12 Pin No Hardware 26 AWG Stranded w/ Teflon insulation (NEMA HP3-EX) Non-Repeating Colors (Mil-Std-681) 18 Inches Wire Length Plastic Shell 125 Max Temp No QPL
7-31-13 |
|
SD-837122040
|
45Kb / 1P |
Micro Strip Wired 12 Socket No Hardware 26 AWG Stranded w/ Teflon insulation (NEMA HP3-EX) Non-Repeating Colors (Mil-Std-681) 18 Inches Wire Length Plastic Shell 125 Max Temp No QPL
7-31-13 |
|
SD-837151040
|
42Kb / 1P |
Micro Strip Wired 15 Pin No Hardware 26 AWG Stranded w/ Teflon insulation (NEMA HP3-EX) Non-Repeating Colors (Mil-Std-681) 18 Inches Wire Length Plastic Shell 125 Max Temp No QPL
9-5-12 |