전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

WAS350M12BM3 데이터시트 (PDF) - WOLFSPEED, INC.

WAS350M12BM3 Datasheet PDF - WOLFSPEED, INC.
부품명 WAS350M12BM3
다운로드  WAS350M12BM3 다운로드
파일 크기   3374.11 Kbytes
페이지   12 Pages
제조업체  WOLFSPEED [WOLFSPEED, INC.]
홈페이지  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.
상세설명 1200 V, 350 A, Silicon Carbide, Half-Bridge Module

WAS350M12BM3 Datasheet (PDF)

Go To PDF Page 다운로드 데이터시트
WAS350M12BM3 Datasheet PDF - WOLFSPEED, INC.

부품명 WAS350M12BM3
다운로드  WAS350M12BM3 Click to download

파일 크기   3374.11 Kbytes
페이지   12 Pages
제조업체  WOLFSPEED [WOLFSPEED, INC.]
홈페이지  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.
상세설명 1200 V, 350 A, Silicon Carbide, Half-Bridge Module

WAS350M12BM3 데이터시트 (HTML) - WOLFSPEED, INC.


WAS350M12BM3 제품 세부 정보

Technical Features
• Industry Standard 62mm Footprint
• High Humidity Operation THB-80 (HV-H3TRB)
• Ultra Low Loss, High-Frequency Operation
• Zero Reverse Recovery from Diodes
• Zero Turn-off Tail Current from MOSFET
• Normally-off, Fail-safe Device Operation
• Copper Baseplate and Aluminum Nitride Insulator
Applications
• Induction Heating
• Motor Drives
• Renewables
• Railway Auxiliary & Traction
• EV Fast Charging
• UPS and SMPS
1200 V, 350 A, Silicon Carbide, Half-Bridge Module
VDS 1200 V
I
DS 350 A
System Benefits
• 62mm Form Factor Enables System Retrofit
• Increased System Efficiency, due to Low Switching
& Conduction Losses of SiC




유사한 부품 번호 - WAS350M12BM3

제조업체부품명데이터시트상세설명
logo
Cree, Inc
WAS300M12BM2 CREE-WAS300M12BM2 Datasheet
1Mb / 9P
1.2kV, 4.2 mohm All-Silicon Carbide THB-80 Half-Bridge Module
logo
Inchange Semiconductor ...
WAS300M12BM2 ISC-WAS300M12BM2 Datasheet
804Kb / 8P
All-SiC Power Module
2023-9-4
logo
WOLFSPEED, INC.
WAS310M17BM3 WOLFSPEED-WAS310M17BM3 Datasheet
3Mb / 12P
1700 V, 310 A, Silicon Carbide, Half-Bridge Module
Rev. 0 November 2022
logo
Will Semiconductor Ltd.
WAS3157B WILLSEMI-WAS3157B Datasheet
1Mb / 9P
5.5廓, 400MHz Bandwidth, SPDT Analog Switch
WAS3157B-6/TR WILLSEMI-WAS3157B-6/TR Datasheet
1Mb / 9P
5.5廓, 400MHz Bandwidth, SPDT Analog Switch
More results


유사한 설명 - WAS350M12BM3

제조업체부품명데이터시트상세설명
logo
WOLFSPEED, INC.
CAB006M12GM3 WOLFSPEED-CAB006M12GM3 Datasheet
2Mb / 12P
1200 V, 6 mΩ, Silicon Carbide, Half-Bridge Module
Rev. 2, April 2023
CAB008A12GM3 WOLFSPEED-CAB008A12GM3 Datasheet
2Mb / 12P
1200 V, 8 mΩ, Silicon Carbide, Half-Bridge Module
Rev. 1, April 2023
CAB011M12FM3 WOLFSPEED-CAB011M12FM3 Datasheet
2Mb / 12P
1200 V, 11 mΩ, Silicon Carbide, Half-Bridge Module
Rev. 3, May 2023
CAB530M12BM3 WOLFSPEED-CAB530M12BM3 Datasheet
1Mb / 11P
1200 V, 530 A All-Silicon Carbide Half-Bridge Module
Rev. 0, 2021-03-02
CAB760M12HM3 WOLFSPEED-CAB760M12HM3 Datasheet
1Mb / 11P
1200 V, 760 A, Silicon Carbide High-Performance, Half-Bridge Module
Rev. 1, 2022-02-25
CAB760M12HM3R WOLFSPEED-CAB760M12HM3R Datasheet
1Mb / 11P
1200 V, 760 A, Silicon Carbide High-Performance, Half-Bridge Module
Rev. 1, 2022-02-25
CAS175M12BM3 WOLFSPEED-CAS175M12BM3 Datasheet
3Mb / 12P
1200 V, 175 A, Silicon Carbide, Half-Bridge Module
Rev. 0, JUNE 2022
CAS350M12BM3 WOLFSPEED-CAS350M12BM3 Datasheet
3Mb / 12P
1200 V, 350 A, Silicon Carbide, Half-Bridge Module
Rev. 0, JUNE 2022
CAS530M12BM3 WOLFSPEED-CAS530M12BM3 Datasheet
3Mb / 12P
1200 V, 530 A, Silicon Carbide, Half-Bridge Module
Rev. 0, JUNE 2022
WAS175M12BM3 WOLFSPEED-WAS175M12BM3 Datasheet
3Mb / 12P
1200 V, 175 A, Silicon Carbide, Half-Bridge Module
Rev. 0 JUNE 2022
More results



링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com