전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PS-HATSFL 데이터시트 (PDF) - Greystone Energy Systems Inc.

PS-HATSFL Datasheet PDF - Greystone Energy Systems Inc.
부품명 PS-HATSFL
다운로드  PS-HATSFL 다운로드
파일 크기   167.28 Kbytes
페이지   1 Pages
제조업체  GREYSTONE [Greystone Energy Systems Inc.]
홈페이지  http://greystoneenergy.com/
Logo GREYSTONE - Greystone Energy Systems Inc.
상세설명 HIGH ACCURACY FLYING LEAD TEMPERATURE SENSOR

PS-HATSFL Datasheet (PDF)

Go To PDF Page 다운로드 데이터시트
PS-HATSFL Datasheet PDF - Greystone Energy Systems Inc.

부품명 PS-HATSFL
다운로드  PS-HATSFL Click to download

파일 크기   167.28 Kbytes
페이지   1 Pages
제조업체  GREYSTONE [Greystone Energy Systems Inc.]
홈페이지  http://greystoneenergy.com/
Logo GREYSTONE - Greystone Energy Systems Inc.
상세설명 HIGH ACCURACY FLYING LEAD TEMPERATURE SENSOR

PS-HATSFL 데이터시트 (HTML) - Greystone Energy Systems Inc.


PS-HATSFL 제품 세부 정보

PRODUCT DESCRIPTION
The high accuracy single point flying lead
temperature sensor utilizes a precision sensor
encapsulated in 6 mm (0.236”) OD X 50 mm (2”),
304 series stainless steal probe. Standard wire
length is 3.05 m (10’). All probes are constructed to
provide excellent heat transfer, fast response and
are potted to resist moisture penetration.




유사한 부품 번호 - PS-HATSFL

제조업체부품명데이터시트상세설명
logo
Greystone Energy System...
PS-HATSAP GREYSTONE-PS-HATSAP Datasheet
317Kb / 2P
HIGH ACCURACY ALL PURPOSE DUCT TEMPERATURE SENSOR
PS-HATSBB GREYSTONE-PS-HATSBB Datasheet
157Kb / 2P
HIGH ACCURACY DUCT TEMPERATURE SENSOR
PS-HATSDC GREYSTONE-PS-HATSDC Datasheet
378Kb / 2P
HIGH ACCURACY FLEXIBLE COPPER DUCT AVERAGE TEMPERATURE SENSOR
PS-HATSDF GREYSTONE-PS-HATSDF Datasheet
431Kb / 2P
HIGH ACCURACY FLEXIBLE CABLE DUCT AVERAGE TEMPERATURE SENSOR
PS-HATSDR GREYSTONE-PS-HATSDR Datasheet
282Kb / 2P
HIGH ACCURACY RIGID DUCT AVERAGE TEMPERATURE SENSOR
More results


유사한 설명 - PS-HATSFL

제조업체부품명데이터시트상세설명
logo
Linear Dimensions Semic...
DC2126A LINEAR_DIMENSIONS-DC2126A Datasheet
724Kb / 10P
High-Accuracy Wireless Temperature Sensor
logo
Seiko Instruments Inc
S-5852ABCAC-A8T1U4 SII-S-5852ABCAC-A8T1U4 Datasheet
1Mb / 15P
HIGH-ACCURACY DIGITAL TEMPERATURE SENSOR
logo
Greystone Energy System...
PS-HATDFL GREYSTONE-PS-HATDFL Datasheet
280Kb / 2P
HIGH ACCURACY FLYING LEAD TEMPERATURE TRANSMITTER WITH LCD
PS-HATSBB GREYSTONE-PS-HATSBB Datasheet
157Kb / 2P
HIGH ACCURACY DUCT TEMPERATURE SENSOR
PS-HATSOS GREYSTONE-PS-HATSOS Datasheet
256Kb / 2P
HIGH ACCURACY OUTSIDE TEMPERATURE SENSOR
PS-HATXFL GREYSTONE-PS-HATXFL Datasheet
331Kb / 2P
HIGH ACCURACY FLYING LEAD TEMPERATURE TRANSMITTER
PS-TNFL GREYSTONE-PS-TNFL Datasheet
292Kb / 2P
FLYING LEAD NETWORK TEMPERATURE SENSOR
PS-TSFL GREYSTONE-PS-TSFL Datasheet
167Kb / 1P
FLYING LEAD TEMPERATURE SENSOR
02/20
TNFL GREYSTONE-TNFL Datasheet
292Kb / 2P
FLYING LEAD NETWORK TEMPERATURE SENSOR
TXFL GREYSTONE-TXFL Datasheet
296Kb / 2P
FLYING LEAD TEMPERATURE TRANSMITTER
More results



링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com