| 제조업체 | 부품명 | 데이터시트 | 상세설명 |
 Molex Electronics Ltd. |
SD-180414-102
|
460Kb / 5P |
COB LED HOLDER ASSEMBLY 13.5MM X 13.5MM SQUARE
2019/11/11 |
 Transko Electronics, In... |
HC49S
|
157Kb / 1P |
STANDARD HC49/S THROUGH HOLE CRYSTAL (11.5 x 4.7 x 3.5mm)
REV.3 10-10-19 |
|
HC49SMD
|
159Kb / 1P |
STANDARD HC49/SMD CRYSTAL (11.5 x 4.75 x 3.5mm)
Rev. 2: 10-10-19 |
|
SXI
|
170Kb / 1P |
STANDARD THROUGH HOLE OSCILLATOR (20.7 x 13.1 x 7.5mm)
Rev. 2: 01-30-19 |
|
SXO
|
179Kb / 1P |
STANDARD THROUGH HOLE OSCILLATOR (20.8 x 13.2 x 7.24mm)
Rev. 4: Sep. 2019 |
|
SXP
|
170Kb / 1P |
STANDARD THROUGH HOLE OSCILLATOR (20.7 x 13.7 x 7.5mm)
Rev. 2: 01-30-19 |
|
SXS
|
459Kb / 1P |
STANDARD THROUGH HOLE OSCILLATOR (20.7 x 13.1 x 7.5mm)
Ver. 1: Jan. 2015 |
|
TPI10040F
|
781Kb / 3P |
Power Inductor SMD (10.3 X 11.5 X 4.0mm)
Rev 1: 05-09-2018 |
|
UM-1
|
154Kb / 1P |
HIGH FREQUENCY THROUGH HOLE CRYSTAL (7.8 x 3.2 x 8.0mm)
Rev.3: 10-10-19 |
|
VCXO-650
|
451Kb / 2P |
STANDARD THROUGH HOLE VCXO (20.7 x 13.1 x 7.5mm)
Rev. 1: Jul. 2014 |