전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDGD27X 데이터시트 (PDF) - Teledyne Technologies Incorporated

TDGD27X Datasheet PDF - Teledyne Technologies Incorporated
부품명 TDGD27X
다운로드  TDGD27X 다운로드
파일 크기   963.33 Kbytes
페이지   30 Pages
제조업체  TELEDYNE [Teledyne Technologies Incorporated]
홈페이지  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated
상세설명 Single/Dual 4-Amp Isolated Gate Driver with High Transient dV/dt) Immunity

TDGD27X Datasheet (PDF)

Go To PDF Page 다운로드 데이터시트
TDGD27X Datasheet PDF - Teledyne Technologies Incorporated

부품명 TDGD27X
다운로드  TDGD27X Click to download

파일 크기   963.33 Kbytes
페이지   30 Pages
제조업체  TELEDYNE [Teledyne Technologies Incorporated]
홈페이지  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated
상세설명 Single/Dual 4-Amp Isolated Gate Driver with High Transient dV/dt) Immunity

TDGD27X 데이터시트 (HTML) - Teledyne Technologies Incorporated


TDGD27X 제품 세부 정보

KEY FEATURES
• Single, dual, or high-side/low-side drivers
• Single PWM or dual digital inputs
• High dV/dt immunity:
• 200 kV/μs CMTI
• 400 kV/μs Latch-up
• Separate pull-up/down outputs for slew
rate control
• Wide supply range:
• Input supply: 2.5–5.5 V
• Driver supply: 4.2–30 V
• Very low jitter of 200 ps p-p
• 60 ns propagation delay (max)
• Dedicated enable pin
• High performance isolation technology:
• Industry leading noise immunity
• High speed, low latency and skew
• Best reliability available
• Compact packages:
• 8-pin SOIC
• 16-pin SOIC
• Wide temperature range:
• –55 to 125 °C
• One Diffusion Lot
• Teledyne 100% screening
• Obsolescence Support

HiRel Applications
•dc/dc Converter•Battery Management Systems•Power Supplies•Motor Control Systems




유사한 부품 번호 - TDGD27X

제조업체부품명데이터시트상세설명
logo
Automatic Timing & Cont...
TDG ATC-TDG Datasheet
184Kb / 1P
Repeat Cycle–ON Time First Relay Output
TDG-120-AFA ATC-TDG-120-AFA Datasheet
184Kb / 1P
Repeat Cycle–ON Time First Relay Output
TDG-120-AFB ATC-TDG-120-AFB Datasheet
184Kb / 1P
Repeat Cycle–ON Time First Relay Output
TDG-120-AKA ATC-TDG-120-AKA Datasheet
184Kb / 1P
Repeat Cycle–ON Time First Relay Output
TDG-120-AKB ATC-TDG-120-AKB Datasheet
184Kb / 1P
Repeat Cycle–ON Time First Relay Output
More results


유사한 설명 - TDGD27X

제조업체부품명데이터시트상세설명
logo
Littelfuse
S402ES LITTELFUSE-S402ES_11 Datasheet
389Kb / 8P
New 1.5 Amp sensitive gate SCR series offers high static dv/dt with low
logo
Analog Devices
ADUM3220BRZ AD-ADUM3220BRZ Datasheet
614Kb / 16P
Isolated, 4 A Dual-Channel Gate Driver
REV. C
logo
Silikron Semiconductor ...
SSF7N60 SILIKRON-SSF7N60 Datasheet
439Kb / 6P
Extremely high dv/dt capability
logo
STMicroelectronics
STP35N60DM2 STMICROELECTRONICS-STP35N60DM2 Datasheet
733Kb / 13P
Extremely high dv/dt ruggedness
10-Sep-2015
logo
Surge Components
C24 SURGE-C24 Datasheet
5Mb / 16P
High dv/dt ability
C28 SURGE-C28 Datasheet
3Mb / 11P
High dv/dt ability
logo
Alpha & Omega Semicondu...
AOK75B60D1 AOSMD-AOK75B60D1 Datasheet
819Kb / 9P
Minimal gate spike under high dV/dt
logo
Silicon Laboratories
SI827X SILABS-SI827X_V01 Datasheet
944Kb / 44P
4 Amp ISOdriver with High Transient (dV/dt) Immunity
logo
Analog Devices
ADUM3220 AD-ADUM3220_V01 Datasheet
859Kb / 16P
Isolated, 4 A Dual-Channel Gate Driver
Rev. D
logo
Skyworks Solutions Inc.
SI827X SKYWORKS-SI827X Datasheet
1Mb / 47P
4 Amp ISOdriver with High Transient (dV/dt) Immunity
Revision A July, 2022
More results



링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com