| 제조업체 | 부품명 | 데이터시트 | 상세설명 |
 Transko Electronics, In... |
TP75A
|
357Kb / 2P |
MINIATURE CERAMIC SMD OSCILLATOR (7.0 x 5.0 x 1.9mm)
Rev 7: 04-11-2022 |
|
CS75
|
232Kb / 1P |
MINIATURE CERAMIC SMD CRYSTAL (7.0 x 5.0 x 1.1mm)
Rev.4:10-10-19 |
|
THCSI
|
305Kb / 1P |
CERAMIC SMD HCSL OUTPUT OSCILLATOR (7.0 x 5.0 x 1.8mm)
Rev. 2: 12-07-2022 |
|
TSI75
|
453Kb / 1P |
MINIATURE CERAMIC SMD OSCILLATOR (7.0 x 5.0 x 1.7mm)
Rev.4: Mar. 2015 |
|
TSM75
|
426Kb / 1P |
MINIATURE CERAMIC SMD OSCILLATOR (7.0 x 5.0 x 1.5mm)
Rev.3: Jan. 2015 |
|
TSMV
|
289Kb / 1P |
VCXO STANDARD CERAMIC SMD (7.0 x 5.0 x 2.0mm)
Rev. 5: 02-26-20 |
|
TV53A
|
606Kb / 2P |
MINIATURE CERAMIC SMD VCXO (5.0 x 3.2mm)
Rev. 3: Nov. 2015 |
|
TV75A
|
419Kb / 2P |
MINIATURE CERAMIC SMD VCXO (7.0 x 5.0mm)
Rev. 3: 12-14-2022 |
|
TX-S
|
326Kb / 2P |
TCXO/VCTCXO MINIATURE CERAMIC SMD (7.0 x 5.0 x 2.0mm)
Rev 4: 03-02-2023 |
|
TX-SB
|
305Kb / 1P |
TCXO/VCTCXO CERAMIC SMD (7.0 x 5.0 x 1.8mm)
Rev 2: 03-02-2023 |