전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI3404 데이터시트 (PDF) - Skyworks Solutions Inc.

SI3404 Datasheet PDF - Skyworks Solutions Inc.
부품명 SI3404
다운로드  SI3404 다운로드
파일 크기   474.57 Kbytes
페이지   26 Pages
제조업체  SKYWORKS [Skyworks Solutions Inc.]
홈페이지  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.
상세설명 Fully-Integrated IEEE 802.3 Type 1-Compliant POE PD Interface and High-Efficiency Switching Regulator with Compact Footprint

SI3404 Datasheet (PDF)

Go To PDF Page 다운로드 데이터시트
SI3404 Datasheet PDF - Skyworks Solutions Inc.

부품명 SI3404
다운로드  SI3404 Click to download

파일 크기   474.57 Kbytes
페이지   26 Pages
제조업체  SKYWORKS [Skyworks Solutions Inc.]
홈페이지  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.
상세설명 Fully-Integrated IEEE 802.3 Type 1-Compliant POE PD Interface and High-Efficiency Switching Regulator with Compact Footprint

SI3404 데이터시트 (HTML) - Skyworks Solutions Inc.


SI3404 제품 세부 정보

KEY FEATURES
• Type 1 (PoE) power
• IEEE 802.3at Type 1 compliance
• Current mode dc-dc converter
• Tunable switching frequency
• Transformer bias winding support
• Auxiliary adapter capability
• Integrated hotswap FET and switching FET
• 120 V Absolute Max voltage performance
• Extended –40 to +85 °C temperature
• Compact ROHS-compliant 4 mm x 4 mm
QFN Package




유사한 부품 번호 - SI3404

제조업체부품명데이터시트상세설명
logo
Silicon Laboratories
SI3404 SILABS-SI3404 Datasheet
659Kb / 25P
Voice over IP telephones
More results


유사한 설명 - SI3404

제조업체부품명데이터시트상세설명
logo
Silicon Laboratories
SI3400 SILABS-SI3400 Datasheet
447Kb / 20P
FULLY-INTEGRATED 802.3-COMPLIANT PD INTERFACE AND SWITCHING REGULATOR
logo
List of Unclassifed Man...
SI3400-GM ETC2-SI3400-GM Datasheet
458Kb / 20P
FULLY-INTEGRATED 802.3-COMPLIANT PD INTERFACE AND SWITCHING REGULATOR
SI3402 ETC2-SI3402 Datasheet
261Kb / 22P
FULLY-INTEGRATED 802.3-COMPLIANT POE PD INTERFACE FULLY-INTEGRATED 802.3-COMPLIANT POE PD INTERFACE
logo
STMicroelectronics
PM8803TR STMICROELECTRONICS-PM8803TR Datasheet
836Kb / 34P
High-efficiency, IEEE 802.3at compliant integrated PoE-PD interface and PWM controller
07-Nov-2012
logo
Silicon Laboratories
SI3402-B SILABS-SI3402-B Datasheet
1Mb / 21P
FULLY-INTEGRATED 802.3-COMPLIANT POE PD INTERFACE AND LOW-EMI SWITCHING REGULATOR
logo
STMicroelectronics
PM8801 STMICROELECTRONICS-PM8801 Datasheet
1Mb / 37P
High-efficiency, IEEE 802.3at compliant, integrated PoE-PD interface and PWM controller
29-Jul-2013
logo
Silicon Laboratories
SI3402-C SILABS-SI3402-C Datasheet
596Kb / 21P
FULLY-INTEGRATED IEEE 802.3-COMPLIANT POE PD INTERFACE AND LOW-EMI SWITCHING REGULATOR
logo
Skyworks Solutions Inc.
SI3402-C SKYWORKS-SI3402-C Datasheet
1Mb / 21P
FULLY-INTEGRATED IEEE 802.3-COMPLIANT POE PD INTERFACE AND LOW-EMI SWITCHING REGULATOR
Revision 0.4 to Revision 1.0
SI3406X SKYWORKS-SI3406X Datasheet
920Kb / 37P
Fully-Integrated IEEE 802.3-Compliant POE PD Interface and High-Efficiency Switching Regulators with Sleep, Wake, and LED Drive
Revision 1.1 July, 2022
SI3402-B SKYWORKS-SI3402-B Datasheet
1Mb / 22P
FULLY-INTEGRATED IEEE 802.3-COMPLIANT POE PD INTERFACE AND LOW-EMI SWITCHING REGULATOR
Rev. 1.1
More results



링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com