전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HRPG-1000N3 데이터시트 (PDF) - Mean Well Enterprises Co., Ltd.

HRPG-1000N3 Datasheet PDF - Mean Well Enterprises Co., Ltd.
부품명 HRPG-1000N3
다운로드  HRPG-1000N3 다운로드
파일 크기   197.58 Kbytes
페이지   7 Pages
제조업체  MEANWELL [Mean Well Enterprises Co., Ltd.]
홈페이지  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.
상세설명 1000W Ultra-High Peak Power Supply

HRPG-1000N3 Datasheet (PDF)

Go To PDF Page 다운로드 데이터시트
HRPG-1000N3 Datasheet PDF - Mean Well Enterprises Co., Ltd.

부품명 HRPG-1000N3
다운로드  HRPG-1000N3 Click to download

파일 크기   197.58 Kbytes
페이지   7 Pages
제조업체  MEANWELL [Mean Well Enterprises Co., Ltd.]
홈페이지  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.
상세설명 1000W Ultra-High Peak Power Supply

HRPG-1000N3 데이터시트 (HTML) - Mean Well Enterprises Co., Ltd.


HRPG-1000N3 제품 세부 정보

Features
* Universal AC input / Full range
* Builtin active PFC function, PF>0.95
* High efficiency up to 94%
* Withstand 300VAG surge input for 5 seconds
* Up to 320% peak power capability
* Protections: Short circuit / Overload / Over voltage /
Over temperature
* Builtin cooling fan ON-OFF control
* Current sharing up to 4000W (3+1)
* Buittin DG OK signal
* Buittin remote ON-OFF control
* Standby 5V@0.3A
* Builtin remote sense function
* Noload power consumption<0.85W (Note.6)
* 5 years warranty




유사한 부품 번호 - HRPG-1000N3

제조업체부품명데이터시트상세설명
logo
Mean Well Enterprises C...
HRPG-1000 MEANWELL-HRPG-1000 Datasheet
167Kb / 6P
1000W Single Output with PFC Function
HRPG-1000-12 MEANWELL-HRPG-1000-12 Datasheet
167Kb / 6P
1000W Single Output with PFC Function
HRPG-1000-15 MEANWELL-HRPG-1000-15 Datasheet
167Kb / 6P
1000W Single Output with PFC Function
HRPG-1000-24 MEANWELL-HRPG-1000-24 Datasheet
167Kb / 6P
1000W Single Output with PFC Function
HRPG-1000-48 MEANWELL-HRPG-1000-48 Datasheet
167Kb / 6P
1000W Single Output with PFC Function
More results


유사한 설명 - HRPG-1000N3

제조업체부품명데이터시트상세설명
logo
Mean Well Enterprises C...
SE-1000 MEANWELL-SE-1000 Datasheet
952Kb / 3P
1000W Single Output Power Supply
RSP-1000 MEANWELL-RSP-1000_11 Datasheet
296Kb / 6P
1000W Single Output Power Supply
SE-1000 MEANWELL-SE-1000_11 Datasheet
239Kb / 3P
1000W Single Output Power Supply
RSP-1000_1112 MEANWELL-RSP-1000_1112 Datasheet
311Kb / 6P
1000W Single Output Power Supply
QP-1000 MEANWELL-QP-1000_09 Datasheet
130Kb / 4P
1000W Quad Output Power Supply
logo
Astrodyne Corporation
RSP1000 ASTRODYNE-RSP1000 Datasheet
1Mb / 7P
1000W Single Output Power Supply
logo
ETA-USA
FHHSX-U1 ETA-USA-FHHSX-U1 Datasheet
1Mb / 5P
1000W Power Supply
logo
Mean Well Enterprises C...
HRP-150N3 MEANWELL-HRP-150N3 Datasheet
175Kb / 6P
150W Ultra-High Peak Power Supply
2022-03-03
HRP-300N3 MEANWELL-HRP-300N3 Datasheet
695Kb / 6P
300W Ultra-High Peak Power Supply
2022-03-03
HRP-600N3 MEANWELL-HRP-600N3 Datasheet
727Kb / 6P
600W Ultra-High Peak Power Supply
2022-03-03
More results



링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com