전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI52131-A11A 데이터시트 (PDF) - Skyworks Solutions Inc.

SI52131-A11A Datasheet PDF - Skyworks Solutions Inc.
부품명 SI52131-A11A
다운로드  SI52131-A11A 다운로드
파일 크기   1004.93 Kbytes
페이지   19 Pages
제조업체  SKYWORKS [Skyworks Solutions Inc.]
홈페이지  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.
상세설명 PCI-EXPRESS GEN1, GEN2, & GEN3 TWO-OUTPUT CLOCK GENERATOR WITH 25 MHZ REFERENCE CLOCK & ACTIVE LOW-OE PINS

SI52131-A11A Datasheet (PDF)

Go To PDF Page 다운로드 데이터시트
SI52131-A11A Datasheet PDF - Skyworks Solutions Inc.

부품명 SI52131-A11A
다운로드  SI52131-A11A Click to download

파일 크기   1004.93 Kbytes
페이지   19 Pages
제조업체  SKYWORKS [Skyworks Solutions Inc.]
홈페이지  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.
상세설명 PCI-EXPRESS GEN1, GEN2, & GEN3 TWO-OUTPUT CLOCK GENERATOR WITH 25 MHZ REFERENCE CLOCK & ACTIVE LOW-OE PINS

SI52131-A11A 데이터시트 (HTML) - Skyworks Solutions Inc.


SI52131-A11A 제품 세부 정보

Features
 PCI-Express Gen1, Gen2 &
Gen3 Compliant
 Supports Serial ATA (SATA) at
100 MHz
 Low power differential output
buffers
 No termination resistors required
 Dedicated active low output
enable pins for each output
 Pin selectable spread control
 Selectable frequencies: 100, 125,
and 200 MHz
 Up two PCI-Express clocks
 25 MHz reference clock
 25 MHz Crystal Input or Clock
input
 I2C support with readback
capabilities
 Triangular spread spectrum
profile for maximum
electromagnetic interference
(EMI) reduction
 Extended Temperature
–40 to 85oC
 3.3 V Power supply
 24-pin QFN package




유사한 부품 번호 - SI52131-A11A

제조업체부품명데이터시트상세설명
logo
Silicon Laboratories
SI52131-A11A SILABS-SI52131-A11A Datasheet
1Mb / 19P
No termination resistors required
More results


유사한 설명 - SI52131-A11A

제조업체부품명데이터시트상세설명
logo
Cypress Semiconductor
CY24293 CYPRESS-CY24293 Datasheet
459Kb / 10P
Two Outputs PCI-Express Clock Generator
logo
Silicon Laboratories
SI52142 SILABS-SI52142 Datasheet
187Kb / 20P
PCI-EXPRESS GEN 1, GEN 2 & GEN 3 CLOCK TWO OUTPUT GENERATOR WITH 25 MHZ REFERENCE CLOCK
logo
Integrated Device Techn...
557G-03LF IDT-557G-03LF Datasheet
162Kb / 11P
2 OUTPUT PCI-EXPRESS GEN1 CLOCK SOURCE
logo
Silicon Laboratories
SI52143 SILABS-SI52143 Datasheet
1Mb / 21P
PCI-EXPRESS GEN 1, GEN 2, & GEN 3 QUAD OUTPUT CLOCK GENERATOR WITH 25 MHZ REFERENCE CLOCK
logo
Texas Instruments
LMK00334 TI1-LMK00334_14 Datasheet
2Mb / 31P
Four-Output PCIe/Gen1/Gen2/Gen3 Clock Buffer/Level Translator
logo
Silicon Laboratories
SI50122-A1 SILABS-SI50122-A1 Datasheet
1Mb / 14P
CRYSTAL-LESS PCI-EXPRESS GEN1 DUAL OUTPUT CLOCK GENERATOR
logo
Renesas Technology Corp
IDT5V41129 RENESAS-IDT5V41129 Datasheet
327Kb / 12P
2 OUTPUT PCI-EXPRESS GEN1 CLOCK SOURCE
02032014
ICS557-03 RENESAS-ICS557-03 Datasheet
318Kb / 12P
2 OUTPUT PCI-EXPRESS GEN1 CLOCK SOURCE
112111
logo
Skyworks Solutions Inc.
SI52142 SKYWORKS-SI52142 Datasheet
1Mb / 23P
PCI-EXPRESS GEN 1, GEN 2, & GEN 3 TWO-OUTPUT CLOCK GENERATOR WITH 25 MHZ REFERENCE CLOCK
Rev. 1.4
SI52143 SKYWORKS-SI52143 Datasheet
1Mb / 23P
PCI-EXPRESS GEN 1, GEN 2, & GEN 3 QUAD OUTPUT CLOCK GENERATOR WITH 25 MHZ REFERENCE CLOCK
Rev. 1.4
More results



링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com