전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

1700000596 데이터시트 (PDF) - Advantech Co., Ltd.

1700000596 Datasheet PDF - Advantech Co., Ltd.
부품명 1700000596
다운로드  1700000596 다운로드
파일 크기   913.95 Kbytes
페이지   4 Pages
제조업체  ADVANTECH [Advantech Co., Ltd.]
홈페이지  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.
상세설명 21.5" Ubiquitous Touch Computer

1700000596 Datasheet (PDF)

Go To PDF Page 다운로드 데이터시트
1700000596 Datasheet PDF - Advantech Co., Ltd.

부품명 1700000596
다운로드  1700000596 Click to download

파일 크기   913.95 Kbytes
페이지   4 Pages
제조업체  ADVANTECH [Advantech Co., Ltd.]
홈페이지  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.
상세설명 21.5" Ubiquitous Touch Computer

1700000596 데이터시트 (HTML) - Advantech Co., Ltd.


1700000596 제품 세부 정보

Features
ƒ Low-power, fanless system design
ƒ Built-in Intel® Celeron® J6412 (UTC-520J)
ƒ 21.5" monitor with 16:9 widescreen display
ƒ IP65-rated front panel for water and dust resistance
ƒ All-in-one aluminum extrusion design
ƒ Supports both landscape and portrait screen orientations
ƒ VESA 100 mm standard mounting holes for varied mounting demands
ƒ Side groove design for integrating peripherals
ƒ Optional 400 nit LCD panel
ƒ Support DeviceOn/iService software for remote device management
ƒ J platform supports TPM 2.0




유사한 부품 번호 - 1700000596

제조업체부품명데이터시트상세설명
logo
Advantech Co., Ltd.
1700000596 ADVANTECH-1700000596 Datasheet
336Kb / 2P
15.6" Ubiquitous Touch Computer
1700000596 ADVANTECH-1700000596 Datasheet
416Kb / 2P
21.5" Ubiquitous Touch Computer
1700000596 ADVANTECH-1700000596 Datasheet
352Kb / 2P
21.5" Ubiquitous Touch Computer
1700000596 ADVANTECH-1700000596 Datasheet
478Kb / 2P
32" Ubiquitous Touch Computer
1700000596 ADVANTECH-1700000596 Datasheet
481Kb / 2P
32" Ubiquitous Touch Computer
More results


유사한 설명 - 1700000596

제조업체부품명데이터시트상세설명
logo
Advantech Co., Ltd.
UTC-520A-RE ADVANTECH-UTC-520A-RE Datasheet
416Kb / 2P
21.5" Ubiquitous Touch Computer
UTC-520D-RE ADVANTECH-UTC-520D-RE Datasheet
352Kb / 2P
21.5" Ubiquitous Touch Computer
UTC-532 ADVANTECH-UTC-532_16 Datasheet
555Kb / 2P
32' Ubiquitous Touch Computer
UTC-520 ADVANTECH-UTC-520_16 Datasheet
442Kb / 2P
21.5' Ubiquitous Touch Computer
UTC-320 ADVANTECH-UTC-320 Datasheet
473Kb / 2P
21.5 Ubiquitous Touch Computer
15-Feb-2019
UTC-120 ADVANTECH-UTC-120 Datasheet
984Kb / 4P
21.5" Ubiquitous Touch Computer UTC-120G with Pentium® N4200
10-Nov-2022
UTC-320 ADVANTECH-UTC-320_V01 Datasheet
884Kb / 4P
21.5" Ubiquitous Touch Computer
6-Jul-2023
UTC-520 ADVANTECH-UTC-520_V01 Datasheet
756Kb / 4P
21.5" Ubiquitous Touch Computer
29-Dec-2022
UTC-520 ADVANTECH-UTC-520_V02 Datasheet
737Kb / 4P
21.5" Ubiquitous Touch Computer
29-Dec-2022
UTC-520 ADVANTECH-UTC-520_V03 Datasheet
905Kb / 4P
21.5" Ubiquitous Touch Computer
13-Jun-2023
More results



링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com