전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

OLS700 데이터시트 (PDF) - Skyworks Solutions Inc.

OLS700 Datasheet PDF - Skyworks Solutions Inc.
부품명 OLS700
다운로드  OLS700 다운로드
파일 크기   150.5 Kbytes
페이지   4 Pages
제조업체  SKYWORKS [Skyworks Solutions Inc.]
홈페이지  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.
상세설명 Hermetic Surface-Mount Isolinear Optocoupler

OLS700 Datasheet (PDF)

Go To PDF Page 다운로드 데이터시트
OLS700 Datasheet PDF - Skyworks Solutions Inc.

부품명 OLS700
다운로드  OLS700 Click to download

파일 크기   150.5 Kbytes
페이지   4 Pages
제조업체  SKYWORKS [Skyworks Solutions Inc.]
홈페이지  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.
상세설명 Hermetic Surface-Mount Isolinear Optocoupler

OLS700 데이터시트 (HTML) - Skyworks Solutions Inc.


OLS700 제품 세부 정보

Features
 Electrical parameters guaranteed over –55 °C to +125 °C
ambient temperature range
 1000 VDC electrical isolation
 High reliability and rugged construction
 Matched photodiodes
 Excellent linearity
 Offers 100% high reliability screenings




유사한 부품 번호 - OLS700

제조업체부품명데이터시트상세설명
logo
Etron Technology, Inc.
OLS700 ETRON-OLS700 Datasheet
21Kb / 3P
Hermetic Surface Mount Isolinear Optocoupler
logo
Cynergy3 Co
OLS700D3LSH CYNERGY3-OLS700D3LSH Datasheet
888Kb / 2P
Optical liquid level sensor 1/4NPT mount
OLS700D3SH CYNERGY3-OLS700D3SH Datasheet
888Kb / 2P
Optical liquid level sensor 1/4NPT mount
More results


유사한 설명 - OLS700

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
OLF300 ETC-OLF300 Datasheet
26Kb / 3P
High-Speed Hermetic Surface Mount Optocoupler
logo
Etron Technology, Inc.
OLS700 ETRON-OLS700 Datasheet
21Kb / 3P
Hermetic Surface Mount Isolinear Optocoupler
logo
List of Unclassifed Man...
OLF100 ETC1-OLF100 Datasheet
21Kb / 3P
Phototransistor - Hermetic Surface Mount Optocoupler
logo
Skyworks Solutions Inc.
OLF100 SKYWORKS-OLF100 Datasheet
342Kb / 6P
Phototransistor Hermetic Surface Mount Optocoupler
June 19, 2017
OLF300 SKYWORKS-OLF300 Datasheet
263Kb / 6P
Hermetic Surface-Mount High-Speed Optocoupler
June 6, 2017
OLS010 SKYWORKS-OLS010 Datasheet
306Kb / 6P
Phototransistor Hermetic Surface Mount Optocoupler
June 19, 2017
OLS100 SKYWORKS-OLS100 Datasheet
356Kb / 6P
Hermetic Surface-Mount Phototransistor Optocoupler
June 19, 2017
OLS300 SKYWORKS-OLS300 Datasheet
376Kb / 6P
Hermetic Surface-Mount High-Speed Optocoupler
June 1, 2017
OLS303 SKYWORKS-OLS303 Datasheet
283Kb / 6P
Hermetic Surface Mount Wide Bandwidth Optocoupler
June 19, 2017
OLS910 SKYWORKS-OLS910 Datasheet
318Kb / 5P
Hermetic Surface-Mount Photovoltaic Optocoupler
May 13, 2019
More results



링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com