전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AMS5915 데이터시트 (PDF) - Analog Microelectronics GmbH

AMS5915 Datasheet PDF - Analog Microelectronics GmbH
부품명 AMS5915_V01
다운로드  AMS5915 다운로드
파일 크기   1196.7 Kbytes
페이지   15 Pages
제조업체  ANALOGMICRO [Analog Microelectronics GmbH]
홈페이지  https://www.analog-micro.com
Logo ANALOGMICRO - Analog Microelectronics GmbH
상세설명 Board Mount Pressure Sensor with Digital I2C Output

AMS5915 Datasheet (PDF)

Go To PDF Page 다운로드 데이터시트
AMS5915 Datasheet PDF - Analog Microelectronics GmbH

부품명 AMS5915_V01
다운로드  AMS5915 Click to download

파일 크기   1196.7 Kbytes
페이지   15 Pages
제조업체  ANALOGMICRO [Analog Microelectronics GmbH]
홈페이지  https://www.analog-micro.com
Logo ANALOGMICRO - Analog Microelectronics GmbH
상세설명 Board Mount Pressure Sensor with Digital I2C Output

AMS5915 데이터시트 (HTML) - Analog Microelectronics GmbH


AMS5915 제품 세부 정보

FEATURES
 Board mount pressure sensor series with digital I2C output
 Calibrated and temperature compensated
 Differential/relative, bidirectional differential, absolute and barometric sensor versions
 Wide variety of pressure ranges: from 2.5 mbar (250 Pa) up to 16 bar full scale
 Piezoresistive sensor with high precision digital signal conditioning
 Total accuracy < 0.5 %FSO at room temperature for standard pressure ranges
 TEB < 1.0 %FSO (-25 … 85 °C) for standard pressure ranges
 High long term stability
 Fast response time (typ. < 1 ms)
 Supply voltage: 3.3 V and 5 V models available
 Digital output via I²C interface: 14 bit for pressure and 11 bit for temperature values
 Programmable I²C-address
 Ceramic DIP-8 package (width: 0.6 inch)
 Package options for tubing or manifold mount (O-Ring sealing)
 RoHS compliant




유사한 부품 번호 - AMS5915_V01

제조업체부품명데이터시트상세설명
logo
Analog Microelectronics...
AMS5915-0002-A-N-3 ANALOGMICRO-AMS5915-0002-A-N-3 Datasheet
1Mb / 15P
Board Mount Pressure Sensor with Digital I2C Output
Rev. 4.0
AMS5915-0002-A-N-5 ANALOGMICRO-AMS5915-0002-A-N-5 Datasheet
1Mb / 15P
Board Mount Pressure Sensor with Digital I2C Output
Rev. 4.0
AMS5915-0002-B-N-3 ANALOGMICRO-AMS5915-0002-B-N-3 Datasheet
1Mb / 15P
Board Mount Pressure Sensor with Digital I2C Output
Rev. 4.0
AMS5915-0002-B-N-5 ANALOGMICRO-AMS5915-0002-B-N-5 Datasheet
1Mb / 15P
Board Mount Pressure Sensor with Digital I2C Output
Rev. 4.0
AMS5915-0002-D-B-N-3 ANALOGMICRO-AMS5915-0002-D-B-N-3 Datasheet
1Mb / 15P
Board Mount Pressure Sensor with Digital I2C Output
Rev. 4.0
More results


유사한 설명 - AMS5915_V01

제조업체부품명데이터시트상세설명
logo
Analog Microelectronics...
AMS5812 ANALOGMICRO-AMS5812 Datasheet
1Mb / 15P
Board Mount Pressure Sensor with Analog and I2C Output
Rev. 3.0
AMS5915 ANALOGMICRO-AMS5915 Datasheet
1Mb / 15P
Board Mount Pressure Sensor with Digital I2C Output
Rev. 4.0
AMS5935 ANALOGMICRO-AMS5935 Datasheet
1Mb / 16P
Board Mount Pressure Sensor with Digital I2C / SPI Output
Rev. 1.0
AMS6915 ANALOGMICRO-AMS6915 Datasheet
1Mb / 13P
Board Mount Pressure Sensor with Digital I2C Output
Rev. 2.0
logo
WOLFSPEED, INC.
AMS5812 WOLFSPEED-AMS5812 Datasheet
1Mb / 15P
Board Mount Pressure Sensor with Analog and I2C Output
AMS 5812 Rev. 3.0
AMS5915 WOLFSPEED-AMS5915 Datasheet
1Mb / 15P
Board Mount Pressure Sensor with Digital I2C Output
AMS 5915 Rev. 4.0
AMS5935 WOLFSPEED-AMS5935 Datasheet
1Mb / 16P
Board Mount Pressure Sensor with Digital I2C / SPI Output
AMS 5935 Rev. 1.0
AMS6915 WOLFSPEED-AMS6915 Datasheet
1Mb / 13P
Board Mount Pressure Sensor with Digital I2C Output
AMS 6915 Rev. 2.0
AMS6916 WOLFSPEED-AMS6916 Datasheet
902Kb / 9P
Board mount pressure sensor with ratiometric analog output
April 2019 Rev. 1.0
logo
Analog Microelectronics...
AMS5935 ANALOGMICRO-AMS5935_V01 Datasheet
1Mb / 17P
Board Mount Pressure Sensor with Digital I2C / SPI Output
Rev. 1.1
More results



링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com