전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PESD12VL2BT 데이터시트 (PDF) - Guangdong Youtai Semiconductor Co., Ltd.

PESD12VL2BT Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.
부품명 PESD12VL2BT
다운로드  PESD12VL2BT 다운로드
파일 크기   442.06 Kbytes
페이지   3 Pages
제조업체  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
홈페이지  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
상세설명 Solid-state silicon-avalanche technology

PESD12VL2BT Datasheet (PDF)

Go To PDF Page 다운로드 데이터시트
PESD12VL2BT Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.

부품명 PESD12VL2BT
다운로드  PESD12VL2BT Click to download

파일 크기   442.06 Kbytes
페이지   3 Pages
제조업체  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
홈페이지  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
상세설명 Solid-state silicon-avalanche technology

PESD12VL2BT 데이터시트 (HTML) - Guangdong Youtai Semiconductor Co., Ltd.


PESD12VL2BT 제품 세부 정보

Features
350W peak pulse power (tp =8/20μs)
Bidirectional configurations
Solid-state silicon-avalanche technology
Low clamping voltage
Low leakage current
IEC 61000-4-2 ±30kV contact ±30kV air
IEC 61000-4-4 (EFT) 40A(5/50ns)
IEC 61000-4-5 (Lightning) 12A(8/20μs)

Applications
Dataline
Automatic Teller Machines
Net works
Power line




유사한 부품 번호 - PESD12VL2BT

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
PESD12VL2BT PHILIPS-PESD12VL2BT Datasheet
179Kb / 14P
Low capacitance double bidirectional ESD protection diodes in SOT23
Rev. 01-1 November 2005
PESD12VL2BT NXP-PESD12VL2BT Datasheet
189Kb / 14P
Low capacitance double bidirectional ESD protection diodes in SOT23
Rev. 02-25 August 2009
logo
Shanghai Leiditech Elec...
PESD12VL2BT LEIDITECH-PESD12VL2BT Datasheet
280Kb / 3P
2-Line Bi-directional TVS Diode Array
Rev : 01.06.2014
logo
Nexperia B.V. All right...
PESD12VL2BT NEXPERIA-PESD12VL2BT Datasheet
748Kb / 14P
Low capacitance double bidirectional ESD protection diodes in SOT23
Rev. 02 - 25 August 2009
More results


유사한 설명 - PESD12VL2BT

제조업체부품명데이터시트상세설명
logo
Crydom Inc.,
DPA4119 CRYDOM-DPA4119 Datasheet
1Mb / 20P
THE GLOBAL EXPERT IN SOLID STATE RELAY TECHNOLOGY
logo
Kersemi Electronic Co.,...
IRFM120A KERSEMI-IRFM120A Datasheet
725Kb / 6P
Avalanche Rugged Technology
logo
Gennum Corporation
0552T GENNUM-0552T Datasheet
147Kb / 7P
Solid-state silicon-avalanche technology
2357NQ GENNUM-2357NQ Datasheet
995Kb / 8P
Solid-state technology
logo
Sangdest Microelectroni...
SD05 SMC-SD05 Datasheet
160Kb / 5P
Solid-state silicon-avalanche technology
logo
Surge Components
SES12VN1010-5 SURGE-SES12VN1010-5 Datasheet
263Kb / 4P
Solid-state silicon-avalanche technology
logo
Fairchild Semiconductor
SSP4N80AS FAIRCHILD-SSP4N80AS Datasheet
192Kb / 7P
Avalanche Rugged Technology
logo
Guangdong Youtai Semico...
PESD12VS2UT UMW-PESD12VS2UT Datasheet
544Kb / 4P
Solid-state silicon-avalanche technology
PESD15VL1BA UMW-PESD15VL1BA Datasheet
286Kb / 4P
Solid-state silicon-avalanche technology
PESD5V0L1BA UMW-PESD5V0L1BA Datasheet
620Kb / 4P
Solid-state silicon-avalanche technology
More results



링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com