전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74LVC1G00 데이터시트 (PDF) - Guangdong Youtai Semiconductor Co., Ltd.

SN74LVC1G00 Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.
부품명 SN74LVC1G00
다운로드  SN74LVC1G00 다운로드
파일 크기   2144.87 Kbytes
페이지   10 Pages
제조업체  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
홈페이지  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
상세설명 Low input current: typical value 0.1uAWide operating voltage range: 1.65V to 5.5V

SN74LVC1G00 Datasheet (PDF)

Go To PDF Page 다운로드 데이터시트
SN74LVC1G00 Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.

부품명 SN74LVC1G00
다운로드  SN74LVC1G00 Click to download

파일 크기   2144.87 Kbytes
페이지   10 Pages
제조업체  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
홈페이지  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
상세설명 Low input current: typical value 0.1uAWide operating voltage range: 1.65V to 5.5V

SN74LVC1G00 데이터시트 (HTML) - Guangdong Youtai Semiconductor Co., Ltd.


SN74LVC1G00 제품 세부 정보

Features
● Low input current: typical value 0.1uA ● Wide operating voltage range: 1.65V to 5.5V
● Low static power consumption: typical value 0.1uA ● Package form: DBV/DCK/DRL/YZP/ DRY/DSF/ DPW
● High output driver: VCC=4.5V, greater than 32MA




유사한 부품 번호 - SN74LVC1G00

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74LVC1G00 TI-SN74LVC1G00 Datasheet
443Kb / 17P
SINGLE 2-INPUT POSITIVE-NAND GATE
SN74LVC1G00 TI-SN74LVC1G00 Datasheet
668Kb / 16P
SINGLE 2-INPUT POSITIVE-NAND GATE
SN74LVC1G00 TI-SN74LVC1G00 Datasheet
667Kb / 16P
SINGLE 2-INPUT POSITIVE-NAND GATE
SN74LVC1G00 TI2-SN74LVC1G00 Datasheet
2Mb / 44P
SN74LVC1G00 Single 2-Input Positive-NAND Gate
REVISED APRIL 2014
SN74LVC1G00-EP TI1-SN74LVC1G00-EP Datasheet
483Kb / 14P
SINGLE 2-INPUT POSITIVE-NAND GATE
More results


유사한 설명 - SN74LVC1G00

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LMP2232 TI-LMP2232 Datasheet
1Mb / 30P
Operating Voltage Range 1.6V to 5.5V, Input Bias Current 20 fA
logo
Richtek Technology Corp...
RT8258GE RICHTEK-RT8258GE Datasheet
401Kb / 12P
Wide Operating Input Voltage Range : 4.5V to 24V
RT9186AGF RICHTEK-RT9186AGF Datasheet
423Kb / 13P
2.5V to 5.5V Wide Input Range, Guaranteed 500mA Output Current
logo
ams AG
AS1313 AMSCO-AS1313 Datasheet
568Kb / 26P
Wide input voltage range (2.4V to 5.5V)
logo
Maxim Integrated Produc...
MAX20313EVKIT MAXIM-MAX20313EVKIT Datasheet
797Kb / 7P
2.5V to 5.5V Operating Voltage Range
Rev 0; 12/16
MAX20334EVKIT MAXIM-MAX20334EVKIT Datasheet
598Kb / 9P
2.7V to 5.5V Operating Voltage Range
Rev 0; 4/19
MAX258EVKIT MAXIM-MAX258EVKIT Datasheet
766Kb / 7P
3.0V to 5.5V Operating Voltage Range
Rev 0; 5/13
logo
Guangdong Youtai Semico...
SN74LVC1G08 UMW-SN74LVC1G08 Datasheet
2Mb / 10P
Low input current: typical value 0.1uA
SN74LVC1G08 UMW-SN74LVC1G08_V01 Datasheet
2Mb / 10P
Low input current: 0.1uA typical
SN74LVC1G14 UMW-SN74LVC1G14 Datasheet
953Kb / 11P
Low input current: typical value 0.1uA
More results



링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com