전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

EUD-096SXXXDTA 데이터시트 (PDF) - Inventronics Inc.

EUD-096SXXXDTA Datasheet PDF - Inventronics Inc.
부품명 EUD-096SXXXDTA
다운로드  EUD-096SXXXDTA 다운로드
파일 크기   862.13 Kbytes
페이지   16 Pages
제조업체  INVENTRONICS [Inventronics Inc.]
홈페이지  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.
상세설명 96W Programmable IP67 Driver

EUD-096SXXXDTA Datasheet (PDF)

Go To PDF Page 다운로드 데이터시트
EUD-096SXXXDTA Datasheet PDF - Inventronics Inc.

부품명 EUD-096SXXXDTA
다운로드  EUD-096SXXXDTA Click to download

파일 크기   862.13 Kbytes
페이지   16 Pages
제조업체  INVENTRONICS [Inventronics Inc.]
홈페이지  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.
상세설명 96W Programmable IP67 Driver

EUD-096SXXXDTA 데이터시트 (HTML) - Inventronics Inc.


EUD-096SXXXDTA 제품 세부 정보

Features
Ultra High Efficiency (Up to 93.0%)
Full Power at Wide Output Current Range (Constant Power)
Thermal Sensing and Protection for LED Module
0-10V/PWM/3-Timer-Modes Dimmable
Dim-to-Off with Standby Power ≤ 0.5 W
Always-on Auxiliary Power: 12Vdc, 200mA (Transient Peak
Current up to 400mA)
Output Lumen Compensation
Input Surge Protection: DM 6kV, CM 10kV
All-Around Protection: OVP, SCP, OTP
IP67 and UL Dry / Damp / Wet Location
Class 2 & SELV Output
TYPE HL, for use in a Class I, Division 2 hazardous
(Classified) location
Class P, UL Listed Versions Available (See Note 6)
7 Years Warranty
Description
The EUD-096SxxxDTA series is a 96W, constant-current, programmable LED driver that operates from 90-305
Vac input with excellent power factor. Created for many lighting applications including low bay, tunnel and street,
etc. It provides a dim-to-off mode with low standby power. The high efficiency of these drivers and compact metal
case enables them to run cooler, significantly improving reliability and extending product life. To ensure troublefree
operation, protection is provided against input surge, output over voltage, short circuit, and over temperature.




유사한 부품 번호 - EUD-096SXXXDTA

제조업체부품명데이터시트상세설명
logo
Inventronics Inc.
EUD-096SXXXDTL INVENTRONICS-EUD-096SXXXDTL Datasheet
787Kb / 14P
96W Programmable Driver with Ultra Long Lifetime
Rev.C
More results


유사한 설명 - EUD-096SXXXDTA

제조업체부품명데이터시트상세설명
logo
Inventronics Inc.
EUP-096SXXXSV INVENTRONICS-EUP-096SXXXSV Datasheet
1Mb / 12P
96W AOC IP67 Driver
Rev. D
EUD-096SXXXDTL INVENTRONICS-EUD-096SXXXDTL Datasheet
787Kb / 14P
96W Programmable Driver with Ultra Long Lifetime
Rev.C
EUD-096SXXXDVA INVENTRONICS-EUD-096SXXXDVA Datasheet
676Kb / 12P
96W Programmable IP67 Driver
Rev. C
EUG-096SXXXDT INVENTRONICS-EUG-096SXXXDT Datasheet
1Mb / 17P
96W Programmable IP67 Driver
Rev. G
EUG-096SXXXDV INVENTRONICS-EUG-096SXXXDV Datasheet
836Kb / 13P
96W Programmable IP67 Driver
Rev. F
EUK-096SXXXDT INVENTRONICS-EUK-096SXXXDT Datasheet
914Kb / 13P
96W Progr ammable IP67 Driver
Rev. D
EUV-096SXXXST INVENTRONICS-EUV-096SXXXST Datasheet
289Kb / 8P
96W Constant Voltage IP67 Driver
Rev. L
HUK-096SXXXDT INVENTRONICS-HUK-096SXXXDT Datasheet
1Mb / 15P
96W Programmable Driver for High Bay
Rev. A
HUK-096SXXXDV INVENTRONICS-HUK-096SXXXDV Datasheet
1Mb / 15P
96W Programmable Driver for High Bay
Rev. A
EUC-096SXXXDV INVENTRONICS-EUC-096SXXXDV Datasheet
993Kb / 9P
96W Constant Current IP67 Driver
Rev. O
More results



링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com