전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FXPS7550D4 데이터시트 (PDF) - NXP Semiconductors

FXPS7550D4 Datasheet PDF - NXP Semiconductors
부품명 FXPS7550D4_V03
다운로드  FXPS7550D4 다운로드
파일 크기   1135.54 Kbytes
페이지   71 Pages
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors
상세설명 Digital absolute pressure sensor, 20 kPa to 550 kPa

FXPS7550D4 Datasheet (PDF)

Go To PDF Page 다운로드 데이터시트
FXPS7550D4 Datasheet PDF - NXP Semiconductors

부품명 FXPS7550D4_V03
다운로드  FXPS7550D4 Click to download

파일 크기   1135.54 Kbytes
페이지   71 Pages
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors
상세설명 Digital absolute pressure sensor, 20 kPa to 550 kPa

FXPS7550D4 데이터시트 (HTML) - NXP Semiconductors


FXPS7550D4 제품 세부 정보

1 General description
The FXPS7550D4 high-performance, high-precision barometric absolute pressure (BAP) sensor consists of a
compact capacitive micro-electro-mechanical systems (MEMS) device coupled with a digital integrated circuit
(IC) producing a fully calibrated digital output.
The sensor is based on NXP's high-precision capacitive pressure cell technology. The architecture benefits
from redundant pressure transducers as an expanded quality measure. This sensor delivers highly accurate
pressure and temperature readings through either a serial peripheral interface (SPI) or an inter-integrated circuit
(I2C) interface. Furthermore, the sensor employs an on-demand digital self-test for the digital IC and the MEMS
transducers.
The sensor operates over a pressure range of 20 kPa to 550 kPa and over a wide temperature range of −40 ºC
to 130 ºC.
The sensor comes in an industry-leading 4 mm x 4 mm x 1.98 mm, restriction of hazardous substances (RoHS)
compliant, high power quad flat no lead (HQFN) package[1] suitable for small PCB integration. Its AEC-Q100[2]
compliance, high accuracy, reliable performance, and high media resistivity make it ideal for use in automotive,
industrial, and consumer applications.

2 Features and benefits
• Absolute pressure range: 20 kPa to 550 kPa
• Operating temperature range: –40 °C to 130 °C
• Pressure transducer and digital signal processor (DSP)
– Digital self-test
• I2C compatible serial interface
– Client mode operation
– Standard mode, Fast mode, and Fast-mode Plus support
• 32-bit SPI compatible serial interface
– Sensor data transmission commands
– 12-bit data for absolute pressure
– 8-bit data for temperature
– 2-bit basic status and 2-bit detailed status fields
– 3, 4, or 8-bit configurable CRC
• Capacitance to voltage converter with anti-aliasing filter
• Sigma delta ADC plus sinc filter
• 800 Hz or 1000 Hz low-pass filter for absolute pressure
• Lead-free, 16-pin HQFN, 4 mm x 4 mm x 1.98 mm package

3 Applications
3.1 Automotive
• Engine management digital MAP and BAP
• Small engine control
• Liquid propane gas (LPG) or compressed natural gas (CNG) engine management
3.2 Industrial
• Compressed air
• Manufacturing line control
• Gas metering
• Weather stations
3.3 Medical/Consumer
• Blood pressure monitor
• Medicine dispensing systems
• White goods




유사한 부품 번호 - FXPS7550D4_V03

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
FXPS7550D4 NXP-FXPS7550D4_V01 Datasheet
896Kb / 75P
Digital absolute pressure sensor, 20 kPa to 550 kPa
Rev. 7 - 6 June 2022
FXPS7550D4 NXP-FXPS7550D4_V02 Datasheet
1Mb / 71P
Digital absolute pressure sensor, 20 kPa to 550 kPa
Rev. 7.1 - 28 June 2023
More results


유사한 설명 - FXPS7550D4_V03

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
FXPS7550D4 NXP-FXPS7550D4 Datasheet
923Kb / 71P
Digital absolute pressure sensor, 20 to 550 kPa
Rev. 5-15 July 2019
FXPS7550A4 NXP-FXPS7550A4_V01 Datasheet
452Kb / 24P
Analog absolute pressure sensor, 20 kPa to 550 kPa
Rev. 5 - 29 July 2022
FXPS7550D4 NXP-FXPS7550D4_V01 Datasheet
896Kb / 75P
Digital absolute pressure sensor, 20 kPa to 550 kPa
Rev. 7 - 6 June 2022
FXPS7550A4S NXP-FXPS7550A4S Datasheet
489Kb / 24P
Analog absolute pressure sensor, 20 kPa to 550 kPa
Rev. 1-9 August 2022
FXPS7550D4S NXP-FXPS7550D4S Datasheet
1Mb / 73P
Digital absolute pressure sensor, 20 kPa to 550 kPa
Rev. 1-9 August 2022
FXPS7550D4S NXP-FXPS7550D4S_V01 Datasheet
1Mb / 71P
Digital absolute pressure sensor, 20 kPa to 550 kPa
Rev. 1.1 - 28 June 2023
FXPS7550D4 NXP-FXPS7550D4_V02 Datasheet
1Mb / 71P
Digital absolute pressure sensor, 20 kPa to 550 kPa
Rev. 7.1 - 28 June 2023
FXPS7550A4 NXP-FXPS7550A4_V02 Datasheet
1Mb / 25P
Analog absolute pressure sensor, 20 kPa to 550 kPa
Rev. 5.1 - 3 November 2023
FXPS7550D4S NXP-FXPS7550D4S_V02 Datasheet
1Mb / 71P
Digital absolute pressure sensor, 20 kPa to 550 kPa
Rev. 1.3 - 3 November 2023
FXPS7550A4S NXP-FXPS7550A4S_V01 Datasheet
544Kb / 25P
Analog absolute pressure sensor, 20 kPa to 550 kPa
Rev. 1.2 - 3 November 2023
More results




NXP Semiconductors 에 대하여


NXP 반도체는 자동차, 산업, 통신 및 소비자 시장을 포함한 다양한 응용 프로그램을위한 광범위한 반도체 및 통합 회로를 설계, 개발 및 제조하는 공개 거래 다국적 회사입니다.

이 회사는 2006 년에 설립되었으며 네덜란드 아인트호벤에 본사를두고 있습니다.

NXP는 마이크로 컨트롤러, 마이크로 프로세서, 보안 인증 IC, 전력 관리 IC, RF 및 마이크로파 구성 요소, 센서 솔루션을 포함한 광범위한 제품 포트폴리오를 제공합니다.

이 회사의 제품은 에너지 효율적이고 안전하며 신뢰할 수 있도록 설계되었으며 자동차 시스템, 산업 자동화 및 제어, 스마트 주택 및 건물 및 연결된 장치를 포함한 다양한 응용 분야에서 사용됩니다.

NXP는 혁신 및 고객 만족에 전념하고 있으며 고객에게 최고의 반도체 솔루션을 제공하기 위해 최고의 반도체 솔루션을 제공하기 위해 노력하고 있습니다.

*이 정보는 일반적인 정보 제공의 목적으로만 제공되며 위 정보로 인해 발생하는 손실이나 손해에 대해 책임을 지지 않습니다.




링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com