전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UMW817C-S 데이터시트 (PDF) - Guangdong Youtai Semiconductor Co., Ltd.

UMW817C-S Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.
부품명 UMW817C-S
다운로드  UMW817C-S 다운로드
파일 크기   2102.58 Kbytes
페이지   4 Pages
제조업체  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
홈페이지  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
상세설명 Current Conversion Ratio (Min 50% Working Condition IF=5mA, VCE=5V)

UMW817C-S Datasheet (PDF)

Go To PDF Page 다운로드 데이터시트
UMW817C-S Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.

부품명 UMW817C-S
다운로드  UMW817C-S Click to download

파일 크기   2102.58 Kbytes
페이지   4 Pages
제조업체  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
홈페이지  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
상세설명 Current Conversion Ratio (Min 50% Working Condition IF=5mA, VCE=5V)

UMW817C-S 데이터시트 (HTML) - Guangdong Youtai Semiconductor Co., Ltd.


UMW817C-S 제품 세부 정보

特点(Features):
电流转换比(CTR: 最小. 50%工作条件IF=5mA, VCE=5V)
Current Conversion Ratio (Min 50% Working Condition IF=5mA, VCE=5V)
绝缘电压:(VISO=5,000Vrms) Insulation Voltage = 5,000Vrms
响应时间 (tr: TYP. 4μs 工作条件 VCE=2V, IC=2mA, RL=100 Ω)
Response Time (tr: TYP. 4μs working condition VCE=2V, IC=2mA, RL=100 Ω)

应用范围 (Application Range)
电脑. Computer
器具的应用, 测量机. Instrumental application, measurement machine
贮存器, 复印机, 自动售货机. Imbursement equipments, duplicating machine, automat
家用电器, 如风扇等. Family-use electric equipments, such as fans, etc…
信号传输系统. Signal transforming systems




유사한 부품 번호 - UMW817C-S

제조업체부품명데이터시트상세설명
logo
Guangdong Youtai Semico...
UMW817C UMW-UMW817C Datasheet
2Mb / 4P
Current Conversion Ratio (Min 50% Working Condition IF=5mA, VCE=5V)
More results


유사한 설명 - UMW817C-S

제조업체부품명데이터시트상세설명
logo
TOKO, Inc
TK10420 TOKO-TK10420 Datasheet
120Kb / 5P
DUAL CONVERSION FM IF AMPLIFER
logo
STANLEY ELECTRIC CO.,LT...
SB1111C-0005 STANLEY-SB1111C-0005_11 Datasheet
465Kb / 24P
Single Color Low Current Type (IF=5mA)
logo
RF Micro Devices
UMJ-498-D14-G RFMD-UMJ-498-D14-G Datasheet
258Kb / 3P
VOLTAGE CONTROLLED OSCILLATOR FOR IF CONVERSION
logo
Solid State Optronic
SYZ6070 SSOUSA-SYZ6070 Datasheet
232Kb / 8P
Low Input Control Current (5mA MAX)
TD3083 SSOUSA-TD3083 Datasheet
441Kb / 9P
Trigger Current (5mA MAX)
logo
Guangdong Juxing Electr...
JPC817 JUXING-JPC817 Datasheet
2Mb / 6P
Current conversion ratio (CTR: minimum 50% Working conditions I F = 5mA, V CE =
logo
Shenzhen Huazhimei Semi...
HM72XX HMSEMI-HM72XX Datasheet
864Kb / 10P
5mA~450mA Constant Current Regulator
logo
DONGGUAN YOU FENG WEI E...
ORPC-817 YFWDIODE-ORPC-817 Datasheet
980Kb / 5P
Current conversion ratio (CTR: min.50% working condition IF=5mA, VCE=5V
logo
Guangdong Youtai Semico...
PS2701-1 UMW-PS2701-1 Datasheet
1Mb / 6P
Current conversion ratio (CTR) range: 50~300% (IF =5mA ,VCE =5V)
UMW817C UMW-UMW817C Datasheet
2Mb / 4P
Current Conversion Ratio (Min 50% Working Condition IF=5mA, VCE=5V)
More results



링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com