전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ESD5Z3V3 데이터시트 (PDF) - Guangdong Youtai Semiconductor Co., Ltd.

ESD5Z3V3 Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.
부품명 ESD5Z3V3
다운로드  ESD5Z3V3 다운로드
파일 크기   298.0 Kbytes
페이지   4 Pages
제조업체  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
홈페이지  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
상세설명 The ESD5Z3V3 is a transient voltage suppressors (TVS) which provide a very high level protection for sensitive electronic components that may be subjected to electrostatic discharge (ESD).

ESD5Z3V3 Datasheet (PDF)

Go To PDF Page 다운로드 데이터시트
ESD5Z3V3 Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.

부품명 ESD5Z3V3
다운로드  ESD5Z3V3 Click to download

파일 크기   298.0 Kbytes
페이지   4 Pages
제조업체  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
홈페이지  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
상세설명 The ESD5Z3V3 is a transient voltage suppressors (TVS) which provide a very high level protection for sensitive electronic components that may be subjected to electrostatic discharge (ESD).

ESD5Z3V3 데이터시트 (HTML) - Guangdong Youtai Semiconductor Co., Ltd.


ESD5Z3V3 제품 세부 정보

Features
Working voltage: 3.3V
Peak power (tp=8/20us): 108W
ESD protection
IEC61000-4-2 (Contact): ±30kV
IEC61000-4-2 (Air) : ±30kV
Low leakage current
Small package




유사한 부품 번호 - ESD5Z3V3

제조업체부품명데이터시트상세설명
logo
Diotec Semiconductor
ESD5Z3V3 DIOTEC-ESD5Z3V3 Datasheet
162Kb / 2P
ESD Protection Diodes in SMD
logo
Will Semiconductor Ltd.
ESD5Z3V3 WILLSEMI-ESD5Z3V3 Datasheet
127Kb / 4P
1-Line Uni-directional Transient Voltage Suppressors
logo
SEMTECH ELECTRONICS LTD...
ESD5Z3V3 SEMTECH_ELEC-ESD5Z3V3 Datasheet
667Kb / 2P
Transient Voltage Suppressors
logo
Microdiode Semiconducto...
ESD5Z3V3 CHENDA-ESD5Z3V3 Datasheet
1Mb / 4P
SOD-523 Plastic-Encapsulate ESD Protection Diodes
logo
DAESAN ELECTRONIC CORP.
ESD5Z3V3 DAESAN-ESD5Z3V3 Datasheet
464Kb / 2P
TRANSIENT VOLTAGE SUPPRESSOR
More results


유사한 설명 - ESD5Z3V3

제조업체부품명데이터시트상세설명
logo
Littelfuse
PGB20201 LITTELFUSE-PGB20201 Datasheet
300Kb / 4P
PULSE-GUARD짰 ESD Suppressors help protect sensitive electronic equipment against electrostatic discharge (ESD).
SP1006 LITTELFUSE-SP1006 Datasheet
1Mb / 4P
Zener diodes fabricated in a proprietary silicon avalanche technology protect each I/O pin to provide a high level of protection for electronic equipment that may experience...
SP3021 LITTELFUSE-SP3021 Datasheet
1Mb / 4P
The SP3021 includes back-to-back TVS diodes fabricated in a proprietary silicon avalanche technology to provide protection for electronic equipment that may experience destructive electrostatic discharges (ESD).
SP3031 LITTELFUSE-SP3031 Datasheet
1Mb / 4P
The SP3031 includes low capacitance rail to rail diodes with an additional Zener diode to provide protection for electronic equipment that may experience destructive electrostatic discharges (ESD).
logo
Vishay Siliconix
TVS VISHAY-TVS Datasheet
205Kb / 4P
Transient Voltage Suppressors (TVS) for Automotive Electronic Protection
09-Aug-10
logo
Littelfuse
AQ2555NUTG LITTELFUSE-AQ2555NUTG Datasheet
2Mb / 5P
The AQ2555NUTG is a low-capacitance, TVS Diode Array designed to provide protection against ESD
SP1026 LITTELFUSE-SP1026 Datasheet
2Mb / 5P
Zener diodes fabricated in a proprietary silicon avalanche technology protect each I/O pin to provide a high level of protection for electronic equipment that may experience
logo
AiT Semiconductor Inc.
ESD3Z5.0 AITSEMI-ESD3Z5.0 Datasheet
697Kb / 5P
ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
ESD5D5.0C AITSEMI-ESD5D5.0C Datasheet
536Kb / 5P
ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
ESD9D3.3C AITSEMI-ESD9D3.3C Datasheet
456Kb / 5P
ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
More results



링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com