전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRF7307 데이터시트 (PDF) - Guangdong Youtai Semiconductor Co., Ltd.

IRF7307 Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.
부품명 IRF7307
다운로드  IRF7307 다운로드
파일 크기   491.51 Kbytes
페이지   9 Pages
제조업체  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
홈페이지  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
상세설명 Generation V Technology Ultra

IRF7307 Datasheet (PDF)

Go To PDF Page 다운로드 데이터시트
IRF7307 Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.

부품명 IRF7307
다운로드  IRF7307 Click to download

파일 크기   491.51 Kbytes
페이지   9 Pages
제조업체  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
홈페이지  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
상세설명 Generation V Technology Ultra

IRF7307 데이터시트 (HTML) - Guangdong Youtai Semiconductor Co., Ltd.


IRF7307 제품 세부 정보

Generation V Technology Ultra
Low On-Resistance
Dual N and P Channel Mosfet
Surface Mount
Dynamic dv/dt Rating
Fast Switching
Lead-Free
100
Features
VDS (V) = 20V
RDS(ON) 53m (VGS = 4.5V)
RDS(ON) 70m (VGS = 2.7V)
VDS (V) = -20V
RDS(ON) m (VGS = -4.5V)
 RDS(ON) 140m (VGS = -2.7V)
N-Ch:
P-Ch:



The so-8 has been modified through a customized
leadtrame for enhanced thermal characteristics and
multiple die capability making it ideal in a varietyof power
applications. Withtheseimprovements. multiple devices can
be used in an application with dramatically reduced board
space. The package is designed for vapor phase. infra red.
or wave soldering technigues. Power dissipation of greater
than 0.8W is possible in a typical PCB mount application.




유사한 부품 번호 - IRF7307

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF7307 IRF-IRF7307 Datasheet
194Kb / 10P
Power MOSFET
logo
EVER SEMICONDUCTOR CO.,...
IRF7307 EVVOSEMI-IRF7307 Datasheet
450Kb / 9P
MOSFET
Rev:2023A2
logo
International Rectifier
IRF7307PBF IRF-IRF7307PBF Datasheet
282Kb / 10P
HEXFET POWER MOSFET
IRF7307PBF IRF-IRF7307PBF Datasheet
287Kb / 10P
GENERATION V TECHNOLOGY
logo
Infineon Technologies A...
IRF7307PBF INFINEON-IRF7307PBF Datasheet
287Kb / 10P
Dual N and P Channel Mospet
10/7/04
More results


유사한 설명 - IRF7307

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRLML2803TRPBF IRF-IRLML2803TRPBF Datasheet
230Kb / 8P
Generation V Technology, Ultra Low On-Resistance
IRF7314PBF IRF-IRF7314PBF Datasheet
201Kb / 7P
Generation V Technology, Ultra Low On-Resistance
IRLML6302TR IRF-IRLML6302TR Datasheet
285Kb / 8P
generation v technology
IRF7304TR IRF-IRF7304TR Datasheet
115Kb / 9P
Generation V Technology
IRF7343TRPBF IRF-IRF7343TRPBF Datasheet
225Kb / 10P
generation v technology
IRF7301PBF IRF-IRF7301PBF_15 Datasheet
243Kb / 9P
GENERATION V TECHNOLOGY
IRF7307PBF IRF-IRF7307PBF_15 Datasheet
287Kb / 10P
GENERATION V TECHNOLOGY
IRF7316PBF IRF-IRF7316PBF_15 Datasheet
209Kb / 7P
GENERATION V TECHNOLOGY
IRF7317PBF IRF-IRF7317PBF_15 Datasheet
241Kb / 10P
GENERATION V TECHNOLOGY
IRF7389PBF IRF-IRF7389PBF_15 Datasheet
264Kb / 10P
GENERATION V TECHNOLOGY
More results



링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com