전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DMT340 데이터시트 (PDF) - Vaisala

DMT340 Datasheet PDF - Vaisala
부품명 DMT340
다운로드  DMT340 다운로드
파일 크기   1862.52 Kbytes
페이지   6 Pages
제조업체  VAISALA [Vaisala]
홈페이지  https://www.vaisala.com/en
Logo VAISALA - Vaisala
상세설명 DMT340 Series Dew Point and Temperature Transmitters

DMT340 Datasheet (PDF)

Go To PDF Page 다운로드 데이터시트
DMT340 Datasheet PDF - Vaisala

부품명 DMT340
다운로드  DMT340 Click to download

파일 크기   1862.52 Kbytes
페이지   6 Pages
제조업체  VAISALA [Vaisala]
홈페이지  https://www.vaisala.com/en
Logo VAISALA - Vaisala
상세설명 DMT340 Series Dew Point and Temperature Transmitters

DMT340 데이터시트 (HTML) - Vaisala


DMT340 제품 세부 정보

Features
Measures dew point from
-70 ... +80 °C (-94 ... +176 °F) with
an accuracy of ±2 °C (±3.6 °F)
Condensation-resistant
Unique auto-calibration feature
maintains accuracy over long
term
Compatible with Vaisala
DRYCAPâ Handheld Dew Point
Meter DM70
Traceable calibration to
measurements and analog
outputs (certificates included)
Graphical display and keypad for
convenient operation
Optional alarm relays and mains
power supply module
Up to three analog outputs,
RS-232/485
Modbus RTU protocol support




유사한 부품 번호 - DMT340

제조업체부품명데이터시트상세설명
logo
Vaisala
DMT345 VAISALA-DMT345 Datasheet
2Mb / 5P
DMT345 and DMT346 Dewpoint Transmitters
DMT346 VAISALA-DMT346 Datasheet
2Mb / 5P
DMT345 and DMT346 Dewpoint Transmitters
logo
Diodes Incorporated
DMT34M1LPS DIODES-DMT34M1LPS Datasheet
392Kb / 7P
N-CHANNEL ENHANCEMENT MODE MOSFET
July 2017 Rev. 4 - 2
DMT34M1LPS-13 DIODES-DMT34M1LPS-13 Datasheet
392Kb / 7P
N-CHANNEL ENHANCEMENT MODE MOSFET
July 2017 Rev. 4 - 2
More results


유사한 설명 - DMT340

제조업체부품명데이터시트상세설명
logo
FOTEK CONTROLS CO., LTD...
DPM-1 FOTEK-DPM-1 Datasheet
1Mb / 6P
DEW POINT BUMIDITY METER
logo
PLASTIC PROCESS EQUIPME...
8072A PPE-8072A Datasheet
1Mb / 20P
Portable Dew Point Monitor
February 2017
logo
Vaisala
HMD60 VAISALA-HMD60 Datasheet
490Kb / 3P
Humidity and Temperature Transmitters
HMS110 VAISALA-HMS110 Datasheet
324Kb / 2P
Humidity and Temperature Transmitters
HMW90 VAISALA-HMW90 Datasheet
232Kb / 3P
Humidity and Temperature Transmitters
DMP8 VAISALA-DMP8 Datasheet
544Kb / 3P
DMP8 Dew Point and Temperature Probe
DMT152 VAISALA-DMT152 Datasheet
200Kb / 2P
DMT152 Dew Point Transmitter
DPT146 VAISALA-DPT146 Datasheet
326Kb / 2P
DPT146 Dew Point and Pressure Transmitter
HMT330 VAISALA-HMT330 Datasheet
2Mb / 10P
HMT330 Series Humidity and Temperature Transmitters
logo
E+E Elektronik Ges.m.b....
EE371 EPLUSE-EE371 Datasheet
1Mb / 9P
Compact Dew Point Sensor
06-2023
More results



링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com