전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISO6520F 데이터시트 (PDF) - Texas Instruments

ISO6520F Datasheet PDF - Texas Instruments
부품명 ISO6520F
다운로드  ISO6520F 다운로드
파일 크기   1279.02 Kbytes
페이지   33 Pages
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments
상세설명 ISO652x General Purpose Dual-Channel Functional Isolators

ISO6520F Datasheet (PDF)

Go To PDF Page 다운로드 데이터시트
ISO6520F Datasheet PDF - Texas Instruments

부품명 ISO6520F
다운로드  ISO6520F Click to download

파일 크기   1279.02 Kbytes
페이지   33 Pages
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments
상세설명 ISO652x General Purpose Dual-Channel Functional Isolators

ISO6520F 데이터시트 (HTML) - Texas Instruments


ISO6520F 제품 세부 정보

1 Features
• Dual channel, CMOS output functional isolators
• 50Mbps data rate
• Robust SiO2 isolation barrier with ±150kV/μs
typical CMTI
• Functional Isolation (8-REU):
– 200VRMS, 280VDC working voltage
– 570VRMS, 800VDC transient voltage (60s)
• Functional Isolation (8-D):
– 450VRMS, 637VDC working voltage
– 707VRMS, 1000VDC transient voltage (60s)
• Available in a compact 8-REU package with
>2.2mm creepage
• Wide supply range: 1.71V to 1.89V and 2.25V to
5.5V
• 1.71V to 5.5V level translation
• Default output High (ISO652x) and Low
(ISO652xF) Options
• Wide temperature range: –40°C to 125°C
• 1.8mA per channel typical at 1Mbps at 3.3V
• Low propagation delay: 11ns typical at 3.3V
• Robust electromagnetic compatibility (EMC)
– System-Level ESD, EFT, and surge immunity
– Ultra-low emissions
• Leadless-DFN (8-REU) package and Narrow-
SOIC (8-D) package options

2 Applications
• Power supplies
• Grid, Electricity meter
• Motor drives
• Factory automation
• Building automation
• Lighting
• Appliances

3 Description
The ISO652x devices are high-performance, dualchannel
functional isolators designed for cost
sensitive, space constrained applications that require
isolation for non-safety applications. The isolation
barrier supports a working voltage of 200VRMS /
280VDC and transient over voltages of 570VRMS /
800VDC.
The devices provide high electromagnetic immunity
and low emissions at low power consumption, while
isolating CMOS or LVCMOS digital I/Os. Each
isolation channel has a logic input and output buffer
separated by TI's double capacitive silicon dioxide
(SiO2) insulation barrier. ISO6520 has two isolation
channels with both channels in the same direction.
ISO6521 has two isolation channels with one channel
in each direction. In the event of input power or signal
loss, the default output is high for devices without
suffix F and low for devices with suffix F. See Device
Functional Modes section for further details.
These devices help prevent noise currents on data
buses, such as UART, SPI, RS-485, RS-232, and
CAN from damaging sensitive circuitry. Through chip
design and layout techniques, the electromagnetic
compatibility of the devices have been significantly
enhanced to ease system-level ESD and emissions
compliance.




유사한 부품 번호 - ISO6520F

제조업체부품명데이터시트상세설명
logo
Texas Instruments
ISO6520F TI1-ISO6520F Datasheet
1,023Kb / 30P
ISO652x General Purpose Dual-Channel Functional Isolators
AUGUST 2023
ISO6520F TI1-ISO6520F Datasheet
1Mb / 38P
ISO652x General Purpose Dual-Channel Functional Isolators
REVISED DECEMBER 2023
ISO6520F TI1-ISO6520F Datasheet
1Mb / 41P
ISO652x General Purpose Dual-Channel Functional Isolators
DECEMBER 2023
ISO6520F-Q1 TI-ISO6520F-Q1 Datasheet
1Mb / 29P
ISO652x-Q1 General Purpose Dual-Channel Automotive Functional Isolators
FEBRUARY 2025
ISO6520F-Q1 TI2-ISO6520F-Q1 Datasheet
1Mb / 29P
ISO652x-Q1 General Purpose Dual-Channel Automotive Functional Isolators
REVISED FEBRUARY 2025
More results


유사한 설명 - ISO6520F

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADUM1200 AD-ADUM1200 Datasheet
704Kb / 20P
Dual-Channel Digital Isolators
9/04-Data Sheet Changed from Rev. A to Rev. B
ADUM1200UR-EP AD-ADUM1200UR-EP Datasheet
444Kb / 28P
Dual-Channel Digital Isolators
Rev. I
logo
Texas Instruments
ISO6721 TI1-ISO6721 Datasheet
1Mb / 38P
ISO672x General Purpose Dual-Channel Digital Isolators with Robust EMC
ISO6721-Q1 TI1-ISO6721-Q1 Datasheet
1Mb / 38P
ISO672x-Q1 General Purpose Dual-Channel Digital Isolators with Robust EMC
logo
HALO Electronics, Inc.
TGAD-260NALF HALO-TGAD-260NALF Datasheet
437Kb / 1P
Functional Insulation for Analog Devices Quad Channel Isolators
logo
Texas Instruments
ISO6720 TI-ISO6720 Datasheet
3Mb / 46P
ISO672x General Purpose Basic Dual-Channel Digital Isolators with Robust EMC
ISO6720 TI-ISO6720_V01 Datasheet
3Mb / 43P
ISO672x General Purpose Basic Dual-Channel Digital Isolators with Robust EMC
ISO6720 TI-ISO6720_V02 Datasheet
3Mb / 49P
ISO672x General Purpose Basic Dual-Channel Digital Isolators with Robust EMC
REVISED SEPTEMBER 2021
ISO6521 TI1-ISO6521 Datasheet
1,023Kb / 30P
ISO652x General Purpose Dual-Channel Functional Isolators
AUGUST 2023
ISO6520 TI1-ISO6520 Datasheet
1Mb / 38P
ISO652x General Purpose Dual-Channel Functional Isolators
REVISED DECEMBER 2023
More results




Texas Instruments 에 대하여


Texas Instruments (TI)는 반도체 및 컴퓨터 기술 제품을 설계하고 제조하는 공개 거래 회사입니다.

1930 년에 설립되었으며 텍사스 달라스에 본사를두고 있습니다.

TI는 아날로그 및 디지털 신호 처리 (DSP) 통합 회로 생산뿐만 아니라 임베디드 프로세서 및 기타 마이크로 컨트롤러 제품의 글로벌 리더입니다.

이 회사는 자동차, 커뮤니케이션, 컴퓨팅, 산업 및 소비자 전자 제품을 포함한 다양한 산업 분야의 고객에게 서비스를 제공합니다.

TI의 제품 포트폴리오에는 데이터 변환기, 앰프 및 비교기, 전원 관리 IC, 마이크로 컨트롤러, 센서 및 무선 연결 솔루션이 포함됩니다.

TI는 혁신과 고객 만족에 전념하고 있으며, 고품질의 안정적인 제품을 고객에게 제공하는 오랜 역사를 가지고 있습니다.

지속 가능성과 에너지 효율에 중점을 둔 Ti는 기술과 제품을 통해 세계에 긍정적 인 영향을 미치는 데 전념하고 있습니다.

*이 정보는 일반적인 정보 제공의 목적으로만 제공되며 위 정보로 인해 발생하는 손실이나 손해에 대해 책임을 지지 않습니다.




링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com