전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SB10200D 데이터시트 (PDF) - Won-Top Electronics

SB10200D Datasheet PDF - Won-Top Electronics
부품명 SB10200D
다운로드  SB10200D 다운로드
파일 크기   54.49 Kbytes
페이지   4 Pages
제조업체  WTE [Won-Top Electronics]
홈페이지  http://www.wontop.com
Logo WTE - Won-Top Electronics
상세설명 10A HIGH VOLTAGE SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER

SB10200D Datasheet (PDF)

Go To PDF Page 다운로드 데이터시트
SB10200D Datasheet PDF - Won-Top Electronics

부품명 SB10200D
다운로드  SB10200D Click to download

파일 크기   54.49 Kbytes
페이지   4 Pages
제조업체  WTE [Won-Top Electronics]
홈페이지  http://www.wontop.com
Logo WTE - Won-Top Electronics
상세설명 10A HIGH VOLTAGE SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER

SB10200D 데이터시트 (HTML) - Won-Top Electronics


SB10200D 제품 세부 정보

Schottky Barrier Chip
Guard Ring for Transient Protection
Low Forward Voltage Drop
Low Power Loss, High Efficiency
High Surge Current Capability
Epoxy Meet UL 94V-0 Classification
For Use in Low Voltage, High Frequency
Inverters, Free Wheeling, and Switching
Power Supplies




유사한 부품 번호 - SB10200D

제조업체부품명데이터시트상세설명
logo
Won-Top Electronics
SB10200DC WTE-SB10200DC Datasheet
68Kb / 4P
10A HIGH VOLTAGE SURFACE MOUNT DUAL SCHOTTKY BARRIER RECTIFIER
logo
Zibo Seno Electronic En...
SB10200DC ZSELEC-SB10200DC Datasheet
147Kb / 2P
10.0A SCHOTTKY BARRIER DIODE
logo
Won-Top Electronics
SB10200DC WTE-SB10200DC Datasheet
54Kb / 4P
10A HIGH VOLTAGE SURFACE MOUNT DUAL SCHOTTKY BARRIER RECTIFIER
September, 2012
SB10200DC-T3 WTE-SB10200DC-T3 Datasheet
54Kb / 4P
10A HIGH VOLTAGE SURFACE MOUNT DUAL SCHOTTKY BARRIER RECTIFIER
September, 2012
More results


유사한 설명 - SB10200D

제조업체부품명데이터시트상세설명
logo
Won-Top Electronics
SB1020DC WTE-SB1020DC Datasheet
46Kb / 3P
10A D2PAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SD1020S WTE-SD1020S Datasheet
44Kb / 3P
10A DPAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SD1020YS WTE-SD1020YS Datasheet
46Kb / 3P
10A DPAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
MBRD1035CTL DIODES-MBRD1035CTL Datasheet
63Kb / 3P
10A SURFACE MOUNT DUAL SCHOTTKY BARRIER RECTIFIER
DS30286 Rev. B-2
SBG1030CT DIODES-SBG1030CT Datasheet
45Kb / 2P
10A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30092 Rev. B-2
SBM1040CT DIODES-SBM1040CT Datasheet
72Kb / 3P
10A SURFACE MOUNT DUAL SCHOTTKY BARRIER RECTIFIER
DS30356 Rev. 2 - 1
SBG1030CT DIODES-SBG1030CT_1 Datasheet
77Kb / 3P
10A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30092 Rev. 4 - 2
logo
Won-Top Electronics
SB1020DC WTE-SB1020DC_06 Datasheet
49Kb / 4P
10A SURFACE MOUNT DUAL SCHOTTKY BARRIER RECTIFIER
SB10150DC WTE-SB10150DC Datasheet
47Kb / 4P
10A HIGH VOLTAGE SURFACE MOUNT DUAL SCHOTTKY BARRIER RECTIFIER
SB10150DC WTE-SB10150DC_08 Datasheet
68Kb / 4P
10A HIGH VOLTAGE SURFACE MOUNT DUAL SCHOTTKY BARRIER RECTIFIER
More results



링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com