전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SB2060FCT 데이터시트 (PDF) - Won-Top Electronics

SB2060FCT Datasheet PDF - Won-Top Electronics
부품명 SB2060FCT
다운로드  SB2060FCT 다운로드
파일 크기   56.31 Kbytes
페이지   4 Pages
제조업체  WTE [Won-Top Electronics]
홈페이지  http://www.wontop.com
Logo WTE - Won-Top Electronics
상세설명 20A DUAL SCHOTTKY BARRIER RECTIFIER

SB2060FCT Datasheet (PDF)

Go To PDF Page 다운로드 데이터시트
SB2060FCT Datasheet PDF - Won-Top Electronics

부품명 SB2060FCT
다운로드  SB2060FCT Click to download

파일 크기   56.31 Kbytes
페이지   4 Pages
제조업체  WTE [Won-Top Electronics]
홈페이지  http://www.wontop.com
Logo WTE - Won-Top Electronics
상세설명 20A DUAL SCHOTTKY BARRIER RECTIFIER

SB2060FCT 데이터시트 (HTML) - Won-Top Electronics


SB2060FCT 제품 세부 정보

Schottky Barrier Chip
Guard Ring for Transient Protection
Low Forward Voltage Drop
Low Power Loss, High Efficiency
High Surge Current Capability
Epoxy Meets UL 94V-0 Classification
Ideally Suited for Use in High Frequency
SMPS, Inverters and As Free Wheeling Diodes




유사한 부품 번호 - SB2060FCT

제조업체부품명데이터시트상세설명
logo
Pan Jit International I...
SB2060FCT PANJIT-SB2060FCT Datasheet
47Kb / 2P
ISOLATION SCHOTTKY BARRIER RECTIFIERS(VOLTAGE- 20 to 100 Volts CURRENT - 20.0 Ampere)
logo
Won-Top Electronics
SB2060FCT WTE-SB2060FCT Datasheet
40Kb / 3P
20A ISOLATION SCHOTTKY BARRIER RECTIFIER
SB2060FCT WTE-SB2060FCT Datasheet
50Kb / 4P
20A DUAL SCHOTTKY BARRIER RECTIFIER
logo
PACELEADER INDUSTRIAL
SB2060FCT PACELEADER-SB2060FCT Datasheet
266Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Gulf Semiconductor
SB2060FCT GULFSEMI-SB2060FCT Datasheet
91Kb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE: 60V CURRENT: 20.0A
More results


유사한 설명 - SB2060FCT

제조업체부품명데이터시트상세설명
logo
Diodes Incorporated
MBR2030CT DIODES-MBR2030CT Datasheet
65Kb / 2P
20A SCHOTTKY BARRIER RECTIFIER
DS23016 Rev. G-2
SBL2030PT DIODES-SBL2030PT Datasheet
62Kb / 2P
20A SCHOTTKY BARRIER RECTIFIER
DS23047 Rev. B-2
logo
Won-Top Electronics
S20D30C WTE-S20D30C Datasheet
48Kb / 4P
20A DUAL SCHOTTKY BARRIER RECTIFIER
SB2020CT WTE-SB2020CT_06 Datasheet
49Kb / 4P
20A DUAL SCHOTTKY BARRIER RECTIFIER
SB2020FCT WTE-SB2020FCT_06 Datasheet
50Kb / 4P
20A DUAL SCHOTTKY BARRIER RECTIFIER
logo
Shenzhen Luguang Electr...
SB2020CT LUGUANG-SB2020CT Datasheet
163Kb / 2P
20A Dual Schottky Barrier Rectifier
logo
Diodes Incorporated
MBRB20100CT DIODES-MBRB20100CT_15 Datasheet
369Kb / 6P
20A SCHOTTKY BARRIER RECTIFIER
Rev 3
MBRD20150CT DIODES-MBRD20150CT_15 Datasheet
475Kb / 5P
20A SCHOTTKY BARRIER RECTIFIER
Rev 3
MBR2045CTP DIODES-MBR2045CTP_15 Datasheet
84Kb / 4P
20A SCHOTTKY BARRIER RECTIFIER
Rev 5
logo
Wisdom technologies Int...
MBRF20150CT WISDOM-MBRF20150CT Datasheet
1Mb / 3P
20A SCHOTTKY BARRIER RECTIFIER
More results



링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com