전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IWR2944ABSALT 데이터시트 (PDF) - Texas Instruments

IWR2944ABSALT Datasheet PDF - Texas Instruments
부품명 IWR2944ABSALT
다운로드  IWR2944ABSALT 다운로드
파일 크기   2262.5 Kbytes
페이지   88 Pages
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments
상세설명 IWR2944 Single-Chip 76 to 81GHz FMCW Radar Sensor

IWR2944ABSALT Datasheet (PDF)

Go To PDF Page 다운로드 데이터시트
IWR2944ABSALT Datasheet PDF - Texas Instruments

부품명 IWR2944ABSALT
다운로드  IWR2944ABSALT Click to download

파일 크기   2262.5 Kbytes
페이지   88 Pages
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments
상세설명 IWR2944 Single-Chip 76 to 81GHz FMCW Radar Sensor

IWR2944ABSALT 데이터시트 (HTML) - Texas Instruments


IWR2944ABSALT 제품 세부 정보

1 Features
• FMCW transceiver
– Integrated PLL, transmitter, receiver, baseband
and ADC
– 76 to 81GHz coverage with over 4.5GHz
continuous bandwidth
– 4 receive and 4 transmit channels for PCB
interface to antennas
– Per transmit phase shifter
– Ultra-accurate chirp engine based on fractional-
N PLL
– TX power
• 13.5dBm
– RX noise figure
• 12dBm
– Phase noise at 1MHz
• -96dBc/Hz (76 to 77GHz)
• -95dBc/Hz (76 to 81GHz)
• Built-in calibration and self-test
– Built in firmware (ROM)
– Self-calibrating system across process and
temperature
• Processing elements
– Arm® Cortex-R5F® core (supports lock step
operation) @300MHz
– TI digital signal processor C66x @360MHz
– TI radar hardware accelerator (HWA2.1) for
operations like FFT, log magnitude, and
memory compression
– Multiple EDMA instances for data movement
• Host interface
– 2x CAN-FD
– 10/100Mbps RGMII/RMII/MII Ethernet
• Supports a serial flash memory interface (loading
user application from QSPI flash memory)
• Other interfaces available to user application
– Up to 9 ADC channels
– 2 SPIs
– 4 UARTs
– I2C
– GPIOs
– 3 EPWMs
– 4-lane Aurora LVDS interface for raw ADC data
and debug instrumentation
– CSI2 Rx interface to enable playback of the
captured data
• On-Chip RAM
– 4MBytes of ‘On Chip’ RAM
– Memory space split between DSP, MCU, and
shared L3
• Device security (on select part numbers)
– Programmable embedded hardware security
module (HSM)
– Secure authenticated and encrypted boot
support
– Customer programmable root keys, symmetric
keys (256 bit), asymmetric keys (up to RSA-4K
or ECC-512) with key revocation capability
– Cryptographic hardware accelerators: PKA with
ECC, AES (up to 256 bit), SHA (up to 512 bit),
TRNG/DRBG
• Functional safety compliant targeted
– Developed for functional safety applications
– Documentation will be available to aid ISO
26262 functional safety system design
– Hardware integrity up to SIL-2 targeted
• Advanced features
– Embedded self-monitoring with no external
processor involvement
– Embedded interference detection capability
• Power management
– On-die LDO network for enhanced PSRR
– LVCMOS IO supports dual voltage 3.3V and
1.8V
• Clock source
– 40MHz crystal with internal oscillator
– Supports external oscillator at 40MHz
– Supports externally driven clock (square or sine
wave) at 40MHz
• Effective Power Management
– Recommended LP87745 Power Management
ICs (PMIC)
• Companion PMIC specially designed to
meet device power supply requirements
• Flexible mapping and factory programmed
configurations to support different use cases
• Cost-reduced hardware design
– 0.65mm pitch, 12mm × 12mm flip chip BGA
package for easy assembly and low-cost PCB
design
– Small solution size
• Supports wide temperature operating range
– Operating junction temperature range: –40°C to
125°C

2 Applications
• Industrial transportation
• Traffic monitoring
• Parking barriers
• Factory automation

3 Description
The IWR2944 is a single-chip mmWave sensor composed of a FMCW transceiver, capable of operation in the
76 to 81GHz band, radar data processing elements, and peripherals for in-vehicle networking. The IWR2944 is
built with TI’s low-power 45nm RFCMOS process and enables unprecedented levels of integration in a small
form factor and minimal BOM. The IWR2944 is a device for low-power, self-monitored, ultra-accurate radar
systems in the industrial space.
TI’s low-power 45nm RFCMOS process enables a monolithic implementation of a 4 TX, 4 RX system
with integrated PLL, VCO, mixer, and baseband ADC. Integrated in the DSP subsystem (DSS), is TI's highperformance
C66x DSP for radar signal processing. The device includes a Radio Processor Subsystem (RSS),
which is responsible for radar front-end configuration, control, and calibration. Within the Main Subsystem
(MSS), the device implements a user-programmable Arm Cortex-R5F processor allowing for custom control
and industrial interface applications. The hardware accelerator block (HWA 2.1) supplements the DSS and
MSS by offloading common radar processing such as FFT, constant false alarm rate (CFAR), scaling, and
compression. This saves MIPS on the DSS and MSS, opening up resources for custom applications and
higher-level algorithms.
A Hardware Security Module (HSM) is also provisioned in the device (available for only secure part variants).
The HSM consists of a programmable Arm Cortex-M4 core and the necessary infrastructure to provide a secure
zone of operation within the device.
Simple programming model changes can enable a wide variety of sensor implementation (Short, Mid, Long) with
the possibility of dynamic reconfiguration for implementing a multimode sensor.




유사한 부품 번호 - IWR2944ABSALT

제조업체부품명데이터시트상세설명
logo
Texas Instruments
IWR2243 TI1-IWR2243 Datasheet
3Mb / 63P
IWR2243 Single-Chip 76- to 81-GHz FMCW Transceiver
OCTOBER 2021
IWR2243APBGABL TI1-IWR2243APBGABL Datasheet
3Mb / 63P
IWR2243 Single-Chip 76- to 81-GHz FMCW Transceiver
OCTOBER 2021
IWR2243APBGABLR TI1-IWR2243APBGABLR Datasheet
3Mb / 63P
IWR2243 Single-Chip 76- to 81-GHz FMCW Transceiver
OCTOBER 2021
More results


유사한 설명 - IWR2944ABSALT

제조업체부품명데이터시트상세설명
logo
Texas Instruments
AWR1443 TI1-AWR1443 Datasheet
1Mb / 76P
Single-Chip 77- and 79-GHz FMCW Radar Sensor
AWR1642 TI1-AWR1642 Datasheet
3Mb / 84P
Single-Chip 77- and 79-GHz FMCW Radar Sensor
AWR1642 TI1-AWR1642_18 Datasheet
3Mb / 88P
Single-Chip 77- and 79-GHz FMCW Radar Sensor
AWR1443 TI1-AWR1443_18 Datasheet
1Mb / 76P
Single-Chip 77- and 79-GHz FMCW Radar Sensor
AWR1843 TI1-AWR1843 Datasheet
2Mb / 77P
Single-Chip 77- and 79-GHz FMCW Radar Sensor
IWR1843 TI1-IWR1843 Datasheet
2Mb / 83P
IWR1843 Single-Chip 76- to 81-GHz FMCW mmWave Sensor
AWR2243 TI-AWR2243_V01 Datasheet
3Mb / 62P
AWR2243 Single-Chip 76- to 81-GHz FMCW Transceiver
AWR2944 TI-AWR2944 Datasheet
2Mb / 93P
AWR2944 Single-Chip 76- and 81-GHz FMCW Radar Sensor
SWRS273 ??NOVEMBER 2021
IWR1843 TI-IWR1843_V01 Datasheet
2Mb / 83P
IWR1843 Single-Chip 76- to 81-GHz FMCW mmWave Sensor
SEPTEMBER 2019
AWR2943 TI-AWR2943 Datasheet
1Mb / 98P
AWR2943/44 Single-Chip 76- and 81-GHz FMCW Radar Sensor
REVISED MARCH 2023
More results




Texas Instruments 에 대하여


Texas Instruments (TI)는 반도체 및 컴퓨터 기술 제품을 설계하고 제조하는 공개 거래 회사입니다.

1930 년에 설립되었으며 텍사스 달라스에 본사를두고 있습니다.

TI는 아날로그 및 디지털 신호 처리 (DSP) 통합 회로 생산뿐만 아니라 임베디드 프로세서 및 기타 마이크로 컨트롤러 제품의 글로벌 리더입니다.

이 회사는 자동차, 커뮤니케이션, 컴퓨팅, 산업 및 소비자 전자 제품을 포함한 다양한 산업 분야의 고객에게 서비스를 제공합니다.

TI의 제품 포트폴리오에는 데이터 변환기, 앰프 및 비교기, 전원 관리 IC, 마이크로 컨트롤러, 센서 및 무선 연결 솔루션이 포함됩니다.

TI는 혁신과 고객 만족에 전념하고 있으며, 고품질의 안정적인 제품을 고객에게 제공하는 오랜 역사를 가지고 있습니다.

지속 가능성과 에너지 효율에 중점을 둔 Ti는 기술과 제품을 통해 세계에 긍정적 인 영향을 미치는 데 전념하고 있습니다.

*이 정보는 일반적인 정보 제공의 목적으로만 제공되며 위 정보로 인해 발생하는 손실이나 손해에 대해 책임을 지지 않습니다.




링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com