전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DTU09N03 데이터시트 (PDF) - BYCHIP ELECTRONICS CO., LIMITED

DTU09N03 Datasheet PDF - BYCHIP ELECTRONICS CO., LIMITED
부품명 DTU09N03
다운로드  DTU09N03 다운로드
파일 크기   966.15 Kbytes
페이지   5 Pages
제조업체  BYCHIP [BYCHIP ELECTRONICS CO., LIMITED]
홈페이지  http://www.bychip.cn/
Logo BYCHIP - BYCHIP ELECTRONICS CO., LIMITED
상세설명 N-channel Enhancement Mode Power MOSFET

DTU09N03 Datasheet (PDF)

Go To PDF Page 다운로드 데이터시트
DTU09N03 Datasheet PDF - BYCHIP ELECTRONICS CO., LIMITED

부품명 DTU09N03
다운로드  DTU09N03 Click to download

파일 크기   966.15 Kbytes
페이지   5 Pages
제조업체  BYCHIP [BYCHIP ELECTRONICS CO., LIMITED]
홈페이지  http://www.bychip.cn/
Logo BYCHIP - BYCHIP ELECTRONICS CO., LIMITED
상세설명 N-channel Enhancement Mode Power MOSFET

DTU09N03 데이터시트 (HTML) - BYCHIP ELECTRONICS CO., LIMITED


DTU09N03 제품 세부 정보

Features
 VDS= 30V, ID= 80A
RDS(ON) < 7 mΩ @ VGS = 10V
RDS(ON) < 10mΩ @ VGS = 4.5V

General Features
● Advanced Trench Technology
● Provide Excellent RDS(ON) and Low Gate
Charge
● Lead Free and Green Available




유사한 부품 번호 - DTU09N03

제조업체부품명데이터시트상세설명
logo
DinTek Semiconductor Co...
DTU09N03 DINTEK-DTU09N03 Datasheet
321Kb / 8P
Halogen-free According to IEC 61249-2-21
DTU09N03 DINTEK-DTU09N03 Datasheet
1Mb / 8P
N-Channel 30 V (D-S) MOSFET Halogen-free
logo
VBsemi Electronics Co.,...
DTU09N03 VBSEMI-DTU09N03 Datasheet
1,020Kb / 8P
N-Channel 30-V (D-S) MOSFET
logo
SHENZHEN DOINGTER SEMIC...
DTU09N03S DOINGTER-DTU09N03S Datasheet
1Mb / 4P
N-Channel MOSFET uses advanced trench technology
logo
DinTek Semiconductor Co...
DTU09N03 DINTEK-DTU09N03_13 Datasheet
1Mb / 8P
N-Channel 30 V (D-S) MOSFET Halogen-free
More results


유사한 설명 - DTU09N03

제조업체부품명데이터시트상세설명
logo
GTM CORPORATION
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2308E GTM-G2308E Datasheet
330Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE50L02 GTM-GE50L02 Datasheet
258Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE70N03 GTM-GE70N03 Datasheet
299Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results



링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com