전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TD5820A 데이터시트 (PDF) - TECHCODE SEMICONDUCTOR, INC.

TD5820A Datasheet PDF - TECHCODE SEMICONDUCTOR, INC.
부품명 TD5820A
다운로드  TD5820A 다운로드
파일 크기   907.6 Kbytes
페이지   19 Pages
제조업체  TECHCODE [TECHCODE SEMICONDUCTOR, INC.]
홈페이지  http://www.techcodesemi.com/
Logo TECHCODE - TECHCODE SEMICONDUCTOR, INC.
상세설명 2A Low Dropout Regulator with Enable

TD5820A Datasheet (PDF)

Go To PDF Page 다운로드 데이터시트
TD5820A Datasheet PDF - TECHCODE SEMICONDUCTOR, INC.

부품명 TD5820A
다운로드  TD5820A Click to download

파일 크기   907.6 Kbytes
페이지   19 Pages
제조업체  TECHCODE [TECHCODE SEMICONDUCTOR, INC.]
홈페이지  http://www.techcodesemi.com/
Logo TECHCODE - TECHCODE SEMICONDUCTOR, INC.
상세설명 2A Low Dropout Regulator with Enable

TD5820A 데이터시트 (HTML) - TECHCODE SEMICONDUCTOR, INC.


TD5820A 제품 세부 정보

General Description
The TD5820 is a high performance positive voltage
regulator designed for use in applications requiring very
low Input voltage and very low dropout voltage at up to 2
amps. It operates with a VIN as low as 1.6V and VPP
voltage 5V with output voltage programmable as low as
0.8V. The TD5820 features ultra low dropout, ideal for
applications where VOUT is very close to VIN.
Additionally, the TD5820 has an enable pin to further
reduce power dissipation while shutdown. The TD5820
provides excellent regulation over variations in line,
load and temperature. The TD5820 provides a power OK
signal to indicate if the voltage level of VO reaches
92% of its rating value.
The TD5820 is available in the power SOP-8 PP package. It is available with 1.2V, 1.5V, 1.8V and 2.5V internally preset outputs that are also adjustable using
external resistors.

Features
● Adjustable Output Low to 0.8V
● Input Voltage as Low as 1.6V and VPP Voltage 5V
● 240mV Dropout @ 2A
● Over Current and Over Temperature Protection
● Enable Pin
● Low Reverse Leakage (Output to Input )
● Power SOP8 –PP Packages with Thermal Pad
● ±2% Output Voltage
● VO Power OK Signal
● 1.2V, 1.5V, 1.8V, 2.5V Options and Adjustable
● Externally Using Resistors
● VO Pull Low Resistance when Disable

Applications
● Motherboards
● Peripheral Cards
● Network Cards
● Set Top Boxes
● Notebook Computers




유사한 부품 번호 - TD5820A

제조업체부품명데이터시트상세설명
logo
TECHCODE SEMICONDUCTOR,...
TD5820B TECHCODE-TD5820B Datasheet
907Kb / 19P
2A Low Dropout Regulator with Enable
December, 20, 2009.
More results


유사한 설명 - TD5820A

제조업체부품명데이터시트상세설명
logo
Global Mixed-mode Techn...
G962 GMT-G962 Datasheet
238Kb / 6P
2A Low Dropout Regulator with Enable
G962 GMT-G962_07 Datasheet
533Kb / 11P
2A Low Dropout Regulator with Enable
logo
Eutech Microelectronics...
EUP7966 EUTECH-EUP7966 Datasheet
396Kb / 11P
2A Low-Dropout Regulator with Enable
logo
Unisonic Technologies
LR18120 UTC-LR18120 Datasheet
346Kb / 8P
2A LOW DROPOUT REGULATOR WITH ENABLE
LR18120 UTC-LR18120_11 Datasheet
391Kb / 8P
2A LOW DROPOUT REGULATOR WITH ENABLE
logo
E-Tech Electronics LTD
LR18120 ETL-LR18120 Datasheet
380Kb / 8P
2A LOW DROPOUT REGULATOR WITH ENABLE
logo
Global Mixed-mode Techn...
G975 GMT-G975 Datasheet
154Kb / 1P
2A Low Dropout Regulator with Enable
G966 GMT-G966 Datasheet
46Kb / 1P
2A Low Dropout Regulator with Enable
G962 GMT-G962_15 Datasheet
75Kb / 1P
2A Low Dropout Regulator with Enable
logo
E-CMOS Corporation
EC8320 E-CMOS-EC8320 Datasheet
1Mb / 16P
2A Low Dropout Regulator with Enable
More results



링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com