전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SVS7N65FD2 데이터시트 (PDF) - Silan Microelectronics Joint-stock

SVS7N65FD2 Datasheet PDF - Silan Microelectronics Joint-stock
부품명 SVS7N65FD2
다운로드  SVS7N65FD2 다운로드
파일 크기   289.86 Kbytes
페이지   10 Pages
제조업체  SILAN [Silan Microelectronics Joint-stock]
홈페이지  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock
상세설명 7A, 650V SUPER JUNCTION MOS POWER TRANSISTOR

SVS7N65FD2 Datasheet (PDF)

Go To PDF Page 다운로드 데이터시트
SVS7N65FD2 Datasheet PDF - Silan Microelectronics Joint-stock

부품명 SVS7N65FD2
다운로드  SVS7N65FD2 Click to download

파일 크기   289.86 Kbytes
페이지   10 Pages
제조업체  SILAN [Silan Microelectronics Joint-stock]
홈페이지  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock
상세설명 7A, 650V SUPER JUNCTION MOS POWER TRANSISTOR

SVS7N65FD2 데이터시트 (HTML) - Silan Microelectronics Joint-stock


SVS7N65FD2 제품 세부 정보

DESCRIPTION
SVS7N65D(F)(MJ)(FJ)D2 is an N-channel enhancement mode high
voltage power MOSFETs produced using Silan’s super junction MOS
technology. It achieves low conduction loss and switching losses. It
leads the design engineers to their power converters with high
efficiency, high power density, and superior thermal behavior.
Furthermore, it’s universal applicable, for example, it is suitable for
hard and soft switching topologies, Lighting, Adapters, etc.

FEATURES
 7A,650V, RDS(on)(typ.)=0.55@VGS=10V
 New revolutionary high voltage technology
 Ultra low gate charge
 Enhanced avalanche capability
 Extreme dv/dt rated
 High peak current capability




유사한 부품 번호 - SVS7N65FD2

제조업체부품명데이터시트상세설명
logo
Silan Microelectronics ...
SVS7N65FD2 SILAN-SVS7N65FD2 Datasheet
289Kb / 10P
7A, 650V SUPER JUNCTION MOS POWER TRANSISTOR
Rev.:1.6
SVS7N65FD2 SILAN-SVS7N65FD2 Datasheet
289Kb / 10P
7A, 650V SUPER JUNCTION MOS POWER TRANSISTOR
Rev.:1.6
SVS7N65FD2 SILAN-SVS7N65FD2 Datasheet
289Kb / 10P
7A, 650V SUPER JUNCTION MOS POWER TRANSISTOR
Rev.:1.6
SVS7N65FD2 SILAN-SVS7N65FD2 Datasheet
281Kb / 10P
7A, 650V SUPER JUNCTION MOS POWER TRANSISTOR
Rev.:1.6
SVS7N65FD2 SILAN-SVS7N65FD2 Datasheet
281Kb / 10P
7A, 650V SUPER JUNCTION MOS POWER TRANSISTOR
Rev.:1.6
More results


유사한 설명 - SVS7N65FD2

제조업체부품명데이터시트상세설명
logo
Alpha & Omega Semicondu...
AOB7S65 AOSMD-AOB7S65 Datasheet
308Kb / 7P
650V 7A a MOS Power Transistor
AOD7S65 AOSMD-AOD7S65 Datasheet
363Kb / 7P
650V 7A a MOS Power Transistor
AOW7S65 AOSMD-AOW7S65 Datasheet
267Kb / 6P
650V 7A a MOS TM Power Transistor
logo
Wuxi Unigroup Microelec...
TPA65R940C WUMC-TPA65R940C Datasheet
983Kb / 9P
650V Super-Junction Power MOSFET
logo
Alpha & Omega Semicondu...
AOT7S65L AOSMD-AOT7S65L Datasheet
557Kb / 7P
650V 7A a MOS
logo
Shenzhen Foster Semicon...
FIR7NS65ABPG FOSTER-FIR7NS65ABPG Datasheet
2Mb / 7P
7A, 650V DP MOS POWER TRANSISTOR-S
FIR7NS65AFG FOSTER-FIR7NS65AFG Datasheet
2Mb / 7P
7A, 650V DP MOS POWER TRANSISTOR-S
FIR7NS65ALG FOSTER-FIR7NS65ALG Datasheet
2Mb / 7P
7A, 650V DP MOS POWER TRANSISTOR-S
More results



링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com