전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SGM40560-4.2 데이터시트 (PDF) - SG Micro Corp

SGM40560-4.2 Datasheet PDF - SG Micro Corp
부품명 SGM40560-4.2
다운로드  SGM40560-4.2 다운로드
파일 크기   799.31 Kbytes
페이지   18 Pages
제조업체  SGMICRO [SG Micro Corp]
홈페이지  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp
상세설명 Small Capacity Compact Battery Charger for Loosely Coupled Wireless Charging/Solar Charging

SGM40560-4.2 Datasheet (PDF)

Go To PDF Page 다운로드 데이터시트
SGM40560-4.2 Datasheet PDF - SG Micro Corp

부품명 SGM40560-4.2
다운로드  SGM40560-4.2 Click to download

파일 크기   799.31 Kbytes
페이지   18 Pages
제조업체  SGMICRO [SG Micro Corp]
홈페이지  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp
상세설명 Small Capacity Compact Battery Charger for Loosely Coupled Wireless Charging/Solar Charging

SGM40560-4.2 데이터시트 (HTML) - SG Micro Corp


SGM40560-4.2 제품 세부 정보

GENERAL DESCRIPTION
The SGM40560 is designed for the monolithic circuit
with high-precision linear constant-current, and
constant-voltage charging, which is specifically for
small capacity Li-Ion/polymer Li-Ion secondary battery.
It can complete the whole processes of pre-charge,
fast-charge, trickle floating charge, voltage fold-back
holding, resistive voltage drop compensation and
recharge stand-alone. The maximum charge voltage is
fixed with five options:
SGM40560-3.65 corresponds to 3.65V/3.709V/4.547V
SGM40560-4.05 corresponds to 4.05V/4.108V/5.045V
SGM40560-4.2 corresponds to 4.2V/4.257V/5.235V
SGM40560-4.3 corresponds to 4.3V/4.356V/5.363V
SGM40560-4.4 corresponds to 4.4V/4.466V/5.484V
The charge current is set with the external resistor. The
slow blinking LED indicates charging in progress and
the continuous shining LED within a certain time
indicates charging completion, which can be charged
even with weak energy. It can operate with
constant-voltage power supply, additionally, depending
on its features and control structure. It can charge for
the loose coupling coil with large voltage fluctuations
and it also works for the solar batteries with reverse
current. Therefore, it can provide flexible power supply
options for wearable devices and mini portable devices.
It has the voltage fold-back holding function and
thermal current limit function so that the external power
source can be used to supply power to the load for a
long time safely and stably.
The SGM40560 is available in Green TDFN-2×2-6AL
and SOIC-8 (Exposed Pad) packages and is rated over
the -40℃ to +125℃ temperature range

FEATURES
● Stand-Alone Working of Complete Processes for
Single-Cell Battery Charging
● Suitable for Li-Ion Phosphate Battery/
Li-Ion/Polymer Li-Ion/Lithium Titanate/
Nickel-Metal Hydride Secondary Battery and
EDLC Capacitor Charging
● Optional Maximum Charge Voltage:
3.65V to 5.5V
● High Accuracy Safe and Fast Charging
● 4% Output Voltage Fold-Back Holding Function
● Works with Loose Coupling Coil
● Works with Solar Batteries
● Saturated Conduction Charging
● Automatic Thermal Current Limit
● Power Saving Indication Mode
● Available in Green TDFN-2×2-6AL and SOIC-8
(Exposed Pad) Packages

APPLICATIONS
Bluetooth Headsets, Bluetooth Mouses
Wireless Thermometers, Wireless Oximeters, Wireless
Pulsimeters
Active Keys, Active Beacons
Photovoltaic Storage Maintenance, Hub Dynamo
Storage Maintenance




유사한 부품 번호 - SGM40560-4.2

제조업체부품명데이터시트상세설명
logo
SG Micro Corp
SGM4056 SGMICRO-SGM4056 Datasheet
413Kb / 19P
High Input Voltage Charger
SGM4056 SGMICRO-SGM4056 Datasheet
1Mb / 20P
High Input Voltage Charger
SGM4056-10.5YPS8G/TR SGMICRO-SGM4056-10.5YPS8G/TR Datasheet
1Mb / 20P
High Input Voltage Charger
SGM4056-10.5YTDB8G/TR SGMICRO-SGM4056-10.5YTDB8G/TR Datasheet
1Mb / 20P
High Input Voltage Charger
SGM4056-10.5YTDC8G/TR SGMICRO-SGM4056-10.5YTDC8G/TR Datasheet
1Mb / 20P
High Input Voltage Charger
More results


유사한 설명 - SGM40560-4.2

제조업체부품명데이터시트상세설명
logo
TDK Electronics
WR221230-36M8-G TDK-WR221230-36M8-G Datasheet
76Kb / 4P
Wireless Charging
WR222230-26M8-G TDK-WR222230-26M8-G Datasheet
72Kb / 4P
Wireless Charging
WR301025-19M8-G TDK-WR301025-19M8-G Datasheet
76Kb / 4P
Wireless Charging
WRM483245 TDK-WRM483245 Datasheet
100Kb / 5P
Wireless Charging
WTM505090-10K2-5V-G1 TDK-WTM505090-10K2-5V-G1 Datasheet
105Kb / 4P
Wireless charging
logo
Central Technologies
CTRX324517SF-140K CT-CTRX324517SF-140K Datasheet
175Kb / 1P
Wireless Charging Coils
CTRX324815BF-120K CT-CTRX324815BF-120K Datasheet
209Kb / 1P
Wireless Charging Coils
CTTX504335BF-6R3K CT-CTTX504335BF-6R3K Datasheet
220Kb / 1P
Wireless Charging Coils
logo
Infineon Technologies A...
IRL60HS118 INFINEON-IRL60HS118 Datasheet
1Mb / 16P
Wireless charging
V1.2 2017-03-29
logo
SG Micro Corp
SGM41524 SGMICRO-SGM41524 Datasheet
833Kb / 16P
Compact Switch Li/Poly Battery Charger Safe and Reliable Charging
NOVEMBER2020-REV.A.1
More results



링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com